Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV393MUTAG Datasheet(PDF) 2 Page - ON Semiconductor

Part # LMV393MUTAG
Description  Single, Dual, Quad General Purpose, Low Voltage Comparators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LMV393MUTAG Datasheet(HTML) 2 Page - ON Semiconductor

  LMV393MUTAG Datasheet HTML 1Page - ON Semiconductor LMV393MUTAG Datasheet HTML 2Page - ON Semiconductor LMV393MUTAG Datasheet HTML 3Page - ON Semiconductor LMV393MUTAG Datasheet HTML 4Page - ON Semiconductor LMV393MUTAG Datasheet HTML 5Page - ON Semiconductor LMV393MUTAG Datasheet HTML 6Page - ON Semiconductor LMV393MUTAG Datasheet HTML 7Page - ON Semiconductor LMV393MUTAG Datasheet HTML 8Page - ON Semiconductor LMV393MUTAG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
LMV331, NCV331, LMV393, LMV339
http://onsemi.com
2
MARKING DIAGRAMS
CCAM
G
G
PACKAGE PINOUTS
(Top Views)
SC−70/TSOP−5
LMV
339
ALYW
G
G
1
14
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
V393
AYW
G
G
1
8
LMV339
AWLYWWG
1
14
A
= Assembly Location
WL
= Wafer Lot
Y
= Year
WW
= Work Week
G
= Pb−Free Package
+IN
GND
+
1
2
3
5
4
GND
Inputs A
Inputs B
Output B
Output A
VCC
+
+
1
2
3
4
8
7
6
5
3
2
1
*
)
*
)
1
2
3
4
5
6
7
14
8
9
10
11
12
13
Output 2
− Input 1
Output 1
Output 3
Output 4
+ Input 1
− Input 2
+ Input 2
+ Input 4
− Input 4
+ Input 3
− Input 3
VCC
GND
)
*
)
*
4
OUTPUT
VCC
−IN
Micro8 / SOIC−8 / UDFN8
SOIC−14 / TSSOP−14
V393
ALYW
G
G
1
8
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
SC−70
CASE 419A
Micro8
CASE 846A
SOIC−14
CASE 751A
TSSOP−14
CASE 948G
SOIC−8
CASE 751
1
5
3CAAYW
G
G
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
TSOP−5
CASE 483
CA = Specific Device Code
M
= Date Code
G
= Pb−Free Package
CAM
G
G
UDFN8
CASE 517AJ
(Top Views)
(Top Views)
(Note: Microdot may be in either location)
CCA = Specific Device Code
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
(Note: Microdot may be in either location)
(Note: Microdot may be in either location)


Similar Part No. - LMV393MUTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LMV393MUTAG ONSEMI-LMV393MUTAG Datasheet
916Kb / 21P
   Single, Dual, Quad General Purpose, Low Voltage Comparators
October, 2009 ??Rev. 3
LMV393MUTAG ONSEMI-LMV393MUTAG Datasheet
845Kb / 20P
   Single, Dual, Quad General Purpose, Low Voltage Comparators
June, 2017 ??Rev. 8
More results

Similar Description - LMV393MUTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LMV331 ONSEMI-LMV331_17 Datasheet
845Kb / 20P
   Single, Dual, Quad General Purpose, Low Voltage Comparators
June, 2017 ??Rev. 8
LMV331 ONSEMI-LMV331 Datasheet
916Kb / 21P
   Single, Dual, Quad General Purpose, Low Voltage Comparators
October, 2009 ??Rev. 3
logo
Maxim Integrated Produc...
LMX331 MAXIM-LMX331 Datasheet
387Kb / 12P
   General-Purpose, Low-Voltage, Single/Dual/Quad, Tiny-Pack Comparators
Rev 2; 1/02
LMX331 MAXIM-LMX331_11 Datasheet
190Kb / 9P
   General-Purpose, Low-Voltage, Single/Dual/Quad, Tiny-Pack Comparators
Rev 4; 5/11
logo
Texas Instruments
LMV331 TI1-LMV331_15 Datasheet
1Mb / 39P
[Old version datasheet]   Quad General-purpose Low-voltage Comparators
logo
Maxim Integrated Produc...
MAX9092 MAXIM-MAX9092 Datasheet
1Mb / 11P
   General-Purpose, Low-Voltage, Dual/Quad, Tiny Pack Comparators
Rev 0; 7/12
logo
ams AG
AS1970 AMSCO-AS1970_1 Datasheet
754Kb / 18P
   Low-Voltage Single/Dual/Quad Comparators
AS1970 AMSCO-AS1970_05 Datasheet
1Mb / 19P
   Low-Voltage Single/Dual/Quad Comparators
AS1970 AMSCO-AS1970 Datasheet
147Kb / 2P
   Low-Voltage Single/Dual/Quad Comparators
logo
Texas Instruments
LMV331 TI1-LMV331 Datasheet
483Kb / 22P
[Old version datasheet]   Quad General Purpose, Low Voltage, Tiny Pack Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com