Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM833 Datasheet(PDF) 1 Page - ON Semiconductor

Part # LM833
Description  Low Noise, Audio Dual Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM833 Datasheet(HTML) 1 Page - ON Semiconductor

  LM833_11 Datasheet HTML 1Page - ON Semiconductor LM833_11 Datasheet HTML 2Page - ON Semiconductor LM833_11 Datasheet HTML 3Page - ON Semiconductor LM833_11 Datasheet HTML 4Page - ON Semiconductor LM833_11 Datasheet HTML 5Page - ON Semiconductor LM833_11 Datasheet HTML 6Page - ON Semiconductor LM833_11 Datasheet HTML 7Page - ON Semiconductor LM833_11 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2011
September, 2011 − Rev. 6
1
Publication Order Number:
LM833/D
LM833, NCV833
Low Noise, Audio Dual
Operational Amplifier
The LM833 is a standard low−cost monolithic dual general−purpose
operational amplifier employing Bipolar technology with innovative
high−performance concepts for audio systems applications. With high
frequency PNP transistors, the LM833 offers low voltage noise
(4.5 nV/ Hz ), 15 MHz gain bandwidth product, 7.0 V/
ms slew rate,
0.3 mV input offset voltage with 2.0
mV/°C temperature coefficient of
input offset voltage. The LM833 output stage exhibits no dead−band
crossover distortion, large output voltage swing, excellent phase and
gain margins, low open loop high frequency output impedance and
symmetrical source/sink AC frequency response.
For an improved performance dual/quad version, see the MC33079
family.
Features
Low Voltage Noise: 4.5 nV/ Hz
High Gain Bandwidth Product: 15 MHz
High Slew Rate: 7.0 V/ms
Low Input Offset Voltage: 0.3 mV
Low T.C. of Input Offset Voltage: 2.0 mV/°C
Low Distortion: 0.002%
Excellent Frequency Stability
Dual Supply Operation
NCV Prefix for Automotive and Other Applications Requiring Site
and Change Controls
These Devices are Pb−Free and are RoHS Compliant
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Supply Voltage (VCC to VEE)
VS
+36
V
Input Differential Voltage Range (Note 1)
VIDR
30
V
Input Voltage Range (Note 1)
VIR
±15
V
Output Short Circuit Duration (Note 2)
tSC
Indefinite
Operating Ambient Temperature Range
TA
−40 to +85
°C
Operating Junction Temperature
TJ
+150
°C
Storage Temperature
Tstg
−60 to +150
°C
ESD Protection at any Pin
− Human Body Model
− Machine Model
Vesd
600
200
V
Maximum Power Dissipation (Notes 2 and 3)
PD
500
mW
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Either or both input voltages must not exceed the magnitude of VCC or VEE.
2. Power dissipation must be considered to ensure maximum junction
temperature (TJ) is not exceeded (see power dissipation performance
characteristic).
3. Maximum value at TA ≤ 85°C.
PDIP−8
N SUFFIX
CASE 626
1
SOIC−8
D SUFFIX
CASE 751
1
MARKING
DIAGRAMS
LM833
= Device Code
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
PIN CONNECTIONS
2
(Top View)
1
3
4
8
7
6
5
Output 1
Inputs 1
Output 2
Inputs 2
VEE
VCC
1
2
1
8
LM833N
AWL
YYWWG
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
LM833
ALYW
G
1
LM833N = Device Code
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package


Similar Part No. - LM833_11

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM833 UTC-LM833_15 Datasheet
149Kb / 5P
   DUAL OPERATIONAL AND LOW VOLTAGE NOISE AMPLIFIER
More results

Similar Description - LM833_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM833 ONSEMI-LM833_05 Datasheet
100Kb / 8P
   Low Noise, Audio Dual Operational Amplifier
December, 2005 ??Rev. 5
logo
Analog Devices
SSM2134 AD-SSM2134 Datasheet
294Kb / 6P
   LOW NOISE AUDIO OPERATIONAL AMPLIFIER
REV. A
logo
New Japan Radio
NJM4585 NJRC-NJM4585 Datasheet
847Kb / 6P
   Low Noise, Bipolar Input Dual, Audio Operational amplifier
Ver.00
NJM8068 NJRC-NJM8068 Datasheet
1Mb / 14P
   LOW NOISE, BIPOLAR INPUT DUAL AUDIO OPERATIONAL AMPLIFIER
Ver.3.1
logo
Ceramate Technical
CO5532 CERAMATE-CO5532 Datasheet
900Kb / 6P
   Dual Low-Noise Operational Amplifier
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580_15 Datasheet
146Kb / 11P
   Dual Low Noise Operational Amplifier
logo
ON Semiconductor
MC33077 ONSEMI-MC33077_04 Datasheet
178Kb / 14P
   Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
logo
New Japan Radio
NJM2041 NJRC-NJM2041 Datasheet
195Kb / 5P
   LOW-NOISE DUAL OPERATIONAL AMPLIFIER????
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833_05 Datasheet
136Kb / 9P
   Low Noise Dual Operational Amplifier
MC33078 STMICROELECTRONICS-MC33078_08 Datasheet
192Kb / 15P
   Low noise dual operational amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com