Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFPT-127 Datasheet(PDF) 1 Page - IQD Frequency Products Ltd

Part # CFPT-127
Description  TCXO Specification
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

CFPT-127 Datasheet(HTML) 1 Page - IQD Frequency Products Ltd

  CFPT-127 Datasheet HTML 1Page - IQD Frequency Products Ltd CFPT-127 Datasheet HTML 2Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CFPT-127
TCXO Specification
ISSUE 5; April 2016
Outline (mm)
Test Circuit
Description
Surface mount temperature compensated crystal oscillator
(TCXO) providing a high degree of frequency stability over a
wide temperature in a hermetically sealed ceramic package
and is suitable for GPS applications
Frequency Parameters
Frequency
16.32MHz to 33.6MHz
Frequency Stability
±0.50ppm
±1ppm typical in 1st year
@25°C
Ageing
Electrical Parameters
3.0V ±10%
Supply Voltage
Current Draw (Typical): 2mA @ 20MHz
Supply Voltage Variation: ±0.2ppm
Load Variation: ±0.2ppm (10kΩ // 10pF)
After Reflow: ±1.0ppm
Operating Temperature Ranges
-40 to 85°C
Output Details
Output Compatability
Clipped Sine
Drive Capability
10kΩ // 10pF
Output Waveform: 0.8 Vpk-pk min, DC-Coupled
Environmental Parameters
Shock: IEC 60068-2-27, Test Ea: 980m/s2 acceleration for
6ms, 3 shocks in each of 3 mutually perpendicular planes
Vibration: IEC 60068-2-6, Test Fc, Procedure B4: 10Hz-60Hz
1.5mm displacement, 60-2000Hz at 98.1m/s2, 30mins in 3
mutually perpendicular planes at 1 oct/min
Solderability: MIL-STD-202, Method 208, Category 3
Storage Temperature Range: –55 to 125°C
Manufacturing Details
Soldering: Suitable for Convection Reflow soldering. Peak
temperature 260°C for 10sec max
Washing: Able to withstand aqueous washing
Ordering Information
Frequency*
Model*
Output
Frequency Stability (over operating temperature range)*
Operating Temperature Range*
Supply Voltage
Example
26.0MHz CFPT-127
Clipped Sine ±0.5ppm –40 to 85C 3V
Compliance
Compliant
RoHS Status (2011/65/EU)
Compliant
REACh Status
MSL Rating (JDEC-STD-033):
Not Applicable
Printed on 26 Apr 16 11:54 using Model Data Sheet V1.2550
Page 1 of 2
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Similar Part No. - CFPT-127

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
CFPT-123 IQD-CFPT-123 Datasheet
791Kb / 2P
   VCTCXO Specification
logo
List of Unclassifed Man...
CFPT-125 ETC2-CFPT-125 Datasheet
46Kb / 2P
   Surface mount temperature compensated voltage controlled oscillator
logo
IQD Frequency Products ...
CFPT-125 IQD-CFPT-125 Datasheet
723Kb / 2P
   VCTCXO Specification
logo
List of Unclassifed Man...
CFPT-126 ETC1-CFPT-126 Datasheet
39Kb / 2P
   CFPT-126
logo
IQD Frequency Products ...
CFPT-126 IQD-CFPT-126 Datasheet
204Kb / 2P
   VCTCXO Specification
More results

Similar Description - CFPT-127

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
E3179LF IQD-E3179LF Datasheet
956Kb / 2P
   TCXO Specification
IQXT-260 IQD-IQXT-260 Datasheet
317Kb / 4P
   TCXO Specification
IQXT-315 IQD-IQXT-315 Datasheet
430Kb / 2P
   TCXO Specification
IQXT-140-3.3V IQD-IQXT-140-3.3V Datasheet
1Mb / 2P
   TCXO Specification
IQXT-312 IQD-IQXT-312 Datasheet
141Kb / 3P
   TCXO Specification
LFTCXO070898 IQD-LFTCXO070898 Datasheet
246Kb / 2P
   TCXO Specification
LFTCXO075796 IQD-LFTCXO075796 Datasheet
140Kb / 2P
   TCXO Specification
LFTCXO079058 IQD-LFTCXO079058 Datasheet
117Kb / 1P
   TCXO Specification
V1.0020
LFTCXO063784 IQD-LFTCXO063784_V01 Datasheet
497Kb / 2P
   TCXO Specification
V1.0018
IQXT-282 IQD-IQXT-282 Datasheet
133Kb / 2P
   TCXO Specification
IQXT-291 IQD-IQXT-291 Datasheet
133Kb / 2P
   TCXO Specification
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com