Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJP05N60 Datasheet(PDF) 2 Page - ZP Semiconductor

Part # CJP05N60
Description  N-Channel Power MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

CJP05N60 Datasheet(HTML) 2 Page - ZP Semiconductor

  CJP05N60 Datasheet HTML 1Page - ZP Semiconductor CJP05N60 Datasheet HTML 2Page - ZP Semiconductor CJP05N60 Datasheet HTML 3Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical characteristics (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Drain-Source Breakdown Voltage
V(BR) DSS
VGS = 0V, ID =250µA
600
Gate-Threshold Voltage
VGS(th)
VDS =VGS, ID =250µA
2.0
4.0
V
Gate-Body Leakage Current (note 4)
IGSS
VDS =0V, VGS =±30V
±100
nA
Zero Gate Voltage Drain Current
IDSS
VDS =600V, VGS =0V
1
µA
Drain-Source On-State Resistance
RDS(on)
VGS =10V, ID =2.25A
2.5
Input Capacitance
Ciss
670
Output Capacitance
Coss
72
Reverse Transfer Capacitance
Crss
VDS =25V,VGS =0V,
f =1MHz
8.5
pF
Turn-On Delay Time (note 4)
td(on)
30
Rise Time (note 4)
tr
90
Turn-Off Delay Time (note 4)
td(off)
85
Fall Time (note 4)
tf
VDD=300V,ID=4.5A,
RG=25Ω
100
ns
Forward on Voltage (note 4)
VSD
VGS =0V, IS=4.5A
1.4
V
Notes:
1.
EAS condition: Tj=25
℃ , VDD=50V,RG=25Ω,L=16mH,IAS=5A
2.
This test is performed with no heat sink at Ta=25
℃.
3.
This test is performed with infinite heat sink at Tc=25
℃.
4.
Pulse Test : Pulse Width≤300µs, Duty Cycle ≤2%.
Forward transconductance
gfs
VDS =
40V, ID =2.25A
2.9
S
2 of 3
sales@zpsemi.com
www.zpsemi.com
CJP05N60


Similar Part No. - CJP05N60

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJP05N60B JIANGSU-CJP05N60B Datasheet
509Kb / 4P
   N-Channel Power MOSFET
More results

Similar Description - CJP05N60

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com