Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDQ15-Q48-S15-D Datasheet(PDF) 3 Page - CUI INC

Part # PDQ15-Q48-S15-D
Description  DC-DC CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDQ15-Q48-S15-D Datasheet(HTML) 3 Page - CUI INC

  PDQ15-Q48-S15-D Datasheet HTML 1Page - CUI INC PDQ15-Q48-S15-D Datasheet HTML 2Page - CUI INC PDQ15-Q48-S15-D Datasheet HTML 3Page - CUI INC PDQ15-Q48-S15-D Datasheet HTML 4Page - CUI INC PDQ15-Q48-S15-D Datasheet HTML 5Page - CUI INC PDQ15-Q48-S15-D Datasheet HTML 6Page - CUI INC PDQ15-Q48-S15-D Datasheet HTML 7Page - CUI INC PDQ15-Q48-S15-D Datasheet HTML 8Page - CUI INC PDQ15-Q48-S15-D Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
cui.com
date 07/12/2016
│ page 3 of 9
CUI Inc
│ SERIES: PDQ15-D │ DESCRIPTION: DC-DC CONVERTER
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
zener or TVS clamp
3.3 Vdc output models
5 Vdc output models (single and dual)
12 Vdc output models (single and dual)
15 Vdc output models (single and dual)
3.9
6.2
15
18
Vdc
Vdc
Vdc
Vdc
over current protection
hiccup mode
110
140
160
%
short circuit protection
continuous, automatic recovery
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output for 1 minute
1,500
Vdc
isolation resistance
input to output
1,000
MΩ
isolation capacitance
input to output
1,000
pF
conducted emissions
EN 55022 Class A (external circuit required, see
Figure 3)
MTBF
as per MIL-HDBK-217F, GB, full load, 25°C
3.3, 5 Vdc output models
all other models
950,000
1,300,000
hours
hours
RoHS
2011/65/EU
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curves
-40
105
°C
storage temperature
-55
125
°C
operating humidity
non-condensing
95
%
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
wave soldering
see wave soldering profile
260
°C
Time (Seconds)
Notes:
1. Soldering materials: Sn/Cu/Ni
2. Ramp up rate during preheat: 1.4°C/s (from 50°C to 100°C)
3. Soaking temperature: 0.5°C/s (from 100°C to 130°C), 60±20 seconds
4. Peak temperature: 260°C, above 250°C for 3~6 seconds
5. Ramp down rate during cooling: -10°C/s (from 260°C to 150°C)
For more information, please visit the product page.


Similar Part No. - PDQ15-Q48-S15-D

ManufacturerPart #DatasheetDescription
logo
CUI INC
PDQ15-Q48-S15-D CUI-PDQ15-Q48-S15-D Datasheet
938Kb / 9P
   DC-DC CONVERTER
More results

Similar Description - PDQ15-Q48-S15-D

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com