Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UJ2-ADH-TH Datasheet(PDF) 2 Page - CUI INC

Part # UJ2-ADH-TH
Description  USB JACK
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

UJ2-ADH-TH Datasheet(HTML) 2 Page - CUI INC

  UJ2-ADH-TH Datasheet HTML 1Page - CUI INC UJ2-ADH-TH Datasheet HTML 2Page - CUI INC UJ2-ADH-TH Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
cui.com
CUI Inc
│ SERIES: UJ2-ADH-TH │ DESCRIPTION: USB JACK
date 08/05/2016
│ page 2 of 3
PCB edge
MECHANICAL DRAWING
units: mm
tolerance:
X.X ±0.38 mm
X.XX ±0.25 mm
MATERIAL
PLATING
contact terminals phosphor bronze contact: gold over nickel
solder: tin over nickel
shield
brass
nickel
insulator
PBT
Recommended PCB Layout
Top View
For more information, please visit the product page.


Similar Part No. - UJ2-ADH-TH

ManufacturerPart #DatasheetDescription
logo
CUI INC
UJ2-ADH-TH CUI-UJ2-ADH-TH Datasheet
309Kb / 3P
   USB RECEPTACLE
04/07/2022
UJ2-ADH-TH CUI-UJ2-ADH-TH_V01 Datasheet
309Kb / 3P
   USB RECEPTACLE
04/07/2022
More results

Similar Description - UJ2-ADH-TH

ManufacturerPart #DatasheetDescription
logo
CUI INC
UJ2-MBH-SMT CUI-UJ2-MBH-SMT Datasheet
341Kb / 4P
   USB JACK
UJ3-AH-4-TH CUI-UJ3-AH-4-TH Datasheet
285Kb / 3P
   USB JACK
UJ2-ADH-XX-TH CUI-UJ2-ADH-XX-TH Datasheet
305Kb / 3P
   USB JACK
UJ2-AV-XX-TH CUI-UJ2-AV-XX-TH Datasheet
298Kb / 3P
   USB JACK
UJ2-MBH-X-SMT-TR CUI-UJ2-MBH-X-SMT-TR Datasheet
336Kb / 4P
   USB JACK
UJ2-BH-TH CUI-UJ2-BH-TH Datasheet
288Kb / 3P
   USB JACK
UJ2-MABH-SMT CUI-UJ2-MABH-SMT Datasheet
339Kb / 4P
   USB JACK
UJ2-AH-4-TH CUI-UJ2-AH-4-TH Datasheet
306Kb / 3P
   USB JACK
UJ2-BH-XX-TH CUI-UJ2-BH-XX-TH Datasheet
288Kb / 3P
   USB JACK
UJ2-BV-1-TH CUI-UJ2-BV-1-TH Datasheet
265Kb / 3P
   USB JACK
UJ2-MIBH2-4-SMT CUI-UJ2-MIBH2-4-SMT Datasheet
737Kb / 4P
   USB JACK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com