Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NF-TMP-1 Datasheet(PDF) 1 Page - Hirose Electric

Part # NF-TMP-1
Description  The non-reflective terminators exhibit a high degree of matching of V.S.W.R. 1.12 or less for all products.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

NF-TMP-1 Datasheet(HTML) 1 Page - Hirose Electric

  NF-TMP-1 Datasheet HTML 1Page - Hirose Electric NF-TMP-1 Datasheet HTML 2Page - Hirose Electric NF-TMP-1 Datasheet HTML 3Page - Hirose Electric NF-TMP-1 Datasheet HTML 4Page - Hirose Electric NF-TMP-1 Datasheet HTML 5Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
152
C15 Type Accessories
NF Series
Remarks
Incombustible material
sFeatures
1.High Degree of Matching
The non-reflective terminators exhibit a high degree
of matching of V.S.W.R. 1.12 or less for all products.
2.Easy Connection and Disconnection
The push-on plug type of connector, which ensures
easy connection and disconnection, is available for
the F type of non-reflective termination and in-line
adapter.
C15 type accessories (with an impedance Z of 75ø)
are high performance accessories for the satellite
broadcast receivers and measuring instruments
developed to respond to the new media wave.
NCJ-NFJ
NCJ-NFP
NCP-NFP
NCP-NFJ
HDC-NF-PJ
NF-TMJ-P
NF-A-PP
NF-TMP-P
NF-PA-JJ
NF-A-JJ NF-A-PJ-1 NF-TMP-1
HB-NF-PJ
HI-NNF-PJ-50/75
s Product Specifications
Ratings
Frequency range (Note)
Characteristic impedance
Maximum Input Power
(Non-reflective termination)
Operating temperature range
Operating relative humidity
DC to 2.0 GHz
75 ohms
0.25W
-10ç to +65ç
95% Max.
Note: The frequency range will depend on the model.
s Materials
Part
Body
Brass
Nickel plating
Gold plating
Gold plating
Male center contact
Female center contact
Insulator
Brass
Beryllium copper
PTFE
----------
Material
Finish
----------
----------
----------
s Ordering Information
qTerminations
qIn-line Adapters
qConversion Adapter
Series Name: NF
TM: Non-reflective termination
Coupling Portion
P: Plug
J: Jack
P: Precision
1- : Suffix
1
2
3
4
Series Name: NF
A: In-line adapter
PA: Panel adapter
Coupling Portion
PP: Plug - Plug
JJ: Jack - Jack
PJ: Plug - Jack
Suffix
1
2
3
4
Connector Form (1)
NCP: NC type plug
NCJ: NC type jack
Connector Form (2)
NFP: C15 type plug
NFJ: C15 type jack
1
2
1
2
3
NF - TM P - P
4
1
2
3
NF - A - PJ - 1
4
1
2
NCJ - NFP
Item
1.Insulation resistance
500 M ohms min.
500 V DC
2.Contact resistance
5 mV max.
1 A DC
Standard
Conditions
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - NF-TMP-1

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
NF-TMP-1 HIROSE-NF-TMP-1 Datasheet
378Kb / 5P
   C15 Type Accessories
More results

Similar Description - NF-TMP-1

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
R12A11H01 PRODUCTWELL-R12A11H01_14 Datasheet
275Kb / 2P
   Ideal For all type of audio products.
R12A11VB1 PRODUCTWELL-R12A11VB1_14 Datasheet
278Kb / 2P
   Ideal For all type of audio products.
R16A12VE1 PRODUCTWELL-R16A12VE1_14 Datasheet
132Kb / 2P
   Ideal for all type of audio products.
R16A12VB1 PRODUCTWELL-R16A12VB1_14 Datasheet
131Kb / 2P
   Ideal for all type of audio products.
R16A12VF1 PRODUCTWELL-R16A12VF1_14 Datasheet
134Kb / 2P
   Ideal for all type of audio products.
R12A12H01 PRODUCTWELL-R12A12H01_14 Datasheet
278Kb / 2P
   Ideal For all type of audio products.
R16A11V01 PRODUCTWELL-R16A11V01_14 Datasheet
132Kb / 1P
   Ideal for all type of audio products.
R16A11VF1 PRODUCTWELL-R16A11VF1_14 Datasheet
133Kb / 1P
   Ideal for all type of audio products.
R16A12V01 PRODUCTWELL-R16A12V01_14 Datasheet
132Kb / 2P
   Ideal for all type of audio products.
R1681NH01 PRODUCTWELL-R1681NH01_14 Datasheet
127Kb / 2P
   Ideal for all type of audio products.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com