Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N8975B Datasheet(PDF) 5 Page - Keysight Technologies

Part # N8975B
Description  NFA X-Series Noise Figure Analyzer, Multi-touch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N8975B Datasheet(HTML) 5 Page - Keysight Technologies

  N8975B Datasheet HTML 1Page - Keysight Technologies N8975B Datasheet HTML 2Page - Keysight Technologies N8975B Datasheet HTML 3Page - Keysight Technologies N8975B Datasheet HTML 4Page - Keysight Technologies N8975B Datasheet HTML 5Page - Keysight Technologies N8975B Datasheet HTML 6Page - Keysight Technologies N8975B Datasheet HTML 7Page - Keysight Technologies N8975B Datasheet HTML 8Page - Keysight Technologies N8975B Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
05 | Keysight | N8973B, N8974B, N8975B, N8976B NFA X-Series Noise Figure Analyzer, Multi-touch - Data Sheet
Description
Specifications
Supplemental information
Noise figure
‹ 10 MHz
10 MHz to internal preamplifier’s
frequency limit1
Uncertainty calculator1
See note1
Internal and external preamplification recommended1
Noise source ENR
Measurement range
Instrument uncertainty
4 to 6.5 dB
0 to 20 dB
± 0.02 dB
12 to 17 dB
0 to 30 dB
± 0.025 dB
20 to 22 dB
0 to 35 dB
± 0.03 dB
Gain
Instrument uncertainty1
DUT Gain range = –20 to +40 dB
‹ 10 MHz
See note1
10 MHz to 3.6 GHz
± 0.15 dB
› 3.6 GHz
± 0.11 dB additional1 95th percentile, 5 minutes after
calibration
Noise Figure uncertainty calculator1, 2
Instrument noise figure uncertainty
See the noise figure table above
Instrument gain uncertainty
See the gain table above
Instrument noise figure
See graphs of “Nominal instrument noise figure”; noise
figure is DANL + 176.24 dB (nominal)1. Note on DC coupling1
Instrument input match
See graph: nominal VSWR. Note on DC coupling1
Optional NFE improvement/internal Cal1
See “Displayed average noise level (DANL) (with noise floor
extension) improvement” in the Option NFE - Noise floor
extension chapter.
Uncertainty versus calibration options1
User calibration
Best uncertainties; noise figure uncertainties calculator applies
Uncalibrated
Worst uncertainties; noise of the analyzer input acts as a second stage noise on the DUT
Internal calibration
Available with Option NFE. Good uncertainties without the need of reconnecting the DUT and running a
clibration. The uncertainty of the analyzer input noise model adds a second-stage noise power to the DUT
that can be positive or negative. Running the noise figure uncertainty calculator will usually show that internal
calibration achieves 90% of the possible improvement between the uncalibrated and user calibration states.
1. Refer to NFA X-Series specifications guide for footnote details
2. Online uncertainty calculator at
www.keysight.com/find/nfuc or use the instrument’s built-in calculator.
Nominal instrument noise figure, N8973B, N8974B, N8975B


Similar Part No. - N8975B

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
N8975A HP-N8975A Datasheet
243Kb / 12P
   NFA Series Noise Figure Analyzers
N8975A HP-N8975A Datasheet
379Kb / 9P
   Calibration and Adjustment Software for Agilent RF/W Instruments
logo
Keysight Technologies
N8975A KEYSIGHT-N8975A Datasheet
243Kb / 12P
   NFA Series Noise Figure Analyzers
More results

Similar Description - N8975B

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N8974B KEYSIGHT-N8974B Datasheet
1Mb / 10P
   NFA X-Series Noise Figure Analyzer, Multi-touch
N8976B KEYSIGHT-N8976B Datasheet
1Mb / 10P
   NFA X-Series Noise Figure Analyzer, Multi-touch
N8973B KEYSIGHT-N8973B Datasheet
1Mb / 10P
   Noise Figure Analyzer, Multi-touch
N8974A KEYSIGHT-N8974A Datasheet
243Kb / 12P
   NFA Series Noise Figure Analyzers
N8973A KEYSIGHT-N8973A Datasheet
243Kb / 12P
   NFA Series Noise Figure Analyzers
logo
Agilent(Hewlett-Packard...
N8973A HP-N8973A Datasheet
243Kb / 12P
   NFA Series Noise Figure Analyzers
logo
Keysight Technologies
N8975A KEYSIGHT-N8975A Datasheet
243Kb / 12P
   NFA Series Noise Figure Analyzers
N9030B KEYSIGHT-N9030B Datasheet
1Mb / 30P
   PXA X-Series Signal Analyzer, Multi-touch
N9041B-RT2 KEYSIGHT-N9041B-RT2 Datasheet
1Mb / 29P
   UXA X-Series Signal Analyzer, Multi-touch
N9041B-RT1 KEYSIGHT-N9041B-RT1 Datasheet
1Mb / 29P
   UXA X-Series Signal Analyzer, Multi-touch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com