Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDF51SY-2P-13DSA Datasheet(PDF) 9 Page - Hirose Electric

Part # MDF51SY-2P-13DSA
Description  High Voltage Board to Cable Connectors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MDF51SY-2P-13DSA Datasheet(HTML) 9 Page - Hirose Electric

Back Button MDF51SY-2P-13DSA Datasheet HTML 3Page - Hirose Electric MDF51SY-2P-13DSA Datasheet HTML 4Page - Hirose Electric MDF51SY-2P-13DSA Datasheet HTML 5Page - Hirose Electric MDF51SY-2P-13DSA Datasheet HTML 6Page - Hirose Electric MDF51SY-2P-13DSA Datasheet HTML 7Page - Hirose Electric MDF51SY-2P-13DSA Datasheet HTML 8Page - Hirose Electric MDF51SY-2P-13DSA Datasheet HTML 9Page - Hirose Electric MDF51SY-2P-13DSA Datasheet HTML 10Page - Hirose Electric MDF51SY-2P-13DSA Datasheet HTML 11Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
B330
MDF51 Series
High Voltage Board to Cable Connectors
●Crimp contact
2.25
3.1
1.4
t=0.2
Type
Part Number
CL No.
Packaging
MDF51-24SCF(40)
547-2005-0-40
Reel
Quantity
Finish
10,000
Tin plated
RoHS
YES
Jacket diameter
1.74mm
Note: When using other than the recommended wire, contact your nearest
Hirose sales representative.
UL style: UL3239
Strip length
1.8 to 2.6mm
Part Number
Applicator
Press
Contact extraction tool
AP105-MDF51-24S
CM-105
DF-C-PO(B)
CL No.
CL901-4607-9-00
CL901-0005-4-00
CL550-0179-2-00
Applicable contact
MDF51-24SCF
-----------------
MDF51-24SCF
Tools
●Applicable wire (Tin plated annealed copper wire)
Wire size (Stranded wire conductor)
AWG24 (19 / 0.127mm)
All dimensions: mm
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - MDF51SY-2P-13DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MDF51SY-2P-13DSA(21) HIROSE-MDF51SY-2P-13DSA(21) Datasheet
1Mb / 12P
   High Voltage Wire-to-Board Connectors
More results

Similar Description - MDF51SY-2P-13DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MDF51 HIROSE-MDF51_17 Datasheet
1Mb / 12P
   High Voltage Wire-to-Board Connectors
DF19 HIROSE-DF19_1 Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
logo
JST Mfg. Co., Ltd.
20P-JMDSS-G-1-TF JST-20P-JMDSS-G-1-TF Datasheet
284Kb / 3P
   Board-to-board connectors
LBT JST-LBT Datasheet
137Kb / 3P
   Board-to-board connectors
logo
Hirose Electric
DF21-20S-0.6V HIROSE-DF21-20S-0.6V Datasheet
171Kb / 6P
   0.6mm Pitch Board-to-Fine-Coaxial Cable Connectors
GT8E HIROSE-GT8E Datasheet
413Kb / 14P
   High contact pressure Wire-to-Board connectors
FX15-31P-C HIROSE-FX15-31P-C Datasheet
1Mb / 24P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
FX15S-51S HIROSE-FX15S-51S Datasheet
1Mb / 25P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
logo
List of Unclassifed Man...
FX15SC-51S-0.5SV ETC2-FX15SC-51S-0.5SV Datasheet
1Mb / 24P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
logo
Dubilier
DBC22.52T DUBILIER-DBC22.52T Datasheet
326Kb / 1P
   BOARD TO WIRE CONNECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com