Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N8973A Datasheet(PDF) 2 Page - Keysight Technologies

Part # N8973A
Description  NFA Series Noise Figure Analyzers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N8973A Datasheet(HTML) 2 Page - Keysight Technologies

  N8973A Datasheet HTML 1Page - Keysight Technologies N8973A Datasheet HTML 2Page - Keysight Technologies N8973A Datasheet HTML 3Page - Keysight Technologies N8973A Datasheet HTML 4Page - Keysight Technologies N8973A Datasheet HTML 5Page - Keysight Technologies N8973A Datasheet HTML 6Page - Keysight Technologies N8973A Datasheet HTML 7Page - Keysight Technologies N8973A Datasheet HTML 8Page - Keysight Technologies N8973A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1. The N8974A and N8975A models have a mechanical switch fitted. This switch allows the analyzers to change between the 10 MHz to 3.0 GHz
and the 3.0 GHz to 6.7 GHz frequency range on the N8974A. On the N8975A, the switch allows the change between the 10 MHz to 3.0 GHz and the 3.0 GHz to
26.5 GHz frequency range. If the current measurement frequency range crosses the 3.0 GHz point, the switch will operate. The mechanical switch has a limited
number of cycles over which it is reliable. To maximize the reliable life of the switch, switching over the 3.0 GHz frequency point should be kept to a minimum.
2. Temperature stability on the standard frequency reference is achieved 60 minutes after the analyzer is turned on.
3. Option 1D5 recommended for applications requiring high frequency stability.
4. Parts per million (10-6).
5. Tuning accuracy is dependent on measurement bandwidth.
Specifications
Specifications are only valid for the stated operating frequency, and apply over
0° C to +55° C unless otherwise noted. The analyzer will meet its specifications
after 2 hours of storage within the operating temperature range, 60 minutes after
the analyzer is turned on, with Alignment running. A user calibration is required
before corrected measurements can be made.
Frequency
Frequency range1
N8973A
10 MHz to 3.0 GHz
N8974A
10 MHz to 6.7 GHz
N8975A
10 MHz to 26.5 GHz
Measurement bandwidth (nominal)
N8973A, N8974A, N8975A
4 MHz, 2 MHz, 1 MHz, 400 kHz, 200 kHz, 100 kHz
Frequency reference
Standard2
Opt.1D53
Aging
± < 2 ppm4/year
± < 0.1 ppm/year
Temperature stability
± < 6 ppm
± < 0.01 ppm
Settability
± < 0.5 ppm
± < 0.01 ppm
Tuning accuracy 5 (start, stop, center, marker)
4 MHz measurement bandwidth (default on all models of noise figure analyzer)
Frequency
Error
10 MHz – 3.0 GHz
± < reference error + 100 kHz
3.0 GHz – 26.5 GHz
± < reference error + 400 kHz
< 4 MHz- measurement bandwidth (functionality not present in N8972A)
Frequency
Error
10 MHz – 3.0 GHz
< ± reference error + 20 kHz
3.0 GHz – 26.5 GHz
< ± reference error + 20% of measurement bandwidth
2


Similar Part No. - N8973A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
N8973A HP-N8973A Datasheet
243Kb / 12P
   NFA Series Noise Figure Analyzers
N8973A HP-N8973A Datasheet
379Kb / 9P
   Calibration and Adjustment Software for Agilent RF/W Instruments
More results

Similar Description - N8973A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N8974A KEYSIGHT-N8974A Datasheet
243Kb / 12P
   NFA Series Noise Figure Analyzers
logo
Agilent(Hewlett-Packard...
N8973A HP-N8973A Datasheet
243Kb / 12P
   NFA Series Noise Figure Analyzers
logo
Keysight Technologies
N8975A KEYSIGHT-N8975A Datasheet
243Kb / 12P
   NFA Series Noise Figure Analyzers
N8974B KEYSIGHT-N8974B Datasheet
1Mb / 10P
   NFA X-Series Noise Figure Analyzer, Multi-touch
N8975B KEYSIGHT-N8975B Datasheet
1Mb / 10P
   NFA X-Series Noise Figure Analyzer, Multi-touch
N8976B KEYSIGHT-N8976B Datasheet
1Mb / 10P
   NFA X-Series Noise Figure Analyzer, Multi-touch
N9069C KEYSIGHT-N9069C Datasheet
2Mb / 22P
   Noise Figure
N9069A KEYSIGHT-N9069A Datasheet
681Kb / 21P
   Noise Figure X-Series
W9069A KEYSIGHT-W9069A Datasheet
681Kb / 21P
   Noise Figure X-Series
M9069A KEYSIGHT-M9069A Datasheet
681Kb / 21P
   Noise Figure X-Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com