Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC2305 Datasheet(PDF) 4 Page - Texas Instruments

Part # UCC2305
Description  HID Lamp Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2305 Datasheet(HTML) 4 Page - Texas Instruments

  UCC2305 Datasheet HTML 1Page - Texas Instruments UCC2305 Datasheet HTML 2Page - Texas Instruments UCC2305 Datasheet HTML 3Page - Texas Instruments UCC2305 Datasheet HTML 4Page - Texas Instruments UCC2305 Datasheet HTML 5Page - Texas Instruments UCC2305 Datasheet HTML 6Page - Texas Instruments UCC2305 Datasheet HTML 7Page - Texas Instruments UCC2305 Datasheet HTML 8Page - Texas Instruments UCC2305 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
UCC2305
UCC3305
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX. UNITS
Timing Capacitor Section (cont.)
SLOPEC Discharge Current
SLOPEC = 2.2V, VCC = 0V, BOOST = 0V,
BYPASS = 8V
40
100
200
nA
WARMUPC Charge Current
WARMUPC = 0V
–525
–375
–275
nA
WARMUPC = 2V
–525
–375
–300
nA
WARMUPC = 6V
–200
–120
–75
nA
WARMUPC Voltage, Charging
IWARMUPC = –250nA
3.39
3.8
4.1
V
WARMUPC Discharge Current
WARMUPC = 5V, VCC = 0V, BOOST = 0V,
BYPASS = 8V
23
50
126
nA
WARMUPC = 1V, VCC = 0V, BOOST = 0V,
BYPASS = 8V
510
34
nA
WARMUPC Voltage, Discharging
IWARMUPC = 25nA, VCC = 0V, BOOST = 0V,
BYPASS = 8V
1.5
1.9
2.3
V
ADJ Bias Current
VADJ = 0V
−38
−20
−12
µA
WARMUPV Voltage
WARMUPC = 1V
0.05
0.125
0.25
V
WARMUPC = 2V
0.09
1.00
1.5
V
WARMUPC = 3V
2.3
2.48
2.66
V
WARMUPC = 5V
4.5
4.8
5.25
V
WARMUPC = 10V
4.5
4.8
5.25
V
BYPASS Voltage
VCC = 0V
8.8
9.6
V
BYPASS Current
VCC = 0V, BOOST = 0V, BYPASS = 8V
2.5
7
µA
ELECTRICAL CHARACTERISTICS (cont.) Unless otherwise stated, VCC = 6.6V, ISET = 100k
Ω to GND, ADJ = 100kΩ
to GND, OSC = 200pF to GND, BAT = 4V, LOADISENSE connected to LPOWER, VOUTSENSE = 0.666V, BOOST = 10.5V,
COMP connected to FB through a 100k
Ω resistor, –40°C<TA<+105°C for the UCC2305, 0°C<TA<+70°C for the UCC3305, and
TA=TJ.
5VREF: Circuitry in the UCC3305 uses the internal 5V
reference to set currents and thresholds. This reference
can also be used for other functions if required.
ADJ: The ratio of cold lamp peak current to warmed-up
lamp peak current is controlled by the voltage on ADJ. To
select this voltage, connect a resistor from ADJ to GND.
BAT: This input is used to detect excessively high input
voltage and shut down the IC if the input exceeds a pre-
determined level. Connect BAT to a voltage divider
across the input supply. The UCC3305 shuts down when
this input voltage exceeds 5V. To protect the IC in the
event of very high or negative inputs, keep divider imped-
ance higher than 10k.
BOOST: Although the UCC3305 is powered from the
VCC input, most functions of the device operate from a
supply voltage of approximately 10V connected to
BOOST. This 10V supply can be generated by a voltage
doubler using PUMPOUT as an AC signal and external
diodes as switches.
BYPASS: The UCC3305 compensates for lamp tempera-
ture changes by changing the voltage on the SLOPEC
and WARMUPC capacitors. These voltages rise as the
lamp warms up. An internal calculation determines what
power should be applied to the lamp.
When the HID lamp is turned off, power to the lamp and
the controller is removed, leaving these two critical ca-
pacitors charged to specific voltages. Also, with power
off, the lamp will cool down at a controlled rate. It is es-
sential that the two capacitors discharge at a similarly
controlled rate so that if the lamp is restarted before the
lamp is fully cooled, the controller will have an estimate
of new lamp temperature, and can again command the
correct power for the lamp.
Power to control the discharge of these capacitors comes
from energy stored in a large capacitor connected to BY-
PASS. The value of the capacitor required can be esti-
mated assuming a maximum BYPASS current of 5
µA, a
discharge time of 60s, and a maximum allowable droop
of 5V by:
C= I
t
V
=5 A
60s
5V
=60 F
••
µµ
COMP: Differences between commanded lamp power
and desired lamp power are amplified by an error ampli-
fier. This amplifier senses the difference between the
voltage at FB and 2.5V, and drives COMP with an ampli-
fied error voltage. A capacitor is normally connected from
COMP to FB to compensate the overall feedback loop so
that the system will be stable.
PIN DESCRIPTIONS


Similar Part No. - UCC2305

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2305 TI1-UCC2305 Datasheet
379Kb / 14P
[Old version datasheet]   HID Lamp Controller
UCC2305-Q1 TI1-UCC2305-Q1 Datasheet
683Kb / 16P
[Old version datasheet]   HID LAMP CONTROLLER
UCC2305DW TI-UCC2305DW Datasheet
393Kb / 14P
[Old version datasheet]   HID Lamp Controller
UCC2305DW TI1-UCC2305DW Datasheet
379Kb / 14P
[Old version datasheet]   HID Lamp Controller
UCC2305TDWRQ1 TI1-UCC2305TDWRQ1 Datasheet
683Kb / 16P
[Old version datasheet]   HID LAMP CONTROLLER
More results

Similar Description - UCC2305

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2305DW TI-UCC2305DW Datasheet
393Kb / 14P
[Old version datasheet]   HID Lamp Controller
UCC2305 TI1-UCC2305_14 Datasheet
379Kb / 14P
[Old version datasheet]   HID Lamp Controller
logo
Unisonic Technologies
UH8615 UTC-UH8615 Datasheet
255Kb / 9P
   HID LAMP CONTROLLER
logo
Texas Instruments
UCC2305-Q1 TI1-UCC2305-Q1 Datasheet
683Kb / 16P
[Old version datasheet]   HID LAMP CONTROLLER
logo
Hirose Electric
GT15T-2024SCF HIROSE-GT15T-2024SCF Datasheet
165Kb / 7P
   HID Lamp DII Sockets
logo
International Rectifier
IRPLHID2A IRF-IRPLHID2A Datasheet
5Mb / 30P
   Drives 1 x 70W HID lamp
logo
Prolific Technology Inc...
PL23C3 PROLIFIC-PL23C3 Datasheet
118Kb / 1P
   USB HID to I2C Bridge Controller
PL23B3 PROLIFIC-PL23B3 Datasheet
119Kb / 1P
   USB HID to Serial Bridge Controller
PL23D3 PROLIFIC-PL23D3 Datasheet
118Kb / 1P
   USB HID to SPI Bridge Controller
logo
International Rectifier
IRPLHID2 IRF-IRPLHID2 Datasheet
1Mb / 30P
   HID Ballast for 70W Lamp Using the IRS2573D
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com