Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF4900 Datasheet(PDF) 2 Page - Texas Instruments

Part # TRF4900
Description  SINGLE-CHIP RF TRANSMITTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF4900 Datasheet(HTML) 2 Page - Texas Instruments

  TRF4900 Datasheet HTML 1Page - Texas Instruments TRF4900 Datasheet HTML 2Page - Texas Instruments TRF4900 Datasheet HTML 3Page - Texas Instruments TRF4900 Datasheet HTML 4Page - Texas Instruments TRF4900 Datasheet HTML 5Page - Texas Instruments TRF4900 Datasheet HTML 6Page - Texas Instruments TRF4900 Datasheet HTML 7Page - Texas Instruments TRF4900 Datasheet HTML 8Page - Texas Instruments TRF4900 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
TRF4900
SINGLE-CHIP RF TRANSMITTER
SLWS092F – JULY 2000 – REVISED JANUARY 2002
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
ISM band standards
Europe has assigned a new unlicensed frequency band of 868 MHz to 870 MHz. This new band is specifically
defined for short range devices with duty cycles from 0.1% to 100% in several sub-bands. The existing 433-MHz
band for short-range devices in Europe has the great disadvantage of very high usage. The new European
frequency band, due to the duty cycle assignment, allows a reliable RF link and makes many new applications
possible.
The North American unlicensed ISM (industrial, scientific, and medical) band covers 902 MHz to 928 MHz
(center frequency of 915 MHz) and is suitable for short range RF links.
transmitter
The transmitter consists of an integrated VCO, a complete fully-programmable direct digital synthesizer, and
a power amplifier. The internal VCO can be used with an external tank circuit or an external VCO. The divider,
prescaler, and reference oscillator require only the addition of an external crystal and a loop filter to provide a
complete DDS with a typical frequency resolution of 230 Hz.
The 8-bit FSK frequency deviation register determines the frequency deviation in FSK mode. The modulation
itself is done in the direct digital synthesizer, hence no additional external components are necessary.
Since the typical RF output power is approximately 7 dBm, no additional external RF power amplifier is
necessary in most applications.
The TRF4900 RF transmitter is suitable for use in applications that include the TRF6900 RF transceiver.
baseband interface
The TRF4900 can easily be interfaced to a baseband processor such as the Texas Instruments MSP430
ultralow-power microcontroller (see Figure 1). The TRF4900 serial control registers are programmed by the
MSP430, and the MSP430 performs baseband operations in software.
Transmit Data
Lock Detect
Mode Select
Serial Control Data
Serial Control Clock
Serial Control Strobe
TX_DATA
LOCKDET
MODE
STDBY
DATA
CLOCK
STROBE
PA_OUT
TRF4900
TRANSMITTER
+
DISCRETES
RF Section
Programmable
Digital I/O Pins
MSP430
Family
µC
Microcontroller
Section
Antenna
Standby
RF Out
Figure 1. System Block Diagram for Interfacing to the MSP430 Microcontroller


Similar Part No. - TRF4900

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF4900 TI1-TRF4900 Datasheet
504Kb / 25P
[Old version datasheet]   SINGLE-CHIP RF TRANSMITTER
TRF4900PW TI1-TRF4900PW Datasheet
504Kb / 25P
[Old version datasheet]   SINGLE-CHIP RF TRANSMITTER
TRF4900PWG4 TI1-TRF4900PWG4 Datasheet
504Kb / 25P
[Old version datasheet]   SINGLE-CHIP RF TRANSMITTER
TRF4900PWR TI1-TRF4900PWR Datasheet
504Kb / 25P
[Old version datasheet]   SINGLE-CHIP RF TRANSMITTER
TRF4900PWRG4 TI1-TRF4900PWRG4 Datasheet
504Kb / 25P
[Old version datasheet]   SINGLE-CHIP RF TRANSMITTER
More results

Similar Description - TRF4900

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF5901 TI1-TRF5901_08 Datasheet
646Kb / 34P
[Old version datasheet]   SINGLE-CHIP RF TRANSMITTER
TRF4900 TI1-TRF4900_08 Datasheet
504Kb / 25P
[Old version datasheet]   SINGLE-CHIP RF TRANSMITTER
TRF4903 TI-TRF4903 Datasheet
378Kb / 26P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSMITTER
logo
List of Unclassifed Man...
NRF402 ETC1-NRF402 Datasheet
235Kb / 16P
   433MHz Single Chip RF Transmitter
logo
Texas Instruments
TRF4903 TI1-TRF4903_13 Datasheet
396Kb / 26P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSMITTER
TRF4400PW TI-TRF4400PW Datasheet
277Kb / 21P
[Old version datasheet]   SINGLE-CHIP 433-MHz RF TRANSMITTER
TRF4400 TI-TRF4400 Datasheet
277Kb / 21P
[Old version datasheet]   SINGLE-CHIP 433-MHz RF TRANSMITTER
CC1050 TI-CC1050_08 Datasheet
779Kb / 42P
[Old version datasheet]   Single Chip Very Low Power RF Transmitter
CC1050 TI-CC1050_07 Datasheet
591Kb / 40P
[Old version datasheet]   Single Chip Very Low Power RF Transmitter
CC1050 TI-CC1050 Datasheet
582Kb / 39P
[Old version datasheet]   Single Chip Very Low Power RF Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com