Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E4980A-301 Datasheet(PDF) 3 Page - Keysight Technologies

Part # E4980A-301
Description  Precision LCR Meter
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E4980A-301 Datasheet(HTML) 3 Page - Keysight Technologies

  E4980A-301 Datasheet HTML 1Page - Keysight Technologies E4980A-301 Datasheet HTML 2Page - Keysight Technologies E4980A-301 Datasheet HTML 3Page - Keysight Technologies E4980A-301 Datasheet HTML 4Page - Keysight Technologies E4980A-301 Datasheet HTML 5Page - Keysight Technologies E4980A-301 Datasheet HTML 6Page - Keysight Technologies E4980A-301 Datasheet HTML 7Page - Keysight Technologies E4980A-301 Datasheet HTML 8Page - Keysight Technologies E4980A-301 Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
Measurement functions
Measurement parameters
– Cp-D, Cp-Q, Cp-G, Cp-Rp
– Cs-D, Cs-Q, Cs-Rs
– Lp-D, Lp-Q, Lp-G, Lp-Rp, Lp-Rdc
– Ls-D, Ls-Q, Ls-Rs, Ls-Rdc
– R-X
– Z-
θd, Z-θr
– G-B
– Y-
θd, Y-θr
– Vdc-Idc1
Definitions
Cp
Capacitance value measured with parallel-equivalent circuit model
Cs
Capacitance value measured with series-equivalent circuit model
Lp
Inductance value measured with parallel-equivalent circuit model
Ls
Inductance value measured with series-equivalent circuit model
D
Dissipation factor
Q
Quality factor (inverse of D)
G
Equivalent parallel conductance measured with parallel-equivalent circuit model
Rp
Equivalent parallel resistance measured with parallel-equivalent circuit model
Rs
Equivalent series resistance measured with series-equivalent circuit model
Rdc
Direct-current resistance
R
Resistance
X
Reactance
Z
Impedance
Y
Admittance
qd
Phase angle of impedance/admittance (degree)
qr
Phase angle of impedance/admittance (radian)
B
Susceptance
Vdc
Direct-current voltage
Idc
Direct-current electricity
Deviation measurement function: Deviation from reference value and percentage of
deviation from reference value can be output as the result.
Equivalent circuits for measurement: Parallel, Series
Impedance range selection: Auto (auto range mode), manual (hold range mode)
Trigger mode: Internal trigger (INT), manual trigger (MAN), external trigger (EXT),
GPIB trigger (BUS)
Basic Specifications
1. E4980A-001 is required.
03 | Keysight | E4980A Precision LCR Meter 20 Hz to 2 MHz, E4980AL Precision LCR Meter 20 Hz to 300 kHz/500 kHz/1 MHz – Data Sheet


Similar Part No. - E4980A-301

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E4980A-001 KEYSIGHT-E4980A-001 Datasheet
1Mb / 38P
   Precision LCR Meter
E4980A-002 KEYSIGHT-E4980A-002 Datasheet
1Mb / 38P
   Precision LCR Meter
E4980A-1CM KEYSIGHT-E4980A-1CM Datasheet
1Mb / 38P
   Precision LCR Meter
More results

Similar Description - E4980A-301

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
4285A-202 KEYSIGHT-4285A-202 Datasheet
1Mb / 21P
   Precision LCR Meter
E4980AL KEYSIGHT-E4980AL Datasheet
1Mb / 38P
   Precision LCR Meter
logo
IET Labs Inc.
7660 IET-7660 Datasheet
527Kb / 3P
   Precision LCR Meter
February 2023
logo
Keysight Technologies
4285A-002 KEYSIGHT-4285A-002 Datasheet
1Mb / 21P
   Precision LCR Meter
E4980A-001 KEYSIGHT-E4980A-001 Datasheet
1Mb / 38P
   Precision LCR Meter
4285A-001 KEYSIGHT-4285A-001 Datasheet
1Mb / 21P
   Precision LCR Meter
4285A-004 KEYSIGHT-4285A-004 Datasheet
1Mb / 21P
   Precision LCR Meter
logo
IET Labs Inc.
7600PLUS IET-7600PLUS Datasheet
252Kb / 3P
   Precision LCR Meter
March 2017
logo
Keysight Technologies
4285A-301 KEYSIGHT-4285A-301 Datasheet
1Mb / 21P
   Precision LCR Meter
E4980A-002 KEYSIGHT-E4980A-002 Datasheet
1Mb / 38P
   Precision LCR Meter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com