Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TP1-01-L8 Datasheet(PDF) 3 Page - Copal Electronics

Part # TP1-01-L8
Description  Ultra-Miniature Pushbutton Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

TP1-01-L8 Datasheet(HTML) 3 Page - Copal Electronics

  TP1-01-L8 Datasheet HTML 1Page - Copal Electronics TP1-01-L8 Datasheet HTML 2Page - Copal Electronics TP1-01-L8 Datasheet HTML 3Page - Copal Electronics TP1-01-L8 Datasheet HTML 4Page - Copal Electronics TP1-01-L8 Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TP/TPL
■Handling Precautions
LED circuit
Accessories
mounting
■Contact method
Code
Item
Contact method
P
Non-shorting
:ON area
■Table of Part Numbers
Contactt
Series
plating
TP1
TPL1
TP2
TPL2
Non-illuminated
Silver
 TP1−01
TPL1
−01
 TP2−01
 TPL2−01
Gold
★TP1−01G
̶
★TP2−01G
★TPL2−01G
Illuminated
Series
TP2
TPL2
LED
Red
☆TP2−01−L2
☆TPL2−01−L2
Green
 TP2−01−L5
 TPL2−01−L5
Yellow
☆TP2−01−L8
☆TPL2−01−L8
Red
★TP2−01G−L2
★TPL2−01G−L2
Green
★TP2−01G−L5
★TPL2−01G−L5
Yellow
★TP2−01G−L8
★TPL2−01G−L8
Use VF=2.1V to calculate.
IF=10mA
Calculation Example:E=6 V
R=
R=
=390Ω
E−VF
6−2.1
0.01
IF
1.Installing the mounting frame
Install the mounting frame so
that the tab on the frame is
in the same direction as the
switch groove.
2.Installing the color button
Do not remove the button when a switch is locked.
Install the color button so
that the protrusions on the
switch actuator fit in the
square buttonhole.
● The mounting frame
cannot be installed when
the color button is already
mounted on the switch.
Position of a button
☆:Semi-standard products. ★:Made to order products.
There is a range of complete
OFF time in the transit process
from Terminal
① (or ④) to ③
(or
⑥).
Current to be applied to the
LED must be lower than the
forward current (IF) indicated
in the LED Specifications of
each switches. Resistance
value R should be calculated
using the formula on the right.


Similar Part No. - TP1-01-L8

ManufacturerPart #DatasheetDescription
logo
GREATECS
TP1 GREATECS-TP1 Datasheet
163Kb / 2P
   Standard 6 x 6 mm Tactile Switches
logo
List of Unclassifed Man...
TP1 ETC2-TP1 Datasheet
219Kb / 2P
   Industrial Test Leads, Probes & Clips
TP1 ETC2-TP1 Datasheet
219Kb / 2P
   Industrial Test Leads, Probes & Clips
logo
Littelfuse
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
TP1.5KE12A LITTELFUSE-TP1.5KE12A Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
More results

Similar Description - TP1-01-L8

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CFP2 COPAL-CFP2 Datasheet
928Kb / 3P
   Ultra-Miniature Pushbutton Switches
LTM3-02 COPAL-LTM3-02 Datasheet
186Kb / 2P
   Ultra-Miniature Pushbutton Switches
LTM3-01 COPAL-LTM3-01 Datasheet
192Kb / 2P
   Ultra-Miniature Illuminated Pushbutton Switches
logo
C&K Components
FP CK-COMPONENTS-FP Datasheet
365Kb / 3P
   Sealed Ultra Miniature Pushbutton Switches
13 Mar 20
FP-SERIES CK-COMPONENTS-FP-SERIES Datasheet
178Kb / 3P
   Sealed Ultra Miniature Pushbutton Switches
FP11 CK-COMPONENTS-FP11 Datasheet
159Kb / 3P
   Sealed Ultra Miniature Pushbutton Switches
logo
List of Unclassifed Man...
301ST1ZBEJ81 ETC2-301ST1ZBEJ81 Datasheet
8Mb / 5P
   Miniature pushbutton switches
301SZBEJ6168 ETC2-301SZBEJ6168 Datasheet
8Mb / 5P
   Miniature pushbutton switches
MPS103F ETC2-MPS103F Datasheet
98Kb / 2P
   Miniature Pushbutton Switches
logo
Copal Electronics
SP_SERIES COPAL-SP_SERIES Datasheet
504Kb / 4P
   Miniature Pushbutton Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com