Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPL1-01-L8 Datasheet(PDF) 2 Page - Copal Electronics

Part # TPL1-01-L8
Description  Ultra-Miniature Pushbutton Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

TPL1-01-L8 Datasheet(HTML) 2 Page - Copal Electronics

  TPL1-01-L8 Datasheet HTML 1Page - Copal Electronics TPL1-01-L8 Datasheet HTML 2Page - Copal Electronics TPL1-01-L8 Datasheet HTML 3Page - Copal Electronics TPL1-01-L8 Datasheet HTML 4Page - Copal Electronics TPL1-01-L8 Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TP/TPL
Part No.
Switching function
Circuit diagrams
TP1
−01□
ON
(ON)
TPL1
−01
ON
ON
Connecting terminals
2
−1
5
−4
2
−3
5
−6
Part No.
Switching function
Circuit diagrams
TP2
−01□
ON
(ON)
TPL2
−01□
ON
ON
Connecting terminals
2
−1
5
−4
2
−3
5
−6
Part No.
Switching function
Circuit diagrams
TP2
−01□−L■
ON
(ON)
TPL2
−01□−L■
ON
ON
Connecting terminals
2
−1
5
−4
2
−3
5
−6
LED circuit
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
Neither the button nor the mounting frame
can be mounted.
TP1
・TPL1(Without LED)
TP2
・TPL2(Without LED)
TP2
・TPL2(With LED)
Total travel
(1.5)
Latch position
(1)
Total travel
(1.5)
Latch position
(1)
■3,+ :WLJPÄJH[PVUZ
(TP2・TPL2)
Symbol
Color
Forward Current
(IF
Forward V
(VF
Reverse Voltage
(VR
nom.
max.
L2
Red
30mA
2.0V
2.5V
DC5V
L5
Green
25mA
2.2V
2.5V
DC5V
L8
Yellow
30mA
2.1V
2.5V
DC5V
■ PC Hole Layouts
          
(Top view)
Type
without LED
with LED
Dimensions
The blue line represents the switch outline.
(ON)
:Momentary
□:Contact plating code (Silver/Gold)
■:LED color code
Dimensions with color button and mounting frame
TP2
TPL2
Button
Dimension A
Dimension B
Dimension C DDimension D
□10
□10
□12.5
6
6.5
φ10
φ10
φ12.5
6
6.5
□7.5
□7.5
□10
6
6.5
φ7.5
φ7.5
φ10
5.3
7.2
Note: Neither the button nor the mounting frame can be
mounted on to TP1 and TPL1.
□■:Refer to Table of Part Numbers on P.181 for a full list of part numbers.
Total travel
(1.5)
Latch position
(1)


Similar Part No. - TPL1-01-L8

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
TPL1183427 TDK-TPL1183427 Datasheet
125Kb / 13P
   Transponder Coils
TPL1183427-722J-720N TDK-TPL1183427-722J-720N Datasheet
125Kb / 13P
   Transponder Coils
TPL1183525 TDK-TPL1183525 Datasheet
125Kb / 13P
   Transponder Coils
TPL1183525-242Y-236N TDK-TPL1183525-242Y-236N Datasheet
125Kb / 13P
   Transponder Coils
TPL1183525-262J-261N TDK-TPL1183525-262J-261N Datasheet
125Kb / 13P
   Transponder Coils
More results

Similar Description - TPL1-01-L8

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CFP2 COPAL-CFP2 Datasheet
928Kb / 3P
   Ultra-Miniature Pushbutton Switches
LTM3-02 COPAL-LTM3-02 Datasheet
186Kb / 2P
   Ultra-Miniature Pushbutton Switches
LTM3-01 COPAL-LTM3-01 Datasheet
192Kb / 2P
   Ultra-Miniature Illuminated Pushbutton Switches
logo
C&K Components
FP CK-COMPONENTS-FP Datasheet
365Kb / 3P
   Sealed Ultra Miniature Pushbutton Switches
13 Mar 20
FP-SERIES CK-COMPONENTS-FP-SERIES Datasheet
178Kb / 3P
   Sealed Ultra Miniature Pushbutton Switches
FP11 CK-COMPONENTS-FP11 Datasheet
159Kb / 3P
   Sealed Ultra Miniature Pushbutton Switches
logo
List of Unclassifed Man...
301ST1ZBEJ81 ETC2-301ST1ZBEJ81 Datasheet
8Mb / 5P
   Miniature pushbutton switches
301SZBEJ6168 ETC2-301SZBEJ6168 Datasheet
8Mb / 5P
   Miniature pushbutton switches
MPS103F ETC2-MPS103F Datasheet
98Kb / 2P
   Miniature Pushbutton Switches
logo
Copal Electronics
SP_SERIES COPAL-SP_SERIES Datasheet
504Kb / 4P
   Miniature Pushbutton Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com