Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W-6237TD-3 Datasheet(PDF) 10 Page - Copal Electronics

Part # W-6237TD-3
Description  High Voltage CMOS Boost
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

W-6237TD-3 Datasheet(HTML) 10 Page - Copal Electronics

Back Button W-6237TD-3 Datasheet HTML 5Page - Copal Electronics W-6237TD-3 Datasheet HTML 6Page - Copal Electronics W-6237TD-3 Datasheet HTML 7Page - Copal Electronics W-6237TD-3 Datasheet HTML 8Page - Copal Electronics W-6237TD-3 Datasheet HTML 9Page - Copal Electronics W-6237TD-3 Datasheet HTML 10Page - Copal Electronics W-6237TD-3 Datasheet HTML 11Page - Copal Electronics W-6237TD-3 Datasheet HTML 12Page - Copal Electronics W-6237TD-3 Datasheet HTML 13Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
W-6237
10
Dimming Control
There are several methods available to control the LED
brightness.
PWM Signal on the SHDN Pin
LED brightness dimming can be done by applying a PWM
signal to the SHDN input. The LED current is repetitively
turned on and off, so that the average current is proportional
to the duty cycle. A 100% duty cycle, with SHDN always
high, corresponds to the LEDs at nominal current. Figure 25
shows a 1 kHz signal with a 50% duty cycle applied to the
SHDN pin. The recommended PWM frequency range is
from 100 Hz to 2 kHz.
Figure 25. Switching Waveform with 1 kHz PWM on
SHDN
Filtered PWM Signal
A filtered PWM signal used as a variable DC voltage can
control the LED current. Figure 26 shows the PWM control
circuitry connected to the W-6237 FB pin. The PWM
signal has a voltage swing of 0 V to 2.5 V. The LED current
can be dimmed within a range from 0 mA to 20 mA. The
PWM signal frequency can vary from very low frequency up
to 100 kHz.
Figure 26. Circuit for Filtered PWM Signal
1k
3.1 k
0V
2.5 V
0.22 F
C1
i
VIN
W-6237
FB
SW
GND
VIN
PWN
Signal
LED
Current
RB
3.73 k
SHDN
R1
15
R2
RA
VFB = 300 mV
A PWM signal at 0 V DC, or a 0% duty cycle, results in
a max LED current of about 22 mA. A PWM signal with a
93% duty cycle or more, results in an LED current of 0 mA.
Figure 27. Filtered PWM Dimming (0 V to 2.5 V)
25
20
15
10
5
0
0
10
20
30
40
50
60
70
80
90 100
PWM DUTY CYCLE (%)


Similar Part No. - W-6237TD-3

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
W-6238 COPAL-W-6238 Datasheet
193Kb / 14P
   High Efficiency 10 LED Boost Converter
W-6238TD-GT3 COPAL-W-6238TD-GT3 Datasheet
193Kb / 14P
   High Efficiency 10 LED Boost Converter
More results

Similar Description - W-6237TD-3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4237 ONSEMI-CAT4237 Datasheet
279Kb / 13P
   High Voltage CMOS Boost White LED Driver
February, 2010 ??Rev. 2
CAT4237TD-T3 ONSEMI-CAT4237TD-T3 Datasheet
294Kb / 14P
   High Voltage CMOS Boost White LED Driver
Doc. No. MD-5013, Rev. C
logo
Catalyst Semiconductor
CAT4237 CATALYST-CAT4237 Datasheet
533Kb / 13P
   High Voltage CMOS Boost White LED Driver
logo
ON Semiconductor
CAT4237 ONSEMI-CAT4237_11 Datasheet
270Kb / 12P
   High Voltage CMOS Boost White LED Driver
November, 2011 ??Rev. 3
logo
Catalyst Semiconductor
CAT4237 CATALYST-CAT4237_07 Datasheet
302Kb / 14P
   High Voltage CMOS Boost White LED Driver
CAT4237 CATALYST-CAT4237_08 Datasheet
301Kb / 14P
   High Voltage CMOS Boost White LED Driver
logo
Major-Power Technology ...
MA2200 MPOWER-MA2200 Datasheet
194Kb / 2P
   High Voltage, Boost Controller
logo
Copal Electronics
W-6137 COPAL-W-6137 Datasheet
182Kb / 16P
   CMOS Boost Converter
logo
Microsemi Corporation
LX1742 MICROSEMI-LX1742 Datasheet
456Kb / 13P
   High Efficiency High Voltage Boost Controller
logo
Analog Devices
LTC3290 AD-LTC3290 Datasheet
1Mb / 14P
   High Voltage Boost Charge Pump
08/19 Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com