Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICE2QR0665G Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # ICE2QR0665G
Description  Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V CoolMOS? and startup cell in DSO-16/12
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2QR0665G Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button ICE2QR0665G_14 Datasheet HTML 17Page - Infineon Technologies AG ICE2QR0665G_14 Datasheet HTML 18Page - Infineon Technologies AG ICE2QR0665G_14 Datasheet HTML 19Page - Infineon Technologies AG ICE2QR0665G_14 Datasheet HTML 20Page - Infineon Technologies AG ICE2QR0665G_14 Datasheet HTML 21Page - Infineon Technologies AG ICE2QR0665G_14 Datasheet HTML 22Page - Infineon Technologies AG ICE2QR0665G_14 Datasheet HTML 23Page - Infineon Technologies AG ICE2QR0665G_14 Datasheet HTML 24Page - Infineon Technologies AG ICE2QR0665G_14 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
CoolSET
™Q1
ICE2QR0665G
Electrical Characteristics
Data Sheet
21
V2.1, 2014-04-01
Fixed Switching Frequency in
Active Burst Mode
fsB
39
52
65
kHz
Max. Duty Cycle in Active
Burst Mode
DmaxB
-
0.5
-
4.3.9
Protection
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
VCC overvoltage threshold
VVCCOVP
24.0
25.0
26.0
V
Over Load or Open Loop
Detection threshold for OLP
protection at FB pin
VFBOLP
-
4.5
-
V
Over Load or Open Loop
Protection Blanking Time
tOLP_B
20
30
44
ms
Output Overvoltage detection
threshold at the ZC pin
VZCOVP
3.55
3.7
3.84
V
Blanking time for Output
Overvoltage protection
tZCOVP
-
100
-
μs
Threshold for short winding
protection
VCSSW
1.63
1.68
1.78
V
Blanking time for short-winding
protection
tCSSW
-
190
-
ns
Over temperature protection
1
TjCon
130
140
150
°C
Power Down Reset threshold
for Latched Mode
VVCCPD
5.2
-
7.8
V
After Latched Off
Mode is entered
Note : The trend of all the voltage levels in the Control Unit is the same regarding the deviation except
VVCCOVP & VVCCPD.
4.3.10
CoolMOS
TM Section
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Drain Source Breakdown
Voltage
V(BR)DSS
650
-
-
V
Tj = 110°C
Drain Source On-Resistance
RDSon
-
0.65
1.37
0.75
1.58
Ω
Ω
Tj = 25°C
Tj=125°C
1
at ID = 2.5A
Effective output capacitance,
energy related
Co(er)
-
26
1
-
pF
VDS = 0V to 480V
Rise Time
trise
-
30
2
-
ns
Fall Time
tfall
-
30
2
-
ns
1The parameter is not subjected to production test - verified by design/characterization
2Measured in a Typical Flyback Converter Application


Similar Part No. - ICE2QR0665G_14

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2QR0665G INFINEON-ICE2QR0665G Datasheet
901Kb / 21P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V CoolMOS짰 and startup cell in DSO-16/12
Version 2.0, July 4, 2011
More results

Similar Description - ICE2QR0665G_14

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2QR4765G INFINEON-ICE2QR4765G_14 Datasheet
1Mb / 27P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V CoolMOS? and startup cell in DSO-16/12
V2.1, 2014-04-01
ICE2QR1765G INFINEON-ICE2QR1765G_14 Datasheet
2Mb / 27P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V CoolMOS? and startup cell in DSO-16/12
V2.1, 2014-04-01
ICE2QR0665G INFINEON-ICE2QR0665G Datasheet
901Kb / 21P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V CoolMOS짰 and startup cell in DSO-16/12
Version 2.0, July 4, 2011
ICE2QR1765G INFINEON-ICE2QR1765G Datasheet
1Mb / 21P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V CoolMOS짰 and startup cell in DSO-16/12
Version 2.0, March 11, 2011
ICE2QR4765G INFINEON-ICE2QR4765G Datasheet
325Kb / 21P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V CoolMOS짰 and startup cell in DSO-16/12
Version 2.0, July 26, 2011
ICE2QR0665 INFINEON-ICE2QR0665 Datasheet
918Kb / 21P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V Startup Cell/Depletion CoolMOS In DIP-8
Version 2.1, Oct 13, 2009
ICE2QR4765 INFINEON-ICE2QR4765 Datasheet
878Kb / 21P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V Startup Cell/Depletion CoolMOS In DIP-8
Version 2.0, Dec 1, 2009
ICE2QR4765 INFINEON-ICE2QR4765_12 Datasheet
286Kb / 22P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V Startup Cell/Depletion CoolMOS In DIP-8
Version 2.3, November 14, 2012
ICE2QR0665Z INFINEON-ICE2QR0665Z Datasheet
1Mb / 22P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V CoolMOS짰 and startup cell in DIP-7
Version 2.1, August 30, 2011
ICE2QR1065Z INFINEON-ICE2QR1065Z Datasheet
1Mb / 22P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V CoolMOS짰 and startup cell in DIP-7
Version 2.1, August 30, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com