Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICE2QR0665G Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # ICE2QR0665G
Description  Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V CoolMOS? and startup cell in DSO-16/12
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2QR0665G Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button ICE2QR0665G_14 Datasheet HTML 5Page - Infineon Technologies AG ICE2QR0665G_14 Datasheet HTML 6Page - Infineon Technologies AG ICE2QR0665G_14 Datasheet HTML 7Page - Infineon Technologies AG ICE2QR0665G_14 Datasheet HTML 8Page - Infineon Technologies AG ICE2QR0665G_14 Datasheet HTML 9Page - Infineon Technologies AG ICE2QR0665G_14 Datasheet HTML 10Page - Infineon Technologies AG ICE2QR0665G_14 Datasheet HTML 11Page - Infineon Technologies AG ICE2QR0665G_14 Datasheet HTML 12Page - Infineon Technologies AG ICE2QR0665G_14 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
CoolSET
™Q1
ICE2QR0665G
Functional Description
Data Sheet
9
V2.1, 2014-04-01
3
Functional Description
3.1
VCC Pre-Charging and Typical VCC Voltage During Start-up
In ICE2QR0665G, a startup cell is integrated into the CoolMOS
TM. As shown in Figure 3, the start cell consists
of a high voltage device and a controller, whereby the high voltage device is controlled by the controller. The
startup cell provides a pre-charging of the VCC capacitor till VCC voltage reaches the VCC turned-on threshold
VVCCon and the IC begins to operate.
Once the mains input voltage is applied, a rectified voltage shows across the capacitor Cbus. The high voltage
device provides a current to charge the VCC capacitor Cvcc. Before the VCC voltage reaches a certain value,
the amplitude of the current through the high voltage device is only determined by its channel resistance and
can be as high as several mA. After the VCC voltage is high enough, the controller controls the high voltage
device so that a constant current around 1mA is provided to charge the VCC capacitor further, until the VCC
voltage exceeds the turned-on threshold VVCCon. As shown as the time phase I in Figure 4, the VCC voltage
increase near linearly and the charging speed is independent of the mains voltage level.
Figure 4
VCC voltage at start up
The time taking for the VCC pre-charging can then be approximately calculated as:
where IVCCcharge2 is the charging current from the startup cell which is 1.05mA, typically.
When the VCC voltage exceeds the VCC turned-on threshold VVCCon at time t1, the startup cell is switched off
and the IC begins to operate with soft-start. Due to power consumption of the IC and the fact that there is still no
energy from the auxiliary winding to charge the VCC capacitor before the output voltage is built up, the VCC
voltage drops (Phase II). Once the output voltage is high enough, the VCC capacitor receives the energy from
the auxiliary winding from the time point t2 onward. The VCC then will reach a constant value depending on
output load.
3.2
Soft-start
As shown in Figure 5, at the time ton, the IC begins to operate with a soft-start. By this soft-start the switching
stresses for the switch, diode and transformer are minimized. The soft-start implemented in CoolSET
TM Q1 is a
digital time-based function. The preset soft-start time is tSS (12ms) with 4 steps. If not limited by other functions,
the peak voltage on CS pin will increase step by step from 0.32V to 1V finally.


Similar Part No. - ICE2QR0665G_14

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2QR0665G INFINEON-ICE2QR0665G Datasheet
901Kb / 21P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V CoolMOS짰 and startup cell in DSO-16/12
Version 2.0, July 4, 2011
More results

Similar Description - ICE2QR0665G_14

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2QR4765G INFINEON-ICE2QR4765G_14 Datasheet
1Mb / 27P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V CoolMOS? and startup cell in DSO-16/12
V2.1, 2014-04-01
ICE2QR1765G INFINEON-ICE2QR1765G_14 Datasheet
2Mb / 27P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V CoolMOS? and startup cell in DSO-16/12
V2.1, 2014-04-01
ICE2QR0665G INFINEON-ICE2QR0665G Datasheet
901Kb / 21P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V CoolMOS짰 and startup cell in DSO-16/12
Version 2.0, July 4, 2011
ICE2QR1765G INFINEON-ICE2QR1765G Datasheet
1Mb / 21P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V CoolMOS짰 and startup cell in DSO-16/12
Version 2.0, March 11, 2011
ICE2QR4765G INFINEON-ICE2QR4765G Datasheet
325Kb / 21P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V CoolMOS짰 and startup cell in DSO-16/12
Version 2.0, July 26, 2011
ICE2QR0665 INFINEON-ICE2QR0665 Datasheet
918Kb / 21P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V Startup Cell/Depletion CoolMOS In DIP-8
Version 2.1, Oct 13, 2009
ICE2QR4765 INFINEON-ICE2QR4765 Datasheet
878Kb / 21P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V Startup Cell/Depletion CoolMOS In DIP-8
Version 2.0, Dec 1, 2009
ICE2QR4765 INFINEON-ICE2QR4765_12 Datasheet
286Kb / 22P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V Startup Cell/Depletion CoolMOS In DIP-8
Version 2.3, November 14, 2012
ICE2QR0665Z INFINEON-ICE2QR0665Z Datasheet
1Mb / 22P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V CoolMOS짰 and startup cell in DIP-7
Version 2.1, August 30, 2011
ICE2QR1065Z INFINEON-ICE2QR1065Z Datasheet
1Mb / 22P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V CoolMOS짰 and startup cell in DIP-7
Version 2.1, August 30, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com