Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICE2QR2280Z-1 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # ICE2QR2280Z-1
Description  Off-Line SMPS Quasi-Resonant PWM Controller with integrated
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2QR2280Z-1 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button ICE2QR2280Z-1 Datasheet HTML 7Page - Infineon Technologies AG ICE2QR2280Z-1 Datasheet HTML 8Page - Infineon Technologies AG ICE2QR2280Z-1 Datasheet HTML 9Page - Infineon Technologies AG ICE2QR2280Z-1 Datasheet HTML 10Page - Infineon Technologies AG ICE2QR2280Z-1 Datasheet HTML 11Page - Infineon Technologies AG ICE2QR2280Z-1 Datasheet HTML 12Page - Infineon Technologies AG ICE2QR2280Z-1 Datasheet HTML 13Page - Infineon Technologies AG ICE2QR2280Z-1 Datasheet HTML 14Page - Infineon Technologies AG ICE2QR2280Z-1 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
CoolSET® - Q1
ICE2QR2280Z-1
Functional Description
Version 2.1
11
March 7, 2013
immediately after leaving Active Burst Mode. This is
helpful to decrease the output voltage undershoot.
Figure 8
Signals in Active Burst Mode
3.6
Protection Functions
The IC provides full protection functions. The following
table summarizes these protection functions.
Table 2
Protection features
During operation, the VCC voltage is continuously
monitored. In case of an under-voltage or an over-
voltage, the IC is reset and the main power switch is
then kept off. After the VCC voltage falls below the
threshold VVCCoff, the startup cell is activated. The VCC
capacitor is then charged up. Once the voltage
exceeds the threshold VVCCon, the IC begins to operate
with a new soft-start.
In case of open control loop or output over load, the
feedback voltage will be pulled up. After a blanking time
of tOLP_B (30ms), the IC enters auto-restart mode. The
blanking time here enables the converter to provide a
peak power in case the increase in VFB is due to a
sudden load increase. This output over load protection
is disabled during burst mode.
During off-time of the power switch, the voltage at the
zero-crossing pin is monitored for output over-voltage
detection. If the voltage is higher than the preset
threshold vZCOVP, the IC is latched off after the preset
blanking time tZCOVP. This latch off mode can only be
reset if the Vcc < VVCCPD (5.2V).
If the junction temperature of IC exceeds TjCon (140 °C),
the IC enters into OTP auto restart mode. This OTP is
disabled during burst mode.
If the voltage at the current sensing pin is higher than
the preset threshold vCSSW during on-time of the power
switch, the IC is latched off. This is short-winding
protection. The short winding protection is disabled
during burst mode.
During latch-off protection mode, the VCC voltage
drops to vVCCoff (9.85V) and then the startup cell is
activated. The VCC voltage is then charged to vVCCon
(18V). The startup cell is shut down again. This action
repeats again and again.
There is also a maximum on time limitation
implemented inside the CoolSET® - Q1. Once the gate
voltage is high and longer than tOnMAx, the switch is
turned off immediately.
VCC Overvoltage
Auto Restart Mode
VCC Undervoltage
Auto Restart Mode
Overload/Open Loop
Auto Restart Mode
Over temperature
Auto Restart Mode
Output Overvoltage
Latched Off Mode
Short Winding
Latched Off Mode
VFBEB
VFBBOn
VFBLB
V
FB
t
VCSB
1.0V
VCS
VVCCoff
V
VCC
t
t
VO
t
VFBBOff
Max. Ripple < 1%
Time to 7th zero and
Blanking Window (tBEB)
Current limit level during
Active Burst Mode
Leaving
Active Burst
Mode
Entering
Active Burst
Mode


Similar Part No. - ICE2QR2280Z-1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2QR2280Z INFINEON-ICE2QR2280Z Datasheet
1Mb / 21P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 800V CoolMOS짰 and startup cell in DIP-7
Version 2.1, August 30, 2011
More results

Similar Description - ICE2QR2280Z-1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2QR4765 INFINEON-ICE2QR4765_10 Datasheet
812Kb / 21P
   Off-Line SMPS Quasi-Resonant PWM Controller
Ver 2.1, February 5, 2010
ICE2QR0665 INFINEON-ICE2QR0665_10 Datasheet
658Kb / 21P
   Off-Line SMPS Quasi-Resonant PWM Controller
Ver 2.3, April 27, 2010
ICE2QR0680Z INFINEON-ICE2QR0680Z Datasheet
1Mb / 21P
   Off-Line SMPS Quasi-Resonant PWM controller with integrated 800V CoolMOS짰 and startup cell in DIP7
Version 2.1, August 30, 2011
ICE2QR1065Z INFINEON-ICE2QR1065Z Datasheet
1Mb / 22P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V CoolMOS짰 and startup cell in DIP-7
Version 2.1, August 30, 2011
ICE2QR1765Z INFINEON-ICE2QR1765Z Datasheet
1Mb / 22P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V CoolMOS짰 and startup cell in DIP-7
Version 2.1, August 30, 2011
ICE2QR0665Z INFINEON-ICE2QR0665Z Datasheet
1Mb / 22P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V CoolMOS짰 and startup cell in DIP-7
Version 2.1, August 30, 2011
ICE2QR2280Z INFINEON-ICE2QR2280Z Datasheet
1Mb / 21P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 800V CoolMOS짰 and startup cell in DIP-7
Version 2.1, August 30, 2011
ICE2QR1765 INFINEON-ICE2QR1765 Datasheet
1Mb / 22P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V CoolMOS짰 and startup cell in DIP-8
Version 2.2, August 30, 2011
ICE2QR0665 INFINEON-ICE2QR0665 Datasheet
918Kb / 21P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V Startup Cell/Depletion CoolMOS In DIP-8
Version 2.1, Oct 13, 2009
ICE2QR4765 INFINEON-ICE2QR4765 Datasheet
878Kb / 21P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V Startup Cell/Depletion CoolMOS In DIP-8
Version 2.0, Dec 1, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com