Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

53132A Datasheet(PDF) 4 Page - Keysight Technologies

Part # 53132A
Description  Counters
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

53132A Datasheet(HTML) 4 Page - Keysight Technologies

  53132A Datasheet HTML 1Page - Keysight Technologies 53132A Datasheet HTML 2Page - Keysight Technologies 53132A Datasheet HTML 3Page - Keysight Technologies 53132A Datasheet HTML 4Page - Keysight Technologies 53132A Datasheet HTML 5Page - Keysight Technologies 53132A Datasheet HTML 6Page - Keysight Technologies 53132A Datasheet HTML 7Page - Keysight Technologies 53132A Datasheet HTML 8Page - Keysight Technologies 53132A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
04 | Keysight | 53131A/132A/181A Counters - Data Sheet
Instrument Inputs
Input specifications
Channel 1 and 2 (53131A, 53132A) 1
Channel 1 (53181A)
Frequency range
DC coupled
DC to 225 MHz
AC coupled
1 to 225 MHz (50 Ω)
30 Hz to 225 MHz (1 MΩ)
FM tolerance
25%
Voltage range and sensitivity (Sinusoid) 2
DC to 100 MHz
20 mVrms to ± 5 V AC + DC
100 to 200 MHz
30 mVrms to ± 5 V AC + DC
200 to 225 MHz
40 mVrms to ± 5 V AC + DC (all specified at
75 mVrms with option rear connectors) 3
Voltage range and sensitivity (Single-shot pulse) 2 4.5 to 10 ns pulse width
100 mVpp to 10 Vpp (150 mVpp with optional rear
connectors) 3
> 10 ns pulse width
50 mVpp to 10 Vpp (100 mVpp with optional rear
connectors) 3
Trigger level 2
Range
± 5.125 V
Accuracy
± (15 mV + 1% of trigger level)
Resolution
5 mV
Damage level
50 Ω
5 Vrms
0 to 3.5 kHz, 1 MΩ
350 VDC + AC pk
3.5 to 100 kHz, 1 MΩ
350 VDC + AC pk linearly derated to 5 Vrms
> 100 kHz, 1 MΩ
5 Vrms
Input characteristics
Channel 1 and 2 (53131A, 53132A) 1
Channel 1 (53181A)
Impedance
1 MΩ or 50 Ω
1 MΩ capacitance
30 pF
Coupling
AC or DC
Low-pass filter
100 kHz, switchable
–20 dB at > 1 MHz
Input sensitivity
Selectable between Low, Medium, or High
(default). Low is approximately 2x High
Sensitivity.
Trigger slope
Positive or negative
Auto trigger level
Range
0 to 100% in 10% steps
Frequency
> 100 Hz
Input amplitude
> 100 mVpp (No amplitude modulation)
Attenuator
Voltage range
x10
Trigger range
x10
Input specifications 4
Channel 3 (53131A, 53132A)
Channel 2 (53181A)
Frequency range
Option 015 (for 53181A only)
100 MHz to 1.5 GHz
(see Option 030 for additional specs)
Option 030
100 MHz to 3 GHz
Option 050
200 MHz to 5 GHz
Option 124
200 MHz to 12.4 GHz
Power range and sensitivity (Sinusoid)
Option 030
100 MHz to 2.7 GHz: –27 dBm to +19 dBm
2.7 GHz to 3 GHz: –21 dBm to +13 dBm
Option 050
200 MHz to 5 GHz: –23 dBm to +13 dBm
Option 124
200 MHz to 12.4 GHz –23 dBm to +13 dBm
Damage level
Option 030
5 Vrms
Option 050
+25 dBm
Option 124
+25 dBm
Characteristics
Impedance
50 Ω
Coupling
AC
VSWR
< 2.5:1


Similar Part No. - 53132A

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
531320 FESTO-531320 Datasheet
87Kb / 2P
   Filter regulator
2/24/22
531323 FESTO-531323 Datasheet
87Kb / 2P
   Filter regulator
2/24/22
531324 FESTO-531324 Datasheet
87Kb / 2P
   Filter regulator
2/24/22
531325 FESTO-531325 Datasheet
88Kb / 2P
   Filter regulator
2/24/22
531329 FESTO-531329 Datasheet
87Kb / 2P
   Filter regulator
2/24/22
More results

Similar Description - 53132A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
TSC371 MICROSEMI-TSC371 Datasheet
789Kb / 3P
   Counters
logo
Keysight Technologies
53131A KEYSIGHT-53131A Datasheet
2Mb / 19P
   Counters
53181A KEYSIGHT-53181A Datasheet
2Mb / 19P
   Counters
logo
System Logic Semiconduc...
SL74HC161 SLS-SL74HC161 Datasheet
85Kb / 9P
   Presettable Counters
logo
ON Semiconductor
MC74HC161A ONSEMI-MC74HC161A_13 Datasheet
167Kb / 15P
   Presettable Counters
May, 2013 ??Rev. 13
logo
B&K Precision Corporati...
1823A BK-1823A Datasheet
950Kb / 1P
   Frequency Counters
logo
ON Semiconductor
MC74HC163 ONSEMI-MC74HC163 Datasheet
144Kb / 16P
   Presettable Counters
June, 2001 ??Rev. 9
logo
Motorola, Inc
SN74LS160A MOTOROLA-SN74LS160A Datasheet
83Kb / 6P
   BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
Integral Corp.
IN74HC163A INTEGRAL-IN74HC163A Datasheet
190Kb / 9P
   PRESETTABLE COUNTERS
logo
List of Unclassifed Man...
HCF4017B-HCF4022B ETC1-HCF4017B-HCF4022B Datasheet
278Kb / 12P
   COUNTERS/DIVIDERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com