Electronic Components Datasheet Search |
|
PT-EW540 Datasheet(PDF) 9 Page - Panasonic Semiconductor |
|
PT-EW540 Datasheet(HTML) 9 Page - Panasonic Semiconductor |
9 / 17 page • Distances calculated with the above equations will include a slight error. Calculation of the projection distance For a screen size different from the above, use the equation below to calculate the projection distance. minimum L (m) = (diagonal screen size in inches) × 0.017604 - 0.048417 maximum L (m) = (diagonal screen size in inches) × 0.021822 - 0.045448 ET-ELW22 Aspect ratio 16:10 minimum L (m) = (diagonal screen size in inches) × 0.027184 - 0.055400 maximum L (m) = (diagonal screen size in inches) × 0.036907 - 0.053400 minimum L (m) = (diagonal screen size in inches) × 0.035717 - 0.050400 maximum L (m) = (diagonal screen size in inches) × 0.060817 - 0.049700 minimum L (m) = (diagonal screen size in inches) × 0.060837 - 0.113900 maximum L (m) = (diagonal screen size in inches) × 0.099163 - 0.112800 minimum L (m) = (diagonal screen size in inches) × 0.099411 - 0.212700 maximum L (m) = (diagonal screen size in inches) × 0.157867 - 0.210700 (fixed focus) L (m) = (diagonal screen size in inches) × 0.017379 - 0.057231 ET-ELW20 Supplied lens ET-ELT20 ET-ELT21 ET-ELW21 Aspect ratio 16:9 minimum L (m) = (diagonal screen size in inches) × 0.018093- 0.048417 maximum L (m) = (diagonal screen size in inches) × 0.022429- 0.045448 ET-ELW22 minimum L (m) = (diagonal screen size in inches) × 0.027940- 0.055400 maximum L (m) = (diagonal screen size in inches) × 0.037933- 0.053400 minimum L (m) = (diagonal screen size in inches) × 0.036709- 0.050400 maximum L (m) = (diagonal screen size in inches) × 0.062508- 0.049700 minimum L (m) = (diagonal screen size in inches) × 0.062528- 0.113900 maximum L (m) = (diagonal screen size in inches) × 0.101920- 0.112800 minimum L (m) = (diagonal screen size in inches) × 0.102175- 0.212700 maximum L (m) = (diagonal screen size in inches) × 0.162256- 0.210700 (fixed focus) L (m) = (diagonal screen size in inches) × 0.017862- 0.057231 ET-ELW20 Supplied lens ET-ELT20 ET-ELT21 ET-ELW21 PT- EW540/EW540L LCD Projectors As of August 2014 9/17 SFL14M019 |
Similar Part No. - PT-EW540 |
|
Similar Description - PT-EW540 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |