Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT-DZ780 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # PT-DZ780
Description  DLP??Projectors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PT-DZ780 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  PT-DZ780 Datasheet HTML 1Page - Panasonic Semiconductor PT-DZ780 Datasheet HTML 2Page - Panasonic Semiconductor PT-DZ780 Datasheet HTML 3Page - Panasonic Semiconductor PT-DZ780 Datasheet HTML 4Page - Panasonic Semiconductor PT-DZ780 Datasheet HTML 5Page - Panasonic Semiconductor PT-DZ780 Datasheet HTML 6Page - Panasonic Semiconductor PT-DZ780 Datasheet HTML 7Page - Panasonic Semiconductor PT-DZ780 Datasheet HTML 8Page - Panasonic Semiconductor PT-DZ780 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Supplied accessories
Optional accessories
Digital interface box
Zoom lens (1.3– 1.9:1)
Zoom lens (2.3– 3.6:1)
Zoom lens (3.6– 5.4:1)
Zoom lens (5.4– 8.6:1)
Fixed-focus lens (0.8:1)
Fixed-focus lens (0.4:1)
Ceiling mount bracket
Power cord (× 1)
Wireless/wired remote control unit (× 1)
Batteries for remote control (AAA type ×2)
Softwar
Operating Instructions (× 1)
e CD-ROM (Logo Transfer Software, Multi Projector Monitoring
&
Lens Mount cover (× 1)
Lens cover (× 1)
Clasp for lamp unit (× 2)
Control Software) (× 1)
ET-YFB100G
Digital LINK Switcher
ET-YFB200G
Zoom lens (0.8–1.0:1)
ET-DLE085
ET-DLE150
ET-DLE250
ET-DLE350
ET-DLE450
ET-DLE030
ET-DLE055
ET-PKD120H (for high ceilings)
ET-PKD120S (for low ceilings)
High-ceiling mount bracket
(6-axis adjustment mechanism)
ET-PKD130H
Remote control unit
Power supply
Operation range
Dimensions (W × H × D)
Weight
3 V DC (AAA type battery × 2)
Approx. 30 m (98 ft 5 in) when operated from directly in front of the
signal receptor
48 × 145 × 27 mm (1-28/32 × 5-23/32 × 1-1/16 inches)
Approx. 102 g (3.6 oz) (including batteries)
Power cord length
Cabinet materials
Dimensions (W × H × D)
Weight*
Operation noise*2
4
Operating temperature
Operating humidity
3.0 m (9 ft 10 in)
Molded plastic
(PT-DZ780W/DZ780LW : White)
(PT-DZ780B/DZ780LB : Black)
30 dB (dual lamp operation, LAMP MODE: NORMAL),
28 dB (dual lamp operation, LAMP MODE: ECO)
0– 45 °C (32 –113 °F)*5
10%– 80% (no condensation)
Upgrade kit
Replacement lamp unit
Attachment for ceiling mount bracket
ET-PKD130B
ET-UK20
Auto Screen Adjustment Upgrade Kit
ET-CUK10
Early Warning Software
ET-SWA100
ET-LAD70
ET-LAD70W (Twin Pack)
Weights and dimensions shown are approximate. Specifications and appearance are subject to change without notice.
*1 When the STANDBY MODE is set to ECO, network functions such as power on over the LAN network will not operate, and the serial output terminal
cannot be used. Also, only certain commands can be received for external control using the serial terminal.
*2 Measurement, measuring conditions, and method of notation all comply with ISO 21118 international standards.
With
Average value. May differ depending on models.
legs at shortest position.
When using the projector at elevations lower than 2,700 m(8,858") above sea level, and the operating environment temperature becomes 35 °C (95 °F) or
higher, the light output may be reduced to protect the projector. When using the projector at elevations between 2,700 m(8,858") and 4200 m(13,780"),
and the operating environment temperature becomes 25 °C (77 °F) or higher, the light output may be recuced to protect the projector.
*
*3
*4
*5
498 × 175* 3 × 521mm
(19-19/32 × 6-7/8*3 × 20-1/2 inches) (with supplied lens)
498 × 175* 3 × 508mm
(19-19/32 × 6-7/8*3 × 20 inches) (without lens, with lens cover)
498 × 175* 3 × 498mm
(19-19/32 × 6-7/8*3 × 19-19/32inches) (without lens and lens cover
)
Approx. 17.8 kg (39.2 lbs) (with supplied lens)
Approx. 17.0 kg (37.5 lbs) (without lens)
PT-
DZ780W/DZ780LW/DZ780B/DZ780LB
DLP™ Projectors
As of April 2015
4/18
SFD15M023


Similar Part No. - PT-DZ780

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PT-DZ10K PANASONIC-PT-DZ10K Datasheet
1Mb / 17P
   3-Chip DLP??Projector
PT-DZ13K PANASONIC-PT-DZ13K Datasheet
1Mb / 19P
   3-Chip DLP??Projector
PT-DZ16K PANASONIC-PT-DZ16K Datasheet
2Mb / 14P
   3-Chip DLP Projector
PT-DZ16K2 PANASONIC-PT-DZ16K2 Datasheet
1Mb / 12P
   3-Chip DLP??Projector
PT-DZ21K PANASONIC-PT-DZ21K Datasheet
1Mb / 19P
   3-Chip DLP Projector
More results

Similar Description - PT-DZ780

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PT-DX100K PANASONIC-PT-DX100K Datasheet
2Mb / 22P
   DLP??Projectors
PT-DZ870K PANASONIC-PT-DZ870K Datasheet
2Mb / 25P
   DLP??Projectors
PT-RZ970 PANASONIC-PT-RZ970 Datasheet
2Mb / 21P
   DLP Projectors
PT-RX110 PANASONIC-PT-RX110 Datasheet
2Mb / 18P
   DLP Projectors
PT-DW750 PANASONIC-PT-DW750 Datasheet
1Mb / 18P
   DLP??Projectors
PT-DW830K PANASONIC-PT-DW830K Datasheet
2Mb / 23P
   DLP??Projectors
PT-DX820 PANASONIC-PT-DX820 Datasheet
1Mb / 16P
   DLP??Projectors
PT-LW271 PANASONIC-PT-LW271 Datasheet
1Mb / 12P
   DLP Projector
PT-LX321 PANASONIC-PT-LX321 Datasheet
974Kb / 11P
   DLP??Projector
PT-EX620 PANASONIC-PT-EX620 Datasheet
1Mb / 13P
   LCD Projectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com