Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT-DX100K Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # PT-DX100K
Description  DLP??Projectors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PT-DX100K Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button PT-DX100K Datasheet HTML 2Page - Panasonic Semiconductor PT-DX100K Datasheet HTML 3Page - Panasonic Semiconductor PT-DX100K Datasheet HTML 4Page - Panasonic Semiconductor PT-DX100K Datasheet HTML 5Page - Panasonic Semiconductor PT-DX100K Datasheet HTML 6Page - Panasonic Semiconductor PT-DX100K Datasheet HTML 7Page - Panasonic Semiconductor PT-DX100K Datasheet HTML 8Page - Panasonic Semiconductor PT-DX100K Datasheet HTML 9Page - Panasonic Semiconductor PT-DX100K Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Standard setting-up position (If using other than the ET-DLE030)
C a u t i o n :
• All construction work should be done by a qualified technician.
• When mounting to the ceiling, use the special mounting bracket. Furthermore, in order to prevent it from falling
down from the ceiling, use the supplied wire on the mounting bracket.
*1
100
(3-15/16)
unit : mm (inch)
*1 When the lens protrudes to the maximum.
84 mm (3-5/16 in) with the ET-DLE085
43 mm (1-11/16 in) with the supplied lens
44 mm (1-23/32 in) with the ET-DLE150
27 mm (1-1/16 in) with the ET-DLE055
*2 Adjustable in 40 mm (1-9/16 in) steps.
NOTE:
Illustrations show the projector
installed using optional ceiling mount
bracket ET-PKD120H, optional bracket
assembly ET-PKD130B/PKD120B and
an optional lens.
This illustration is not drawn to scale.
45 mm (1-25/32 in) with the ET-DLE250
51 mm (2 in) with the ET-DLE350
95 mm (3-3/4 in) with the ET-DLE450
Projected image
Lower edge of projected image
Upper edge of projected image
L
Projected image
L
L
269
244
(10-19/32)
(9-19/32)
ø60.5
259
(10-3/16)
PT-
DX100K/DX100W/DX100LK/DX100LW
DLPTM Projector
As of September 2013
6 / 2 2
SFD13M006-2


Similar Part No. - PT-DX100K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PT-DX820 PANASONIC-PT-DX820 Datasheet
1Mb / 16P
   DLP??Projectors
More results

Similar Description - PT-DX100K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PT-DZ780 PANASONIC-PT-DZ780 Datasheet
1Mb / 18P
   DLP??Projectors
PT-DZ870K PANASONIC-PT-DZ870K Datasheet
2Mb / 25P
   DLP??Projectors
PT-RZ970 PANASONIC-PT-RZ970 Datasheet
2Mb / 21P
   DLP Projectors
PT-RX110 PANASONIC-PT-RX110 Datasheet
2Mb / 18P
   DLP Projectors
PT-DW750 PANASONIC-PT-DW750 Datasheet
1Mb / 18P
   DLP??Projectors
PT-DW830K PANASONIC-PT-DW830K Datasheet
2Mb / 23P
   DLP??Projectors
PT-DX820 PANASONIC-PT-DX820 Datasheet
1Mb / 16P
   DLP??Projectors
PT-LW271 PANASONIC-PT-LW271 Datasheet
1Mb / 12P
   DLP Projector
PT-LX321 PANASONIC-PT-LX321 Datasheet
974Kb / 11P
   DLP??Projector
PT-EX620 PANASONIC-PT-EX620 Datasheet
1Mb / 13P
   LCD Projectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com