Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ET-TRM110 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ET-TRM110
Description  Full High-Definition Home Cinema Projector
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ET-TRM110 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ET-TRM110 Datasheet HTML 1Page - Panasonic Semiconductor ET-TRM110 Datasheet HTML 2Page - Panasonic Semiconductor ET-TRM110 Datasheet HTML 3Page - Panasonic Semiconductor ET-TRM110 Datasheet HTML 4Page - Panasonic Semiconductor ET-TRM110 Datasheet HTML 5Page - Panasonic Semiconductor ET-TRM110 Datasheet HTML 6Page - Panasonic Semiconductor ET-TRM110 Datasheet HTML 7Page - Panasonic Semiconductor ET-TRM110 Datasheet HTML 8Page - Panasonic Semiconductor ET-TRM110 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
S P E C
F I L E
PT-AT6000
Full High-Definition Home Cinema Projector
As of August 2012
SFL12M017
5 / 1 3
Standard setting-up position
C a u t i o n :
All construction work should be done by a qualified technician.
When mounting to the ceiling, use the special mounting bracket. To prevent the projector from dropping, attach
the wire that is included with the projector between the mounting bracket and the ceiling.
Upper edge of projected image
Lower edge of projected image
Projected image
L
L
Projected image
L
204
(8-1/32)
65 (2-9/16)
unit : mm (inch)
NOTE:
Illustrations show the projector installed
using optional ceiling mount bracket
ET-PKA110S.
This illustration is not drawn to scale.
Diagonal length
Projection size (16:9)
Height from the edge of screen
to center of lens
(H)
Width from the right edge of screen
to center of lens
(W)
Projection distance (L)
Min (Wide)
Max (Telephoto)
1. 0 2 m
1. 2 7 m
1. 5 2 m
1.7 8 m
2 . 0 3 m
2 . 2 9 m
2 . 5 4 m
3 . 0 5 m
3 . 8 1 m
5 . 0 8 m
6 . 3 5 m
7. 6 2 m
1.16 m
1. 47 m
1.7 7 m
2 . 0 7 m
2 . 3 7 m
2 . 6 7 m
2 . 9 8 m
3 . 5 8 m
4 .4 9 m
6 . 0 0 m
7. 51 m
9 . 0 2 m
2 . 3 7 m
2 . 9 8 m
3 . 5 8 m
4 .18 m
4 .7 9 m
5 . 3 9 m
6 . 0 0 m
7. 2 0 m
9 . 0 2 m
12 . 0 4 m
15 . 0 6 m
18 . 0 8 m
0 .7 5 m
0 . 9 3 m
1.13 m
1. 31 m
1. 5 0 m
1. 6 8 m
1. 8 8 m
2 . 24 m
2 . 8 1 m
3 .74 m
4 . 6 7 m
5 . 6 1 m
0 . 6 8 m
0 . 8 4 m
1. 0 1 m
1.18 m
1. 3 5 m
1. 51 m
1. 6 8 m
2 . 0 2 m
2 . 5 2 m
3 . 3 7 m
4 . 2 0 m
5 . 0 5 m
- 0 . 2 5 m
- 0 . 31 m
- 0 . 3 8 m
- 0 . 4 4 m
- 0 . 5 0 m
- 0 . 5 6 m
- 0 . 6 3 m
- 0 .7 5 m
- 0 . 9 4 m
-1. 2 5 m
-1. 5 6 m
-1. 8 7 m
0 . 2 1 m
0 . 2 7 m
0 . 3 2 m
0 . 3 7 m
0 . 4 2 m
0 . 4 8 m
0 . 5 3 m
0 . 6 4 m
0 . 8 0 m
1. 0 6 m
1. 3 3 m
1. 5 9 m
40 ˝
50 ˝
60 ˝
70 ˝
80 ˝
90 ˝
10 0 ˝
12 0 ˝
15 0 ˝
20 0 ˝
25 0 ˝
30 0 ˝
3´10 ˝
4´10 ˝
5´10 ˝
6´ 9 ˝
7´ 9 ˝
8´9 ˝
9´ 9 ˝
11´ 9 ˝
14´ 9 ˝
19 ´8 ˝
24´8 ˝
29 ´ 7 ˝
7 ´ 9 ˝
9´ 9 ˝
11´ 9 ˝
13 ´ 9 ˝
15 ´ 9 ˝
17 ´8 ˝
19 ´8 ˝
23 ´ 7 ˝
29 ´ 7 ˝
39 ´6 ˝
49 ´ 5 ˝
59 ´4 ˝
-10 ˝
-1´0 ˝
-1´ 3 ˝
-1´ 5 ˝
-1´8 ˝
-1´10 ˝
-2 ´1 ˝
-2 ´6 ˝
-3 ´1 ˝
-4´1 ˝
-5 ´1 ˝
-6 ´ 2 ˝
11 ˝
1´1 ˝
1´ 3 ˝
1´ 5 ˝
1´ 7 ˝
1´ 9 ˝
2´1 ˝
2´ 7 ˝
3´6 ˝
4´4 ˝
5´ 3 ˝
2´6 ˝
3´1 ˝
3´8 ˝
4´4 ˝
4´11 ˝
5´6 ˝
6´ 2 ˝
7´4 ˝
9´ 3 ˝
12 ´3 ˝
15 ´4 ˝
18 ´ 5 ˝
2´ 3 ˝
2´ 9 ˝
3´4 ˝
3´10 ˝
4´ 5 ˝
4´11 ˝
5´6 ˝
6´8 ˝
8´ 3 ˝
11´1 ˝
13 ´ 9 ˝
16 ´ 7 ˝
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
/
Projection distance for 16:9 aspect ratio screen
NOTE: The values of L shown above vary due to characteristics of the zoom lens. Images may slightly distort due to characteristics of the zoom
lens when the zoom lens is set to the minimum throw distance.


Similar Part No. - ET-TRM110

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
ET-T1441 GEC-ET-T1441 Datasheet
234Kb / 3P
   PENTODE FOR RF AND AMPLIFIER APPLICATIONS IN AUTOMOBILE RECEIVERS
ET-T1465 GEC-ET-T1465 Datasheet
173Kb / 3P
   For Tv damping didoe applcations
ET-T1496 GEC-ET-T1496 Datasheet
217Kb / 3P
   DIODE FOR HALF-WAVE POWER RECTIFIER APPLICATIONS
ET-T1586 GEC-ET-T1586 Datasheet
504Kb / 5P
   TWIN DIODE FOR FULL-WAVE POWER-RECTIFIER APPLICATIONS
ET-T1646 GEC-ET-T1646 Datasheet
194Kb / 2P
   DUPLEX-DIODE TWIN TRIODE
More results

Similar Description - ET-TRM110

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PT-AE8000 PANASONIC-PT-AE8000 Datasheet
1Mb / 13P
   Full High-Definition Home Cinema Projector
PT-AR100 PANASONIC-PT-AR100 Datasheet
1Mb / 11P
   Full High-Definition Home Cinema Projector
PT-AH1000 PANASONIC-PT-AH1000 Datasheet
1Mb / 11P
   Full High-Definition Home Cinema Projector
logo
Sony Corporation
DAV-SB100 SONY-DAV-SB100 Datasheet
117Kb / 2P
   Ensemble Home Cinema
logo
NEC
NC1200C NEC-NC1200C Datasheet
543Kb / 2P
   NEC NC1200C Digital Cinema Projector
logo
Panasonic Semiconductor
PT-FX400 PANASONIC-PT-FX400 Datasheet
1Mb / 13P
   LCD Projector
PT-LX321 PANASONIC-PT-LX321 Datasheet
974Kb / 11P
   DLP??Projector
PT-EX16K PANASONIC-PT-EX16K Datasheet
1Mb / 16P
   LCD Projector
PT-LW321 PANASONIC-PT-LW321 Datasheet
1Mb / 12P
   DLP Projector
PT-LX271 PANASONIC-PT-LX271 Datasheet
1Mb / 11P
   DLP??Projector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com