Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA10324AF Datasheet(PDF) 7 Page - Rohm

Part # BA10324AF
Description  Ground Sense Operational Amplifiers
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA10324AF Datasheet(HTML) 7 Page - Rohm

Back Button BA10324AF Datasheet HTML 3Page - Rohm BA10324AF Datasheet HTML 4Page - Rohm BA10324AF Datasheet HTML 5Page - Rohm BA10324AF Datasheet HTML 6Page - Rohm BA10324AF Datasheet HTML 7Page - Rohm BA10324AF Datasheet HTML 8Page - Rohm BA10324AF Datasheet HTML 9Page - Rohm BA10324AF Datasheet HTML 10Page - Rohm BA10324AF Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200130-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
7/52
23.Jan.2014 Rev.003
TSZ22111・15・001
BA10358xx, BA10324Axx, BA2904xxx, BA2904Sxxx, BA2904Wxx
BA2902xx, BA2902Sxx
○BA10324A (Unless otherwise specified VCC=+5V, VEE=0V, TA=25°C)
Parameter
Symbol
Limits
Unit
Condition
Min.
Typ.
Max.
Input Offset Voltage
(Note 20)
VIO
-
2
7
mV
OUT=1.4V
Input Offset Current
(Note 20)
IIO
-
5
50
nA
OUT=1.4V
Input Bias Current
(Note 21)
IB
-
20
250
nA
OUT=1.4V
Supply Current
ICC
-
0.6
2
mA
RL=∞, All Op-Amps
Maximum Output Voltage(High)
VOH
3.5
-
-
V
RL=2k
Maximum Output Voltage(Low)
VOL
-
-
250
mV
RL=∞, All Op-Amps
Large Signal Voltage Gain
AV
25
100
-
V/mV
RL≧2k
Ω, VCC=15V
OUT=1.4 to 11.4V
88
100
-
dB
Input Common-mode Voltage range
VICM
0
-
VCC-1.5
V
(VCC-VEE)=5V
OUT=VEE+1.4V
Common-mode Rejection Ratio
CMRR
65
75
-
dB
OUT=1.4V
Power Supply Rejection Ratio
PSRR
65
100
-
dB
VCC=5 to 30V
Output Source Current
ISOURCE
20
35
-
mA
VIN+=1V, VIN-=0V
OUT=0V,
1CH is short circuit
Output Sink Current
ISINK
10
20
-
mA
VIN+=0V, VIN-=1V
OUT=5V,
1CH is short circuit
Channel Separation
CS
-
120
-
dB
f=1kHz, input referred
Slew Rate
SR
-
0.2
-
V/
μs VCC=15V, Av=0dB
RL=2k
Ω, CL=100pF
Gain Band Width
GBW
-
0.5
-
MHz
VCC=30V, RL=2k
CL=100pF
(Note 20) Absolute value
(Note 21) Current direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC.


Similar Part No. - BA10324AF

ManufacturerPart #DatasheetDescription
logo
Rohm
BA10324AF ROHM-BA10324AF	 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA10324AF ROHM-BA10324AF Datasheet
61Kb / 5P
   Quad ground sense operational
BA10324AF ROHM-BA10324AF Datasheet
266Kb / 5P
   GROUND SENSE QUAD OPERATIONAL AMPLIFIERS
BA10324AF ROHM-BA10324AF Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA10324AF ROHM-BA10324AF Datasheet
735Kb / 26P
   Ground Sense Operational Amplifiers
More results

Similar Description - BA10324AF

ManufacturerPart #DatasheetDescription
logo
Rohm
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F-E2 ROHM-BA2904F-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
LM358F-E2 ROHM-LM358F-E2 Datasheet
1Mb / 48P
   Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
BA10324AFV-E2 ROHM-BA10324AFV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_11 Datasheet
735Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_09 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA3404FJ ROHM-BA3404FJ Datasheet
516Kb / 22P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com