Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA3474FVJ-E2 Datasheet(PDF) 4 Page - Rohm

Part # BA3474FVJ-E2
Description  High Speed with High Voltage Operational Amplifiers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3474FVJ-E2 Datasheet(HTML) 4 Page - Rohm

  BA3474FVJ-E2 Datasheet HTML 1Page - Rohm BA3474FVJ-E2 Datasheet HTML 2Page - Rohm BA3474FVJ-E2 Datasheet HTML 3Page - Rohm BA3474FVJ-E2 Datasheet HTML 4Page - Rohm BA3474FVJ-E2 Datasheet HTML 5Page - Rohm BA3474FVJ-E2 Datasheet HTML 6Page - Rohm BA3474FVJ-E2 Datasheet HTML 7Page - Rohm BA3474FVJ-E2 Datasheet HTML 8Page - Rohm BA3474FVJ-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200100-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
4/36
11.Jul.2014 Rev.004
TSZ22111・15・001
BA3472xxx
BA3472RFVM
BA3474xxx
BA3474RFV
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Ratings
Unit
BA3472
BA3474
BA3472R
BA3474R
Supply Voltage
VCC-VEE
+36
V
Power Dissipation
Pd
SOP8
780
*1*13
-
-
-
mW
SSOP-B8
690
*2*13
-
-
-
MSOP8
590
*3*13
-
590
*3*13
-
-
-
625
*4*14
-
-
-
713
*5*15
-
-
-
937
*6*16
-
SOP-J8
675
*7*13
-
-
-
TSSOP-B8
625
*4*13
-
-
-
SOP14
-
610
*8*13
-
-
SSOP-B14
-
870
*9*13
-
870
*9*13
-
-
-
1187
*10*15
-
-
-
1689
*11*16
TSSOP-B14
-
850
*12*13
-
-
Differential Input Voltage
*17
Vid
+36
V
Input Common-mode
Voltage Range
Vicm
(VEE - 0.3) to VEE + 36
V
Input Current
*18
II
-10
mA
Operable with Low Voltage
Vopr
+3.0V to +36.0V
(±1.5V to ±18.0V)
V
Operating Temperature Range
Topr
-40 to +85(SOP14:to +75)
-40 to +105
Storage Temperature Range
Tstg
-55 to +150
Maximum Junction Temperature
Tjmax
+150
*1
To use at temperature above Ta=25℃ reduce 6.2mW/℃.
*2
To use at temperature above Ta=25℃ reduce 5.5mW/℃
*3
To use at temperature above Ta=25℃ reduce 4.8mW/℃
*4
To use at temperature above Ta=25℃ reduce 5.0mW/℃
*5
To use at temperature above Ta=25℃ reduce 5.7mW/℃
*6
To use at temperature above Ta=25℃ reduce 7.5mW/℃
*7
To use at temperature above Ta=25℃ reduce 5.4mW/℃
*8
To use at temperature above Ta=25℃ reduce 4.9mW/℃
*9
To use at temperature above Ta=25℃ reduce 7.0mW/℃
*10
To use at temperature above Ta=25℃ reduce 9.5mW/℃
*11
To use at temperature above Ta=25℃ reduce 13.5mW/℃
*12
To use at temperature above Ta=25℃ reduce 6.8mW/℃
*13
Mounted on a FR4 glass epoxy PCB(70mm×70mm×1.6mm).
*14
Mounted on a FR4 glass epoxy 2 layers PCB 70mm×70mm×1.6mm (occupied copper area:15mm×15mm).
*15
Mounted on a FR4 glass epoxy 2 layers PCB 70mm×70mm×1.6mm (occupied copper area:70mm×70mm).
*16
Mounted on a FR4 glass epoxy 4 layers PCB 70mm×70mm×1.6mm (occupied copper area:70mm×70mm).
*17
The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VEE.
*18
An excessive input current will flow when input voltages of less than VEE-0.6V are applied.
The input current can be set to less than the rated current by adding a limiting resistor.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is
operated over the absolute maximum ratings.


Similar Part No. - BA3474FVJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3474FVJ-E2 ROHM-BA3474FVJ-E2 Datasheet
694Kb / 32P
   High Speed with High Voltage Operational Amplifiers
More results

Similar Description - BA3474FVJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3472F ROHM-BA3472F_11 Datasheet
571Kb / 21P
   High Speed with High Voltage Operational Amplifiers
BA3472FE2 ROHM-BA3472FE2 Datasheet
694Kb / 32P
   High Speed with High Voltage Operational Amplifiers
BA3472 ROHM-BA3472 Datasheet
615Kb / 41P
   High Speed with High Voltage Operational Amplifiers
BU7291G ROHM-BU7291G Datasheet
605Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BU5281G-TR ROHM-BU5281G-TR Datasheet
608Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BA3472F ROHM-BA3472F_09 Datasheet
601Kb / 10P
   Operational Amplifiers: High Speed
logo
Texas Instruments
TLV2342 TI-TLV2342 Datasheet
519Kb / 34P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE HIGH-SPEED OPERATIONAL AMPLIFIERS
TLV2342 TI1-TLV2342_15 Datasheet
1Mb / 43P
[Old version datasheet]   LinCMOSE LOW-VOLTAGE HIGH-SPEED OPERATIONAL AMPLIFIERS
logo
Rohm
BA3472YFC ROHM-BA3472YFC Datasheet
659Kb / 32P
   Automotive High Speed Operational Amplifiers
BA3472YFV-C ROHM-BA3472YFV-C Datasheet
750Kb / 32P
   Automotive High Speed Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com