Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF24XA Datasheet(PDF) 60 Page - Microchip Technology

Part # MRF24XA
Description  Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF
Download  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24XA Datasheet(HTML) 60 Page - Microchip Technology

Back Button MRF24XA_15 Datasheet HTML 56Page - Microchip Technology MRF24XA_15 Datasheet HTML 57Page - Microchip Technology MRF24XA_15 Datasheet HTML 58Page - Microchip Technology MRF24XA_15 Datasheet HTML 59Page - Microchip Technology MRF24XA_15 Datasheet HTML 60Page - Microchip Technology MRF24XA_15 Datasheet HTML 61Page - Microchip Technology MRF24XA_15 Datasheet HTML 62Page - Microchip Technology MRF24XA_15 Datasheet HTML 63Page - Microchip Technology MRF24XA_15 Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 258 page
background image
MRF24XA
DS70005023C-page 60
Preliminary
 2015 Microchip Technology Inc.
REGISTER 2-46:
IFGAP (INTER FRAME CONFIGURATION REGISTER)
ADDRESS 0x39
REGISTER 2-47:
TXPOW (TRANSMIT POWER CONFIGURATION REGISTER)
ADDRESS 0x3A
R-000
R/W-10111
r
IFGAP<4:0>
bit 7
bit 0
Legend: R = Readable bit W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
r = Reserved
bit 7-5
Reserved: Maintain as ‘0’
bit 4-0
IFGAP<4:0>: TX Interframe-Gap Field bits
This field allows configuring a TX interframe-gap ranging from 0 to 30 μs. This duration is enforced as
a minimum separation between the last sample of a transmitted frame and the start of the preamble for
a potential subsequent frame transmission. Unit is 2 μs/LSB.
R/W-000
R/W-11111
CHIPBOOST<2:0>
TXPOW<4:0>
bit 7
bit 0
Legend: R = Readable bit W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
r = Reserved
bit 7-5
CHIPBOOST<2:0>: TX Chip Boosting Field bits
This field modifies the spectrum of the OQPSK transmission.
bit 4-0
TXPOW<4:0>: TX Power Register Field bits
This field allows configuring a TX power ranging from -19 to 1 dBm. Encoding:
11111 = +1 dBm
00001 = -19 dBm
00000 = PA OFF


Similar Part No. - MRF24XA_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MRF24XA TI1-MRF24XA Datasheet
3Mb / 250P
[Old version datasheet]   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF Transceiver with Extended Proprietary Features
logo
Microchip Technology
MRF24XA MICROCHIP-MRF24XA Datasheet
2Mb / 258P
   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF Transceiver with Extended Proprietary Features
01/27/15
More results

Similar Description - MRF24XA_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MRF24XA TI1-MRF24XA Datasheet
3Mb / 250P
[Old version datasheet]   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF Transceiver with Extended Proprietary Features
logo
Microchip Technology
MRF24XA MICROCHIP-MRF24XA Datasheet
2Mb / 258P
   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF Transceiver with Extended Proprietary Features
01/27/15
MRF24J40 MICROCHIP-MRF24J40_08 Datasheet
2Mb / 152P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2008
MRF24J40MB-I MICROCHIP-MRF24J40MB-I Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
07/15/10
MRF24J40 MICROCHIP-MRF24J40_10 Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2010
MRF24J40 MICROCHIP-MRF24J40 Datasheet
1Mb / 66P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2006
logo
Texas Instruments
CC2520 TI-CC2520_15 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
logo
ATMEL Corporation
AT86RF231 ATMEL-AT86RF231 Datasheet
3Mb / 180P
   Low power 2.4 GHz Transceiver for ZigBee, IEEE 802.15.4, and ISM Applications
logo
Anaren Microwave
2530E24AZ1 ANAREN-2530E24AZ1 Datasheet
234Kb / 2P
   2.4-GHz IEEE 802.15.4 compliant RF transceiver
logo
Texas Instruments
CC2520 TI-CC2520_11 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com