Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF24XA Datasheet(PDF) 48 Page - Microchip Technology

Part # MRF24XA
Description  Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF
Download  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24XA Datasheet(HTML) 48 Page - Microchip Technology

Back Button MRF24XA_15 Datasheet HTML 44Page - Microchip Technology MRF24XA_15 Datasheet HTML 45Page - Microchip Technology MRF24XA_15 Datasheet HTML 46Page - Microchip Technology MRF24XA_15 Datasheet HTML 47Page - Microchip Technology MRF24XA_15 Datasheet HTML 48Page - Microchip Technology MRF24XA_15 Datasheet HTML 49Page - Microchip Technology MRF24XA_15 Datasheet HTML 50Page - Microchip Technology MRF24XA_15 Datasheet HTML 51Page - Microchip Technology MRF24XA_15 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 258 page
background image
MRF24XA
DS70005023C-page 48
Preliminary
 2015 Microchip Technology Inc.
REGISTER 2-29:
ADDR (ADDRESS REGISTER)
ADDRESS: 0x1F – 0x26
R/W-00000000
ADDR<63:56>
bit 63
bit 56
R/W-00000000
ADDR<55:48>
bit 55
bit 48
R/W-00000000
ADDR<47:40>
bit 47
bit 40
R/W-00000000
ADDR<39:32>
bit 39
bit 32
R/W-00000000
ADDR<31:24>
bit 31
bit 24
R/W-00000000
ADDR<23:16>
bit 23
bit 16
R/W-00000000
ADDR<15:8>
bit 15
bit 8
R/W-00000000
ADDR<7:0>
bit 7
bit 0
Legend: R = Readable bit W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
r = Reserved
bit 63-0
ADDR<63:0>: Long Address Field bits
Current device’s long address (LSB stored). For Proprietary frames, the number of address bytes is
defined in ADDRSZ<2:0>. For addresses less than 8 octets, use the least significant bits of this register.


Similar Part No. - MRF24XA_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MRF24XA TI1-MRF24XA Datasheet
3Mb / 250P
[Old version datasheet]   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF Transceiver with Extended Proprietary Features
logo
Microchip Technology
MRF24XA MICROCHIP-MRF24XA Datasheet
2Mb / 258P
   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF Transceiver with Extended Proprietary Features
01/27/15
More results

Similar Description - MRF24XA_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MRF24XA TI1-MRF24XA Datasheet
3Mb / 250P
[Old version datasheet]   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF Transceiver with Extended Proprietary Features
logo
Microchip Technology
MRF24XA MICROCHIP-MRF24XA Datasheet
2Mb / 258P
   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF Transceiver with Extended Proprietary Features
01/27/15
MRF24J40 MICROCHIP-MRF24J40_08 Datasheet
2Mb / 152P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2008
MRF24J40MB-I MICROCHIP-MRF24J40MB-I Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
07/15/10
MRF24J40 MICROCHIP-MRF24J40_10 Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2010
MRF24J40 MICROCHIP-MRF24J40 Datasheet
1Mb / 66P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2006
logo
Texas Instruments
CC2520 TI-CC2520_15 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
logo
ATMEL Corporation
AT86RF231 ATMEL-AT86RF231 Datasheet
3Mb / 180P
   Low power 2.4 GHz Transceiver for ZigBee, IEEE 802.15.4, and ISM Applications
logo
Anaren Microwave
2530E24AZ1 ANAREN-2530E24AZ1 Datasheet
234Kb / 2P
   2.4-GHz IEEE 802.15.4 compliant RF transceiver
logo
Texas Instruments
CC2520 TI-CC2520_11 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com