Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1600SPE-3-001 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # DS1600SPE-3-001
Description  1600 Watts Distributed Power System
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS1600SPE-3-001 Datasheet(HTML) 1 Page - Artesyn Technologies

  DS1600SPE-3-001 Datasheet HTML 1Page - Artesyn Technologies DS1600SPE-3-001 Datasheet HTML 2Page - Artesyn Technologies DS1600SPE-3-001 Datasheet HTML 3Page - Artesyn Technologies DS1600SPE-3-001 Datasheet HTML 4Page - Artesyn Technologies DS1600SPE-3-001 Datasheet HTML 5Page - Artesyn Technologies DS1600SPE-3-001 Datasheet HTML 6Page - Artesyn Technologies DS1600SPE-3-001 Datasheet HTML 7Page - Artesyn Technologies DS1600SPE-3-001 Datasheet HTML 8Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
POWER
DS1600SPE
1600 Watts Distributed Power System
Front-end Bulk Power
Total Output Power:
1600 W continuous at high line
Wide Range Input Voltage:
90 - 264 Vac
SPECIAL FEATURES
ƒ
1600 W output power at high line
ƒ
High power and short form factor
ƒ
1U power supply
ƒ
High density design: 40 W/in3
ƒ
Active power factor correction
ƒ
EN61000-3-2 harmonic compliance
ƒ
Inrush current control
ƒ
80plus platinum efficiency
ƒ
N+1 or N+N redundant
ƒ
Active current sharing
ƒ
Full digital control
ƒ
PMBus compliant
ƒ
Compatible with Artesyn’s universal
PMBus GUI
ƒ
Reverse airflow option
ƒ
Two-year warranty
COMPLIANCE
ƒ
Class A + 6 dB margin Conducted/
Radiated EMI
ƒ
RoHS compliant
SAFETY
ƒ
UL/cUL 60950 (UL Recognized)
ƒ
NEMKO+ CB Report EN60950
ƒ
EN60950
ƒ
CE Mark
ƒ
China CQC
Electrical Specifications
Input
Input voltage range
180 to 264 Vac: 1600 W
90 to 140 Vac: 800 W
Frequency
47 Hz to 63 Hz
Efficiency
94.0% peak
Max input current
10.8 Arms
Inrush current
55 Apk
Conducted EMI
Class A
Radiated EMI
Class A
Power factor
> 0.9 beginning at 20% load
ITHD
10%
Leakage current
1.75 mA
Hold-up time
10 ms
Ordering Information
Model Number
Nominal Main Output
Standby Output
Airflow Direction
DS1600SPE-3
12 V @ 133.3 A
12 V @ 3.5 A
Standard (forward)
DS1600SPE-3-001
12 V @ 133.3 A
12 V @ 3.5 A
Reverse
Data Sheet


Similar Part No. - DS1600SPE-3-001

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
DS1600 TTELEC-DS1600 Datasheet
310Kb / 1P
   Servo-Acting Coupled Diaphragm
logo
Diodes Incorporated
DS16008 DIODES-DS16008 Datasheet
125Kb / 4P
   1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
More results

Similar Description - DS1600SPE-3-001

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
DS500SPE-3 ARTESYN-DS500SPE-3 Datasheet
704Kb / 7P
   500 Watts Distributed Power System
DS750PED ARTESYN-DS750PED Datasheet
701Kb / 7P
   750 Watts Distributed Power System
logo
Emerson Network Power
DS2900 EMERSON-NETWORKPOWER-DS2900 Datasheet
405Kb / 4P
   2900 Watts Distributed Power System
logo
Artesyn Technologies
DS2900 ARTESYN-DS2900 Datasheet
1Mb / 7P
   2900 Watts Distributed Power System
DS1100SLPE-3-001 ARTESYN-DS1100SLPE-3-001 Datasheet
700Kb / 7P
   1100 Watts Distributed Power System
DS1100SLPE ARTESYN-DS1100SLPE Datasheet
700Kb / 7P
   1100 Watts Distributed Power System
DS1100PED-3 ARTESYN-DS1100PED-3 Datasheet
880Kb / 8P
   1100 Watts Distributed Power System
logo
Emerson Network Power
DS1200 EMERSON-NETWORKPOWER-DS1200_09 Datasheet
472Kb / 4P
   1200 Watts Distributed Power System
logo
Artesyn Technologies
DS750PED-3-001 ARTESYN-DS750PED-3-001 Datasheet
701Kb / 7P
   750 Watts Distributed Power System
logo
Astec America, Inc
DS850-9 ASTEC-DS850-9 Datasheet
100Kb / 4P
   850 Watts 48V Distributed Power System
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com