Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2500PE Datasheet(PDF) 3 Page - Artesyn Technologies

Part # DS2500PE
Description  180 Vac to 264 Vac 2500 W
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS2500PE Datasheet(HTML) 3 Page - Artesyn Technologies

  DS2500PE Datasheet HTML 1Page - Artesyn Technologies DS2500PE Datasheet HTML 2Page - Artesyn Technologies DS2500PE Datasheet HTML 3Page - Artesyn Technologies DS2500PE Datasheet HTML 4Page - Artesyn Technologies DS2500PE Datasheet HTML 5Page - Artesyn Technologies DS2500PE Datasheet HTML 6Page - Artesyn Technologies DS2500PE Datasheet HTML 7Page - Artesyn Technologies DS2500PE Datasheet HTML 8Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Rev. 12.17.13
DS2500PE-3
3 of 9
Embedded Power for
Business-Critical Continuity
Input Signals
PSON
Active LOW signal which enables/disables the main output. Pulling this signal LOW will turn-on the main output.
MIN
MAX
V
IL
Input logic level LOW
0.8 V
V
IH
Input logic level HIGH
2.0 V
3.46 V
I
SOURCE
Current that may be sourced by this pin
2 mA
I
SINK
Current that may be sunk by this pin at low state
0.5 mA
FAN_POWER
Supplies the fan voltage to the power supply. These pins should be tied to the main 12V output at the system side.
MIN
MAX
I
SINK
Current that may be sinked by this pin
3.0 A
Output Signals
ACOK
Signal used to indicate the presence of AC input to the power supply. A logic level HIGH will indicate that the AC input to the power
supply is within the operating range while a logic level LOW will indicate that AC has been lost.
MIN
MAX
V
IL
Input logic level LOW
0.6 V
V
IH
Input logic level HIGH
2.0 V
3.3 V
I
SOURCE
Current that may be sourced by this pin
3.3 mA
I
SINK
Current that may be sunk by this pin at low state
0.7 mA
PWR_GOOD / PWOK
“Signal used to indicate that main output voltage is within regulation range. The PWR_GOOD signal will be driven HIGH when the output
voltage is valid and will be driven LOW when the output falls below the under-voltage threshold.
This signal also gives an advance warning when there is an impending power loss due to loss of AC input or system shutdown request.
More details in the Timing Section.
MIN
MAX
V
IL
Output logic level LOW
0.8 V
V
IH
Output logic level HIGH
2.0 V
3.46 V
I
SOURCE
Current that may be sourced by this pin
3.3 mA
I
SINK
Current that may be sunk by this pin
0.7 mA
Control and Status Signals


Similar Part No. - DS2500PE

ManufacturerPart #DatasheetDescription
logo
MTU Onsite Energy Corpo...
DS2500D5S MTU-DS2500D5S Datasheet
702Kb / 6P
   DIESEL GENERATOR SET
More results

Similar Description - DS2500PE

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NLP65 EMERSON-NETWORKPOWER-NLP65_09 Datasheet
427Kb / 4P
   85 VAC to 264 VAC universal input range
logo
Bel Fuse Inc.
PEC1600-12-074XA BEL-PEC1600-12-074XA Datasheet
694Kb / 13P
   Input Voltage Range 90 ??264 VAC / 180 ??300 VDC
MAP140 BEL-MAP140 Datasheet
821Kb / 5P
   Universal Input 85-264 VAC
logo
Power-One
MAP30 POWER-ONE-MAP30 Datasheet
133Kb / 4P
   Universal Input 85-264 VAC
logo
Arch Electronics Corp.
AQFV480E_SERIES ARCH-AQFV480E_SERIES Datasheet
550Kb / 7P
   Universal Input: 90-264 VAC
logo
Bel Fuse Inc.
MAP110 BEL-MAP110 Datasheet
781Kb / 6P
   Universal Input 85-264 VAC
logo
Power-One
MAP140 POWER-ONE-MAP140_06 Datasheet
198Kb / 4P
   Universal Input 85-264 VAC
MAP140 POWER-ONE-MAP140 Datasheet
575Kb / 3P
   Universal Input 85-264 VAC
logo
ETA-USA
ETJ02SX ETA-USA-ETJ02SX Datasheet
138Kb / 2P
   RANGE: Full input Range 85 to 264 VAC.
logo
Arch Electronics Corp.
AQF240U_SERIES ARCH-AQF240U_SERIES Datasheet
255Kb / 2P
   Universal Input: 90-264 VAC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com