Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2500PE Datasheet(PDF) 2 Page - Artesyn Technologies

Part # DS2500PE
Description  180 Vac to 264 Vac 2500 W
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS2500PE Datasheet(HTML) 2 Page - Artesyn Technologies

  DS2500PE Datasheet HTML 1Page - Artesyn Technologies DS2500PE Datasheet HTML 2Page - Artesyn Technologies DS2500PE Datasheet HTML 3Page - Artesyn Technologies DS2500PE Datasheet HTML 4Page - Artesyn Technologies DS2500PE Datasheet HTML 5Page - Artesyn Technologies DS2500PE Datasheet HTML 6Page - Artesyn Technologies DS2500PE Datasheet HTML 7Page - Artesyn Technologies DS2500PE Datasheet HTML 8Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Rev. 12.17.13
DS2500PE-3
2 of 9
Embedded Power for
Business-Critical Continuity
Outputs
Main DC Output
MIN
NOM
MAX
Nominal setting:
-0.20%
12
0.20%
Total output regulation range:
11.4 V
12.6 V
Dynamic load regulation range:
11.4 V
12.6 V
Output ripple:
120 mVp-p
Output current:
2A5
208 A
Current sharing:
Within +/-10% of full load rating
Capacitive loading:
100 uF
25000 uF
Start-up from AC to output:
3000 ms
Output rise time:
5 ms
100 ms
Standby DC Output
Output setpoint range:
-1%
3.3 V
1%
Total output regulation range:
3.135 V
3.465 V
Dynamic load regulation range1:
3.135 V
3.465 V
Output ripple:
50 mVp-p
Output current:
0.5 A
2.7 A
Current sharing:
N/A
Capacitive loading:
47 uF
560 uF
Start-up from AC to output:
2500 ms
Output rise time:
5 ms
100 ms
Protections
Main Output
MIN
NOM
MAX
Over-current protection2:
270
300
Over-voltage protection3:
13.4 V
15.0 V
Under-voltage protection3:
9.0 V
10.0 V
Over-temperature protection:
Yes
Fan fault protection:
Yes
Standby Output
Over-current protection4:
145%
180%
Over-voltage protection3:
3.8 V
4.3 V
1 Dyanmic load limits will apply for 100A step load at 0.5A/us
2 Unit will not shutdown if the overcurrent is less than 270A and last only for <1000ms. Otherwise, immediate latch if the current is more than 290A
3 Latch mode
4 Autorecovery
5 Minimum starting current during transient load. Output stays within regulation range at zero load.
Electrical Specifications


Similar Part No. - DS2500PE

ManufacturerPart #DatasheetDescription
logo
MTU Onsite Energy Corpo...
DS2500D5S MTU-DS2500D5S Datasheet
702Kb / 6P
   DIESEL GENERATOR SET
More results

Similar Description - DS2500PE

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NLP65 EMERSON-NETWORKPOWER-NLP65_09 Datasheet
427Kb / 4P
   85 VAC to 264 VAC universal input range
logo
Bel Fuse Inc.
PEC1600-12-074XA BEL-PEC1600-12-074XA Datasheet
694Kb / 13P
   Input Voltage Range 90 ??264 VAC / 180 ??300 VDC
MAP140 BEL-MAP140 Datasheet
821Kb / 5P
   Universal Input 85-264 VAC
logo
Power-One
MAP30 POWER-ONE-MAP30 Datasheet
133Kb / 4P
   Universal Input 85-264 VAC
logo
Arch Electronics Corp.
AQFV480E_SERIES ARCH-AQFV480E_SERIES Datasheet
550Kb / 7P
   Universal Input: 90-264 VAC
logo
Bel Fuse Inc.
MAP110 BEL-MAP110 Datasheet
781Kb / 6P
   Universal Input 85-264 VAC
logo
Power-One
MAP140 POWER-ONE-MAP140_06 Datasheet
198Kb / 4P
   Universal Input 85-264 VAC
MAP140 POWER-ONE-MAP140 Datasheet
575Kb / 3P
   Universal Input 85-264 VAC
logo
ETA-USA
ETJ02SX ETA-USA-ETJ02SX Datasheet
138Kb / 2P
   RANGE: Full input Range 85 to 264 VAC.
logo
Arch Electronics Corp.
AQF240U_SERIES ARCH-AQF240U_SERIES Datasheet
255Kb / 2P
   Universal Input: 90-264 VAC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com