Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFDU6101E Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TFDU6101E
Description  Fast Infrared Transceiver Module Family (FIR, 4 Mbit/s) for 2.6 V to 5.5 V Operation
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFDU6101E Datasheet(HTML) 1 Page - Vishay Siliconix

  TFDU6101E Datasheet HTML 1Page - Vishay Siliconix TFDU6101E Datasheet HTML 2Page - Vishay Siliconix TFDU6101E Datasheet HTML 3Page - Vishay Siliconix TFDU6101E Datasheet HTML 4Page - Vishay Siliconix TFDU6101E Datasheet HTML 5Page - Vishay Siliconix TFDU6101E Datasheet HTML 6Page - Vishay Siliconix TFDU6101E Datasheet HTML 7Page - Vishay Siliconix TFDU6101E Datasheet HTML 8Page - Vishay Siliconix TFDU6101E Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TFDU6101E/TFDS6401/TFDS6501E/TFDT6501E
Vishay Semiconductors
Rev. B1.6, 02–Nov–00
1 (17)
www.vishay.com
Document Number 82525
Fast Infrared Transceiver Module Family
(FIR, 4 Mbit/s) for 2.6 V to 5.5 V Operation
Description
The
TFDU6101E,
TFDS6401,
TFDS6501E,
TFDT6501E are a family of low–power infrared
transceiver modules compliant to the IrDA standard for
fast infrared data communication, supporting IrDA
speeds up to 4.0 Mbit/s (FIR), HP-SIR, Sharp ASK
and carrier based remote control modes up to 2 MHz.
Integrated within the transceiver modules are a photo
PIN diode, an infrared emitter (IRED), and a
low–power CMOS control IC to provide a total
front–end solution in a single package.
Vishay Telefunken’s FIR transceivers are available in
four package options, including our Baby Face
package (TFDU610xE), the standard setting, once
smallest FIR transceiver available on the market. This
wide selection provides flexibility for a variety of
applications and space constraints. The transceivers
are capable of directly interfacing with a wide variety
of I/O devices which perform the modulation/
demodulation
function,
including
National
Semiconductor’s PC87338, PC87108 and PC87109,
SMC’s FDC37C669, FDC37N769 and CAM35C44,
and Hitachi’s SH3. At a minimum, a current–limiting
resistor in series with the infrared emitter and a
VCC bypass
capacitor
are
the
only
external
components
required
implementing
a complete
solution.
Features
D Compliant to the IrDA physical layer standard
(Up to 4 Mbit/s),
HP–SIR®, Sharp ASK® and TV Remote Control
D For 3.0 V and 5.0 V Applications
D Operates from 2.6 V to 5.5 V within specification,
operational down to 2.4 V
D Low Power Consumption (3 mA Supply Current)
D Power Shutdown Mode (1 mA Shutdown Current)
D Four Surface Mount Package Options
Universal (9.7
× 4.7 × 4.0 mm)
Side View (13.0
× 5.95 × 5.3 mm)
Top View (13.0
× 7.6 × 5.95 mm)
Dracula (11.2
× 5.6 × 2.2 mm)
D Push-Pull-Receiver Output, grounded in
shutdown mode
D High Efficiency Emitter
D Baby Face (Universal) Package Capable of
Surface Mount Soldering to Side and Top View
Orientation
D Directly Interfaces with Various Super I/O and
Controller Devices
D Built–In EMI Protection – No External Shielding
Necessary
D Few External Components Required
D Backward Pin to Pin Compatible to all Vishay
Telefunken SIR and FIR Infrared Transceivers
D Split power supply, transmitter and receiver can be
operated from two power supplies with relaxed
requirements, thus saving costs
Applications
D Notebook Computers, Desktop PCs,
Palmtop Computers (Win CE, Palm PC), PDAs
D Digital Still and Video Cameras
D Printers, Fax Machines, Photocopiers,
Screen Projectors
D Telecommunication Products
(Cellular Phones, Pagers)
D Internet TV Boxes, Video Conferencing Systems
D External Infrared Adapters (Dongles)
D Medical and Industrial Data Collection Devices


Similar Part No. - TFDU6101E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDU6100E VISHAY-TFDU6100E Datasheet
549Kb / 12P
   2.7-5.5V Fast Infrared Transceiver Module Family
Rev. A, 03-Apr-98
TFDU6102 VISHAY-TFDU6102 Datasheet
420Kb / 16P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.7 V to 5.5 V Operation
Rev. 1.5, 24-Jun-04
TFDU6102 VISHAY-TFDU6102 Datasheet
295Kb / 18P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.7 V to 5.5 V Operation
Rev. 1.6, 05-Dec-05
TFDU6102-TR3 VISHAY-TFDU6102-TR3 Datasheet
295Kb / 18P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.7 V to 5.5 V Operation
Rev. 1.6, 05-Dec-05
TFDU6102-TT3 VISHAY-TFDU6102-TT3 Datasheet
295Kb / 18P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.7 V to 5.5 V Operation
Rev. 1.6, 05-Dec-05
More results

Similar Description - TFDU6101E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDU6102E VISHAY-TFDU6102E Datasheet
667Kb / 17P
   Fast Infrared Transceiver Module Family (FIR, 4 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. B1.6, 02-Nov-00
TFDU5102-TR3 VISHAY-TFDU5102-TR3 Datasheet
243Kb / 12P
   Fast Infrared Transceiver Module Family (MIR, 1 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. A1.1, 12-Nov-02
TFDU6103 VISHAY-TFDU6103 Datasheet
265Kb / 15P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 5.5 V Operation
Rev. 1.3, 03-Jul-08
TFDU6102 VISHAY-TFDU6102_05 Datasheet
295Kb / 18P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.7 V to 5.5 V Operation
Rev. 1.6, 05-Dec-05
TFDU6103 VISHAY-TFDU6103_09 Datasheet
236Kb / 13P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 5.5 V Operation
Rev. 1.4, 29-Jul-09
TFDU6102 VISHAY-TFDU6102 Datasheet
420Kb / 16P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.7 V to 5.5 V Operation
Rev. 1.5, 24-Jun-04
TFDU6300 VISHAY-TFDU6300 Datasheet
214Kb / 15P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 3.6 V Operation
Rev. 1.8, 03-Jul-08
TFDU6300 VISHAY-TFDU6300_09 Datasheet
193Kb / 12P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s)
Rev. 2.0, 04-Aug-09
TFDU6301 VISHAY-TFDU6301 Datasheet
217Kb / 15P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s) for 2.4 V to 3.6 V Operation and Low-Voltage Logic (1.8 V)
Rev. 1.8, 03-Jul-08
TFDU6108 VISHAY-TFDU6108 Datasheet
940Kb / 27P
   Fast Infrared Transceiver Module (4 Mbit/s), IrDA Serial Interface Compatible, 2.7 V to 5.5 V Supply Voltage Range
Rev. 1.6, 25-Jun-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com