Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RPA20-AW Datasheet(PDF) 6 Page - Recom International Power

Part No. RPA20-AW
Description  UL, IEC/EN & EN50155 Pending
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPA20-AW Datasheet(HTML) 6 Page - Recom International Power

  RPA20-AW Datasheet HTML 1Page - Recom International Power RPA20-AW Datasheet HTML 2Page - Recom International Power RPA20-AW Datasheet HTML 3Page - Recom International Power RPA20-AW Datasheet HTML 4Page - Recom International Power RPA20-AW Datasheet HTML 5Page - Recom International Power RPA20-AW Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PD-6
REV.: 0/2016
www.recom-power.com
DC/DC Converter
Specifications measured @ta = 25°C, resistive load, nominal Vin and rated Iout unless otherwise noted
RPA20-AW
Series
Dimension Drawing (mm)
25.4
25.4
Bottom View
Top View
Top View
Heat-sink
recommended Layout:
1
1
2
2
3
3
4
4
5
5
6
6
20.32
25.4
2.54
Ø 1.0
6 x Ø1.5
25.4
25.4
Bottom View
Top View
Top View
Heat-sink
recommended Layout:
1
1
2
2
3
3
4
4
5
5
6
6
20.32
25.4
2.54
Ø 1.0
6 x Ø1.5
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
CTRL(2)
CTRL(2)
4
-Vout
-Vout
5
Trim
Com
6
+Vout
+Vout
Pin Pitch Tolerance ±0.25mm
Pin dimension tolerance ±0.1mm
XX.X ± 0.5mm
XX.XX ± 0.25mm
PACKAGING INFORMATION
Parameter
Type
Value
Packaging Dimensions (LxWxH)
without Heat-sink
with Heat-sink
Tube
285.0 x 27.6 x 19.0mm
285.0 x 27.6 x 25.8mm
Packaging Quantity
10pcs
Storage Temperature Range
-55°C to +125°C
Storage Humidity
5% - 95% RH
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit written
consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
Heat-sink Dimension Drawing (mm)


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn