Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RPA20-AW Datasheet(PDF) 2 Page - Recom International Power

Part No. RPA20-AW
Description  UL, IEC/EN & EN50155 Pending
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPA20-AW Datasheet(HTML) 2 Page - Recom International Power

  RPA20-AW Datasheet HTML 1Page - Recom International Power RPA20-AW Datasheet HTML 2Page - Recom International Power RPA20-AW Datasheet HTML 3Page - Recom International Power RPA20-AW Datasheet HTML 4Page - Recom International Power RPA20-AW Datasheet HTML 5Page - Recom International Power RPA20-AW Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Internal Input Filter
Pi-Type
Input Voltage Range
9VDC
24VDC
36VDC
Input Surge Voltage
100ms
50VDC
Quiescent Current
20mA
55mA
Start-up time
Power up
CTRL ON/OFF
8ms
16ms
Internal Operating Frequency
550kHz
Minimum Load
0%
Ripple and Noise
20MHz BW, 10µF tantalum capacitor and 1µF ceramic capacitor
50mVp-p
Under Voltage Lockout (UVLO)
DC-DC ON
DC-DC OFF
8VDC
7VDC
8.5VDC
7.5VDC
9VDC
8VDC
ON/OFF Control
Positive Logic
DC-DC ON
DC-DC OFF
2.4VDC
-0.7VDC
10VDC
0.8VDC
Negative Logic
DC-DC ON
DC-DC OFF
-0.7VDC
2.4VDC
0.8VDC
10VDC
Input current of CTRL pin
6mA
Output Trim
Single Outputs
-10%
+10%
continued on next page
PD-2
REV.: 0/2016
www.recom-power.com
DC/DC Converter
RPA20-AW
Series
Specifications measured @ta = 25°C, resistive load, nominal Vin and rated Iout unless otherwise noted
Efficiency vs. Output Current
Efficiency vs. Output Current
Power Dissipation vs Output Current
Power Dissipation vs Output Current
9Vin
24Vin
36Vin
Output Current [%]
10
0
20
40
60
80
100
30
50
70
90
0
10
20
30
40
50
60
70
80
90
100
Output Current [A]
0.5
0.5
1
1
1.5
1.5
2
2
2.5
2.5
3
3
3.5
3.5
4
9Vin
24Vin
36Vin
Output Current [A]
0.5
0.5
1
1
1.5
1.5
2
2
2.5
2.5
3
3
3.5
3.5
4
9Vin
24Vin
36Vin
9Vin
24Vin
36Vin
Output Current [%]
10
0
0
10
20
30
40
50
60
70
80
90
100
20
40
60
80
100
30
50
70
90
RPA20-2412SAW
RPA20-2405SAW


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn