Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5036 Datasheet(PDF) 15 Page - Texas Instruments

Part # TAS5036
Description  SIX CHANNEL DIGITAL AUDIO PWM PROCESSOR
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5036 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TAS5036 Datasheet HTML 11Page - Texas Instruments TAS5036 Datasheet HTML 12Page - Texas Instruments TAS5036 Datasheet HTML 13Page - Texas Instruments TAS5036 Datasheet HTML 14Page - Texas Instruments TAS5036 Datasheet HTML 15Page - Texas Instruments TAS5036 Datasheet HTML 16Page - Texas Instruments TAS5036 Datasheet HTML 17Page - Texas Instruments TAS5036 Datasheet HTML 18Page - Texas Instruments TAS5036 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
Architecture Overview
10
SLES044B—November 2002
TAS5036
2.1.5 PLL Filter
A low jitter PLL produces the internal timing of the TAS5036 (when in master mode), the master clock, SCLK,
and LRCLK. Connections for the PLL external loop filter are provided through PLL_FLT_OUT and
PLL_FLT_RET as shown in Figure 2–2.
PLL_FLT_OUT
TAS5036
PLL_FLT_RET
220
47 nF
4.7 nF
Figure 2–2. External PLL Loop Filter
2.1.6 DCLK
DCLK is the internal high frequency clock that is produced by the PLL circuitry from MCLK. The TAS5036A
uses the DCLK to control all internal operations. DCLK is 8 times the speed of MCLK in normal speed mode,
4 times MCLK in double speed, and 2 times MCLK in quad speed. With respect to the I2C addressable
registers, DCLK clock cycles are used to specify Interchannel delay and to detect when the MCLK is frequency
is drifting. Table 2–4 DCLK shows the relationship between Sample Rate, MCLK and DCLK.
Table 2–4. DCLK
FS
(kHz)
MCLK
(MHz)
DCLK
(MHz)
DCK Period
(ns)
32
8.1920
65.5360
15.3
44.1
11.2896
90.3168
11.1
48
12.2880
98.3040
10.2
88
22.5280
90.1120
11.1
96
24.5760
98.3040
10.2
192
49.1520
98.3040
10.2
2.1.7 Serial Data Interface
The TAS5036 operates as a slave only/receive only serial data interface in all modes. The TAS5036 has three
PCM serial data interfaces to accept six channels of digital data though the SDIN1, SDIN2, SDIN3 inputs. The
serial audio data is in MSB first; 2s complement format.
The serial data interfaces of the TAS5036 can be configured in right justified, I2S, left-justified, or DSP modes.
This interface supports 32-kHz, 44.1-kHz, 48-kHz, 88-kHz, 96-kHz, 176.4-kHz, and 192-kHz data sample
rates. The serial data interface format is specified using the data interface control register. The supported word
lengths are shown in Table 2–5.
During normal operating conditions if the serial data interface settings change state, an error recovery
sequence is initiated.


Similar Part No. - TAS5036

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5036A TI-TAS5036A Datasheet
773Kb / 62P
[Old version datasheet]   SIX CHANNEL DIGITAL AUDIO PWM PROCESSOR
TAS5036A TI-TAS5036A Datasheet
778Kb / 62P
[Old version datasheet]   Six Channel Digital Audio PWM Processor
TAS5036AIPFC TI-TAS5036AIPFC Datasheet
773Kb / 62P
[Old version datasheet]   SIX CHANNEL DIGITAL AUDIO PWM PROCESSOR
TAS5036AIPFC TI-TAS5036AIPFC Datasheet
778Kb / 62P
[Old version datasheet]   Six Channel Digital Audio PWM Processor
TAS5036AIPFCG4 TI-TAS5036AIPFCG4 Datasheet
778Kb / 62P
[Old version datasheet]   Six Channel Digital Audio PWM Processor
More results

Similar Description - TAS5036

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5026A TI-TAS5026A Datasheet
769Kb / 62P
[Old version datasheet]   Six-Channel Digital Audio PWM Processor
TAS5066 TI1-TAS5066 Datasheet
838Kb / 64P
[Old version datasheet]   SIX-CHANNEL Digital Audio PWM Processor
TAS5076PFC TI-TAS5076PFC Datasheet
800Kb / 64P
[Old version datasheet]   Six-Channel Digital Audio PWM Processor
TAS5036A TI-TAS5036A Datasheet
773Kb / 62P
[Old version datasheet]   SIX CHANNEL DIGITAL AUDIO PWM PROCESSOR
TAS5026 TI-TAS5026 Datasheet
689Kb / 48P
[Old version datasheet]   SIX CHANNEL DIGITAL AUDIO PWM PROCESSOR
TAS5076 TI-TAS5076 Datasheet
835Kb / 62P
[Old version datasheet]   SIX-CHANNEL DIGITAL AUDIO PWM PROCESSOR
TAS5036A TI-TAS5036A_06 Datasheet
778Kb / 62P
[Old version datasheet]   Six Channel Digital Audio PWM Processor
TAS5036B TI-TAS5036B_06 Datasheet
823Kb / 58P
[Old version datasheet]   Six Channel Digital Audio PWM Processor
TAS5086 TI-TAS5086_15 Datasheet
940Kb / 49P
[Old version datasheet]   PurePath Digital??AUDIO SIX-CHANNEL PWM PROCESSOR
TAS5086 TI1-TAS5086_17 Datasheet
1Mb / 49P
[Old version datasheet]   PurePath Digital AUDIO SIX-CHANNEL PWM PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com