Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58018UMITR Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY58018UMITR
Description  ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58018UMITR Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY58018UMITR Datasheet HTML 1Page - Micrel Semiconductor SY58018UMITR Datasheet HTML 2Page - Micrel Semiconductor SY58018UMITR Datasheet HTML 3Page - Micrel Semiconductor SY58018UMITR Datasheet HTML 4Page - Micrel Semiconductor SY58018UMITR Datasheet HTML 5Page - Micrel Semiconductor SY58018UMITR Datasheet HTML 6Page - Micrel Semiconductor SY58018UMITR Datasheet HTML 7Page - Micrel Semiconductor SY58018UMITR Datasheet HTML 8Page - Micrel Semiconductor SY58018UMITR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Precision Edge™
SY58018U
Micrel
M0643-012704
DESCRIPTION
s Guaranteed AC performance over temperature and
voltage:
• DC to 5Gbps data throughput
• DC to > 4GHz fMAX (clock)
• < 260ps propagation delay
• < 110ps tr /tf times
s Ultra-low crosstalk-induced jitter: 0.7ps
rms
s Ultra-low jitter design:
• < 1psrms random jitter
• < 10psp-p deterministic jitter
• < 10psp-p total jitter (clock)
s Unique input termination and V
T pin accepts DC-
coupled and AC-coupled inputs (CML, PECL, LVDS)
s 800mV (100k) LVPECL output swing
s Power supply 2.5V
±5% or 3.3V ±10%
s –40
°C to +85°C temperature range
s Available in 16-pin (3mm
××××× 3mm) MLF™ package
FEATURES
ULTRA-PRECISION
DIFFERENTIAL LVPECL 2:1 MUX
with INTERNAL TERMINATION
Precision Edge™
SY58018U
APPLICATIONS
s Redundant clock distribution
s SONET/SDH clock/data distribution
s Loopback
s Fibre Channel distribution
Rev.: A
Amendment: /0
Issue Date:
Jan. 2004
The SY58018U is a 2.5V/3.3V precision, high-speed, 2:1
differential MUX capable of handling clocks up to 4GHz
and data up to 5Gbps.
The differential input includes Micrel’s unique, 3-pin input
termination architecture that allows customers to interface
to any differential signal (AC- or DC-coupled) as small as
100mV without any level shifting or termination resistor
networks in the signal path. The outputs are 800mV, 100k
compatible, LVPECL, with extremely fast rise/fall times
guaranteed to be less than 110ps.
The SY58018U operates from a 2.5V
±5% supply or a
3.3V
±10% supply and is guaranteed over the full industrial
temperature range of –40
°C to +85°C. For applications that
require CML outputs, consider the SY58017U or for 400mV
LVPECL outputs the SY58019U. The SY58018U is part of
Micrel’s high-speed, Precision Edge™ product line.
All support documentation can be found on Micrel’s web
site at www.micrel.com.
FUNCTIONAL BLOCK DIAGRAM
TYPICAL PERFORMANCE
Precision Edge is a trademark of Micrel, Inc.
AnyGate is a registered trademark of Micrel, Inc.
MicroLeadFrame and MLF are trademarks of Amkor Technology, Inc.
Precision Edge™
Q0
/Q0
IN0
/IN0
VT0
50
50
IN1
/IN1
VT1
50
50
0
1
MUX
SEL
(TTL/CMOS)
S
5Gbps Output
TIME (25ps/div.)
(2
23—1PRBS)


Similar Part No. - SY58018UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58018UMITR MICREL-SY58018UMITR Datasheet
225Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58018UMITR MICREL-SY58018UMITR Datasheet
173Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
More results

Similar Description - SY58018UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58018U MICREL-SY58018U_07 Datasheet
225Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58018U_0708 MICREL-SY58018U_0708 Datasheet
173Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58019U MICREL-SY58019U_07 Datasheet
326Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58019U MICREL-SY58019U Datasheet
324Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58019U_0709 MICREL-SY58019U_0709 Datasheet
230Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58026U_0708 MICREL-SY58026U_0708 Datasheet
173Kb / 11P
   ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
SY58026U MICREL-SY58026U Datasheet
645Kb / 11P
   ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
SY58029U MICREL-SY58029U_07 Datasheet
201Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
SY89852U MICREL-SY89852U Datasheet
546Kb / 13P
   Precision Low Power Differential 2:1 LVPECL MUX with Internal Termination
SY58029U MICREL-SY58029U Datasheet
200Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com