Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM324DR2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # LM324DR2G
Description  Single Supply Quad Operational Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM324DR2G Datasheet(HTML) 3 Page - ON Semiconductor

  LM324DR2G Datasheet HTML 1Page - ON Semiconductor LM324DR2G Datasheet HTML 2Page - ON Semiconductor LM324DR2G Datasheet HTML 3Page - ON Semiconductor LM324DR2G Datasheet HTML 4Page - ON Semiconductor LM324DR2G Datasheet HTML 5Page - ON Semiconductor LM324DR2G Datasheet HTML 6Page - ON Semiconductor LM324DR2G Datasheet HTML 7Page - ON Semiconductor LM324DR2G Datasheet HTML 8Page - ON Semiconductor LM324DR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LM324, LM324A, LM324E, LM224, LM2902, LM2902E, LM2902V, NCV2902
www.onsemi.com
3
ELECTRICAL CHARACTERISTICS (VCC = 5.0 V, VEE = GND, TA = 25°C, unless otherwise noted.)
LM224
LM324A
LM324, LM324E
LM2902, LM2902E
LM2902V/NCV2902
Characteristics
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage
VIO
mV
VCC = 5.0 V to 30 V
VICR = 0 V to
VCC −1.7 V,
VO = 1.4 V, RS = 0 W
TA = 25°C
2.0
5.0
2.0
3.0
2.0
7.0
2.0
7.0
2.0
7.0
TA = Thigh (Note 4)
7.0
5.0
9.0
10
13
TA = Tlow (Note 4)
7.0
5.0
9.0
10
10
Average Temperature
Coefficient of Input
Offset Voltage
DVIO/DT
7.0
7.0
30
7.0
7.0
7.0
mV/°C
TA = Thigh to Tlow
(Notes 4 and 6)
Input Offset Current
IIO
3.0
30
5.0
30
5.0
50
5.0
50
5.0
50
nA
TA = Thigh to Tlow
(Note 4)
100
75
150
200
200
Average Temperature
Coefficient of Input
Offset Current
DIIO/DT
10
10
300
10
10
10
pA/
°C
TA = Thigh to Tlow
(Notes 4 and 6)
Input Bias Current
IIB
−90
−150
−45
−100
−90
−250
−90
−250
−90
−250
nA
TA = Thigh to Tlow
(Note 4)
−300
−200
−500
−500
−500
Input Common Mode
Voltage Range
(Note 5)
VICR
V
VCC = 30 V
TA = +25°C
0
28.3
0
28.3
0
28.3
0
28.3
0
28.3
TA = Thigh to Tlow
(Note 4)
0
28
0
28
0
28
0
28
0
28
Differential Input
Voltage Range
VIDR
VCC
VCC
VCC
VCC
VCC
V
Large Signal Open
Loop Voltage Gain
AVOL
V/mV
RL = 2.0 kW,
VCC = 15 V,
for Large VO Swing
50
100
25
100
25
100
25
100
25
100
TA = Thigh to Tlow
(Note 4)
25
15
15
15
15
Channel Separation
10 kHz
≤ f ≤ 20 kHz,
Input Referenced
CS
−120
−120
−120
−120
−120
dB
Common Mode
Rejection,
RS ≤ 10 kW
CMR
70
85
65
70
65
70
50
70
50
70
dB
Power Supply
Rejection
PSR
65
100
65
100
65
100
50
100
50
100
dB
4. LM224: Tlow = −25°C, Thigh = +85°C
LM324/LM324A/LM324E: Tlow = 0°C, Thigh = +70°C
LM2902/LM2902E: Tlow = −40°C, Thigh = +105°C
LM2902V & NCV2902: Tlow = −40°C, Thigh = +125°C
NCV2902 is qualified for automotive use.
5. The input common mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3 V. The upper end of
the common mode voltage range is VCC −1.7 V, but either or both inputs can go to +32 V without damage, independent of the magnitude
of VCC.
6. Guaranteed by design.


Similar Part No. - LM324DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM324DR2G ONSEMI-LM324DR2G Datasheet
378Kb / 17P
   Single Supply Quad Operational Amplifiers
October, 2021 - Rev. 31
More results

Similar Description - LM324DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM324S ONSEMI-LM324S Datasheet
96Kb / 8P
   Single Supply Quad Operational Amplifiers
October, 2014 ??Rev. 0
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM224DR2G ONSEMI-LM224DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
MC3403 ONSEMI-MC3403_12 Datasheet
154Kb / 9P
   Single Supply Quad Operational Amplifiers
January, 2012 ??Rev. 11
logo
Motorola, Inc
MC3301 MOTOROLA-MC3301 Datasheet
548Kb / 10P
   QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM324 ONSEMI-LM324_06 Datasheet
204Kb / 16P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 20
LM324 ONSEMI-LM324_V01 Datasheet
378Kb / 17P
   Single Supply Quad Operational Amplifiers
October, 2021 - Rev. 31
LM324 ONSEMI-LM324 Datasheet
129Kb / 12P
   Single Supply Quad Operational Amplifiers
May, 2002 ??Rev. 8
MC3403 ONSEMI-MC3403_06 Datasheet
162Kb / 9P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 10
LM324DTBR2G ONSEMI-LM324DTBR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com