Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPE500-48-120-R Datasheet(PDF) 11 Page - Astrodyne Corporation

Part # LPE500-48-120-R
Description  LPE Hot Swap Inverter Shelf
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

LPE500-48-120-R Datasheet(HTML) 11 Page - Astrodyne Corporation

Back Button LPE500-48-120-R Datasheet HTML 4Page - Astrodyne Corporation LPE500-48-120-R Datasheet HTML 5Page - Astrodyne Corporation LPE500-48-120-R Datasheet HTML 6Page - Astrodyne Corporation LPE500-48-120-R Datasheet HTML 7Page - Astrodyne Corporation LPE500-48-120-R Datasheet HTML 8Page - Astrodyne Corporation LPE500-48-120-R Datasheet HTML 9Page - Astrodyne Corporation LPE500-48-120-R Datasheet HTML 10Page - Astrodyne Corporation LPE500-48-120-R Datasheet HTML 11Page - Astrodyne Corporation LPE500-48-120-R Datasheet HTML 12Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Specifications
Features
The LPE-R Series provides the user with
true sine wave output, distortion <1% and
high efficiency … all in a stand alone
package 1U high! The LPE-R fits in your
existing space -- eliminating the need for
complex system changes or added hard-
ware to host the inverter -- to provide AC
power any place where DC already ex-
ists.
The LPE-R also provides three standard
IEC receptacles, so it’s a breeze to con-
nect. With an internal variable speed fan,
just connect DC power, plug in your
equipment, and you’re ready to go!
The LPE-R Series is designed for use in
any application where space is a pre-
mium, and true sine wave performance is
a must!
This datasheet represents a standard unit.
Our experienced Engineering team is
ready to tailor a solution to the unique
requirements of your system.
www.tdipower.com
© Copyright 2008, Transistor Devices, Inc. 17482A
DEMANDING APPLICATIONS DEMAND TDIPOWER
LPE-R Series 48V DC-AC Inverter
500 VA
Part no.
Description
LPE500-48-120-R
500 VA Inverter, 48 Vdc Input, 120 VAC, 60 Hz, Output
Ordering Information
Input Voltage:
48 Vdc (40.5-60 Vdc)
Inrush Current:
ETS300 132-2, 4.7.1
Output Voltage:
120VAC
Output Frequency:
60 Hz
Max Output Power:
500VA
Output Regulation:
Less than 2.0%
Crest Factor:
Maximum 2.8:1
Total Harmonic Distortion: <1.0%
Efficiency:
86% Typical
DC Noise Injection:
dBRNC <30
Protection: Input & Output Fuse Protected, Input Undervoltage, Input
Overvoltage, Output Overload, Output Short Circuit, Over temperature
FRONT PANEL INDICATORS AND ALARMS
Green LED:
Input Good
Bi-Color Red/Green LED: Summary Fault / Output Good
ENVIRONMENTAL
Cooling: Internal, Variable speed fan (front to rear airflow)
Operating Temperature: -20°C to +55°C
Storage Temperature:
-40°C to +65°C
Humidity:
0-95%, non-condensing
AGENCY COMPLIANCE
Safety: UL60950-1, CE Marked to LVD (EN60950-1)
Input EMI: EN300 386:2000 (EN55022:1998 Class A)
Output EMI: EN55022 Class A
MECHANICAL
Dimensions:
10.7 x 5.6 x 1.5 (272mm x 143mm x 38mm)
Weight:
3 lbs. (1.36kg)
DC Input Connection:
2 position terminal block
AC Output Connection:
3 x IEC C-13 receptacles
Ground Connection:
8-32 threaded stud


Similar Part No. - LPE500-48-120-R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPE5047 VISHAY-LPE5047 Datasheet
102Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped
LPE5047ER100MG VISHAY-LPE5047ER100MG Datasheet
107Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped Custom Configurations Available
Revision: 10-Oct-08
LPE5047ER100MG VISHAY-LPE5047ER100MG Datasheet
102Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped
LPE5047ER100MG VISHAY-LPE5047ER100MG Datasheet
88Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped Custom Configurations Available
01-Jan-2022
LPE5047ER101MG VISHAY-LPE5047ER101MG Datasheet
107Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped Custom Configurations Available
Revision: 10-Oct-08
More results

Similar Description - LPE500-48-120-R

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
   Hot Swap Controller
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
   Hot Swap Controller
LTC1642A LINER-LTC1642A_15 Datasheet
237Kb / 16P
   Hot Swap Controller
LTC1642A LINER-LTC1642A Datasheet
231Kb / 16P
   Hot Swap Controller
LTC4211 LINER-LTC4211_12 Datasheet
322Kb / 40P
   Hot Swap Controller
LTC1422 LINER-LTC1422 Datasheet
273Kb / 16P
   Hot Swap Controller
logo
Summit Microelectronics...
SMH4042 SUMMIT-SMH4042 Datasheet
225Kb / 28P
   Hot Swap??Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com