Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUM110N06-04L Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SUM110N06-04L
Description  N-Channel 60-V (D-S) 200C MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUM110N06-04L Datasheet(HTML) 2 Page - Vishay Siliconix

  SUM110N06-04L Datasheet HTML 1Page - Vishay Siliconix SUM110N06-04L Datasheet HTML 2Page - Vishay Siliconix SUM110N06-04L Datasheet HTML 3Page - Vishay Siliconix SUM110N06-04L Datasheet HTML 4Page - Vishay Siliconix SUM110N06-04L Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SUM110N06-04L
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 71704
S-20417—Rev. B, 08-Apr-02
SPECIFICATIONS (TJ =25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VDS = 0 V, ID = 250 mA
60
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
1
3
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
VDS = 48 V, VGS = 0 V
1
m
Zero Gate Voltage Drain Current
IDSS
VDS = 48 V, VGS = 0 V, TJ = 125_C
50
mA
DSS
VDS = 48 V, VGS = 0 V, TJ = 200_C
10
mA
On-State Drain Currenta
ID(on)
VDS w 5 V, VGS = 10 V
120
A
VGS = 10 V, ID = 30 A
0.0028
0.0035
a
VGS = 4.5 V, ID = 20 A
0.004
0.005
W
Drain-Source On-State Resistancea
rDS(on)
VGS = 10 V, ID = 30 A, TJ = 125_C
0.0058
W
VGS = 10 V, ID = 30 A, TJ = 200_C
0.0088
Forward Transconductancea
gfs
VDS = 15 V, ID = 30 A
30
S
Dynamicb
Input Capacitance
Ciss
7500
Output Capacitance
Coss
VGS = 0 V, VDS = 25 V, f = 1 MHz
1050
pF
Reverse Transfer Capacitance
Crss
700
Total Gate Chargec
Qg
150
220
Gate-Source Chargec
Qgs
VDS = 30 V, VGS = 10 V, ID = 110 A
25
nC
Gate-Drain Chargec
Qgd
DS
GS
D
45
Turn-On Delay Timec
td(on)
20
30
Rise Timec
tr
VDD = 30 V, RL = 0.4 W
135
200
Turn-Off Delay Timec
td(off)
VDD = 30 V, RL = 0.4 W
ID ^ 110 A, VGEN = 10 V, RG = 2.5 W
80
120
ns
Fall Timec
tf
150
220
Source-Drain Diode Ratings and Characteristics (TC = 25_C)b
Continuous Current
IS
110
Pulsed Current
ISM
440
A
Forward Voltagea
VSD
IF = 110 A, VGS = 0 V
1.1
1.4
V
Reverse Recovery Time
trr
75
120
ns
Peak Reverse Recovery Current
IRM(REC)
IF = 110 A, di/dt = 100 A/ms
2.5
5
A
Reverse Recovery Charge
Qrr
0.09
0.25
mC
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
c.
Independent of operating temperature.


Similar Part No. - SUM110N06-04L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUM110N06-05L VISHAY-SUM110N06-05L Datasheet
73Kb / 5P
   N-Channel 60-V (D-S) 175C MOSFET
Rev. B, 29-Dec-03
SUM110N06-06 VISHAY-SUM110N06-06 Datasheet
45Kb / 5P
   N-Channel 60-V (D-S), 175C MOSFET
Rev. A, 25-Nov-02
More results

Similar Description - SUM110N06-04L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUM110N10-09 VISHAY-SUM110N10-09 Datasheet
63Kb / 5P
   N-Channel 100-V (D-S) 200C MOSFET
Rev. C, 08-Dec-03
SUM110N04-03 VISHAY-SUM110N04-03 Datasheet
51Kb / 5P
   N-Channel 40-V (D-S) 200C MOSFET
Rev. C, 26-May-03
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com