Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUM110N06-04L Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SUM110N06-04L
Description  N-Channel 60-V (D-S) 200C MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUM110N06-04L Datasheet(HTML) 1 Page - Vishay Siliconix

  SUM110N06-04L Datasheet HTML 1Page - Vishay Siliconix SUM110N06-04L Datasheet HTML 2Page - Vishay Siliconix SUM110N06-04L Datasheet HTML 3Page - Vishay Siliconix SUM110N06-04L Datasheet HTML 4Page - Vishay Siliconix SUM110N06-04L Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
D TrenchFETr Power MOSFETS
D 200_C Junction Temperature
D New Low Thermal Resistance Package
APPLICATIONS
D Automotive
– Boardnet 42-V EPS and ABS
– Motor Drives
D High Current
D DC/DC Converters
SUM110N06-04L
Vishay Siliconix
New Product
Document Number: 71704
S-20417—Rev. B, 08-Apr-02
www.vishay.com
1
N-Channel 60-V (D-S) 200
_C MOSFET
PRODUCT SUMMARY
V(BR)DSS (V)
rDS(on) (W)
ID (A)
0.0035 @ VGS = 10 V
60
0.005 @ VGS = 4.5 V
110 a
D
G
S
N-Channel MOSFET
TO-263
S
D
G
Top View
SUM110N06-04L
ABSOLUTE MAXIMUM RATINGS (TC = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
60
Gate-Source Voltage
VGS
"20
V
_
TC = 25_C
110a
Continuous Drain Current (TJ = 175_C)
TC = 125_C
ID
110a
Pulsed Drain Current
IDM
440
A
Avalanche Current
IAR
75
Repetitive Avalanche Energyb
L = 0.1 mH
EAR
280
mJ
TC = 25_C
437.5c
Maximum Power Dissipationb
TA = 25_C)d
PD
3.7
W
Operating Junction and Storage Temperature Range
TJ, Tstg
–55 to 200
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Limit
Unit
Junction-to-Ambient—PCB Mountd
RthJA
40
_
Junction-to-Case (Drain)
RthJC
0.4
_C/W
Notes
a.
Package limited.
b.
Duty cycle
v 1%.
c.
See SOA curve for voltage derating.
d.
When mounted on 1” square PCB (FR-4 material).


Similar Part No. - SUM110N06-04L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUM110N06-05L VISHAY-SUM110N06-05L Datasheet
73Kb / 5P
   N-Channel 60-V (D-S) 175C MOSFET
Rev. B, 29-Dec-03
SUM110N06-06 VISHAY-SUM110N06-06 Datasheet
45Kb / 5P
   N-Channel 60-V (D-S), 175C MOSFET
Rev. A, 25-Nov-02
More results

Similar Description - SUM110N06-04L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUM110N10-09 VISHAY-SUM110N10-09 Datasheet
63Kb / 5P
   N-Channel 100-V (D-S) 200C MOSFET
Rev. C, 08-Dec-03
SUM110N04-03 VISHAY-SUM110N04-03 Datasheet
51Kb / 5P
   N-Channel 40-V (D-S) 200C MOSFET
Rev. C, 26-May-03
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com