Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUD25N06-45L Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SUD25N06-45L
Description  N-Channel 60-V (D-S), 175C MOSFET, Logic Level
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUD25N06-45L Datasheet(HTML) 3 Page - Vishay Siliconix

  SUD25N06-45L Datasheet HTML 1Page - Vishay Siliconix SUD25N06-45L Datasheet HTML 2Page - Vishay Siliconix SUD25N06-45L Datasheet HTML 3Page - Vishay Siliconix SUD25N06-45L Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SUD25N06-45L
Vishay Siliconix
Document Number: 70274
S-57253—Rev. E, 24-Feb-98
www.vishay.com
S FaxBack 408-970-5600
2-3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
Transfer Characteristics
Capacitance
Gate Charge
Transconductance
On-Resistance vs. Drain Current
VDS – Drain-to-Source Voltage (V)
VGS – Gate-to-Source Voltage (V)
Qg – Total Gate Charge (nC)
ID – Drain Current (A)
VDS – Drain-to-Source Voltage (V)
0
6
12
18
24
30
02468
10
0
2
4
6
8
10
0
6
12
18
24
30
0
10
20
30
40
50
0
6
12
18
24
30
0
0.025
0.050
0.075
0.100
0
6
12
18
24
30
0
6
12
18
24
30
012345
25
_C
–55
_C
TC = 125_C
VDS = 30 V
ID = 25 A
VGS = 5, 6, 7, 8, 9, 10 V
VGS = 10 V
Crss
TC = –55_C
25
_C
125
_C
4 V
1, 2, 3 V
VGS = 4.5 V
ID – Drain Current (A)
0
300
600
900
1200
1500
1800
0
102030405060
Ciss
Coss


Similar Part No. - SUD25N06-45L

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SUD25N06-45L-E3 VBSEMI-SUD25N06-45L-E3 Datasheet
897Kb / 6P
   N-Channel 6 0-V (D-S) MOSFET
More results

Similar Description - SUD25N06-45L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUD15N06-90L VISHAY-SUD15N06-90L Datasheet
60Kb / 4P
   N-Channel 60-V (D-S), 175C MOSFET, Logic Level
Rev. D, 20-Sep-99
SUD50N06-09L VISHAY-SUD50N06-09L Datasheet
51Kb / 4P
   N-Channel 60-V (D-S), 175C MOSFET, Logic Level
Rev. A, 07-Oct-02
SUD10P06-280L VISHAY-SUD10P06-280L Datasheet
46Kb / 4P
   P-Channel 60-V (D-S), 175C MOSFET, Logic Level
Rev. F, 18-Apr-02
SUD45N05-20L VISHAY-SUD45N05-20L Datasheet
71Kb / 4P
   N-Channel 50-V (D-S), 175C MOSFET, Logic Level
Rev. E, 23-Mar-98
logo
Vaishali Semiconductor
SUM40N05-19L VAISH-SUM40N05-19L Datasheet
69Kb / 5P
   N-Channel 55-V (D-S), 175C MOSFET, Logic Level
logo
Vishay Siliconix
SUP90N06-05L VISHAY-SUP90N06-05L Datasheet
59Kb / 5P
   N-Channel 60-V (D-S) 175C MOSFET
Rev. A, 09-Aug-04
SUP75N06-08 VISHAY-SUP75N06-08 Datasheet
47Kb / 4P
   N-Channel 60-V (D-S), 175C MOSFET
Rev. F, 10-Dec-01
SUP85N06 VISHAY-SUP85N06 Datasheet
49Kb / 5P
   N-Channel 60-V (D-S) 175C MOSFET
Rev. C, 22-Apr-02
SUD50N06-08H VISHAY-SUD50N06-08H Datasheet
177Kb / 3P
   N-Channel 60-V (D-S) 175c MOSFET
20-Oct-04
SUM75N06-09L VISHAY-SUM75N06-09L Datasheet
44Kb / 5P
   N-Channel 60-V (D-S), 175C MOSFET
Rev. A, 25-Nov-02
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com