Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LPS25618EC-250B3 Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS61LPS25618EC-250B3
Description  128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT SRAM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LPS25618EC-250B3 Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS61LPS25618EC-250B3 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61LPS25618EC-250B3 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61LPS25618EC-250B3 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LPS25618EC-250B3 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LPS25618EC-250B3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LPS25618EC-250B3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LPS25618EC-250B3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LPS25618EC-250B3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LPS25618EC-250B3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
IS61(4)LPS12836EC/IS61(4)VPS12836EC/IS61(4)LPS12832EC
IS61(4)VPS12832EC/IS61(4)LPS25618EC/IS61(4)VPS25618EC
Integrated Silicon Solution, Inc.- www.issi.com
Rev. D1
10/5/2015
1
128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS PIPELINED,
SINGLE CYCLE DESELECT SRAM
OCTOBER 2015
FEATURES
Internal self-timed write cycle
Individual Byte Write Control and Global Write
Clock controlled, registered address, data and
control
Burst sequence control using MODE input
Three chip enable option for simple depth
expansion and address pipelining
Common data inputs and data outputs
Auto Power-down during deselect
Single cycle deselect
Snooze MODE for reduced-power standby
JEDEC 100-pin QFP, 165-ball BGA and 119-
ball BGA packages
Power supply:
LPS: VDD 3.3V (± 5%), VDDQ 3.3V/2.5V (± 5%)
VPS: VDD 2.5V (± 5%), VDDQ 2.5V (± 5%)
JTAG Boundary Scan for BGA packages
Industrial and Automotive temperature support
Lead-free available
Error Detection and Error Correction
DESCRIPTION
The 4Mb product family features high-speed, low-power
synchronous static RAMs designed to provide burstable,
high-performance memory for communication and
networking applications. The
IS61(64)LPS/VPS12836EC are
organized as
131,072 words by 36bits. The
IS61(64)LPS/VPS12832EC are organized as 131,072 words by
32bits. The
IS61(64)LPS/VPS25618EC are organized as
262,144 words by 18 bits. Fabricated with ISSI's advanced
CMOS technology, the device integrates a 2-bit burst
counter, high-speed SRAM core, and high-drive capability
outputs into a single monolithic circuit. All synchronous
inputs pass through registers controlled by a positive-
edge-triggered single clock input.
Write cycles are internally self-timed and are initiated by
the rising edge of the clock input. Write cycles can be one
to four bytes wide as controlled by the write control inputs.
Separate byte enables allow individual bytes to be written.
The byte write operation is performed by using the byte
write enable (/BWE) input combined with one or more
individual byte write signals (/BWx). In addition, Global
Write (/GW) is available for writing all bytes at one time,
regardless of the byte write controls.
Bursts can be initiated with either /ADSP (Address Status
Processor) or /ADSC (Address Status Cache Controller)
input pins. Subsequent burst addresses can be generated
internally and controlled by the /ADV (burst address
advance) input pin.
The mode pin is used to select the burst sequence order.
Linear burst is achieved when this pin is tied LOW.
Interleave burst is achieved when this pin is tied HIGH or
left floating.
FAST ACCESS TIME
Symbol
Parameter
-250
-200
Units
tKQ
Clock Access Time
2.6
3.1
ns
tKC
Cycle time
4
5
ns
fMAX
Frequency
250
200
MHz
Copyright © 2015 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time
without notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to
obtain the latest version of this device specification before relying on any published information and before placing orders for products.
Integrated Silicon Solution, Inc. does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can
reasonably be expected to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such
applications unless Integrated Silicon Solution, Inc. receives written assurance to its satisfaction, that:
a.) the risk of injury or damage has been minimized;
b.) the user assume all such risks; and
c.) potential liability of Integrated Silicon Solution, Inc is adequately protected under the circumstances


Similar Part No. - IS61LPS25618EC-250B3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LPS25618A ISSI-IS61LPS25618A Datasheet
168Kb / 26P
   128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61LPS25618A-200B2 ISSI-IS61LPS25618A-200B2 Datasheet
168Kb / 26P
   128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61LPS25618A-200B2I ISSI-IS61LPS25618A-200B2I Datasheet
168Kb / 26P
   128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61LPS25618A-200B3 ISSI-IS61LPS25618A-200B3 Datasheet
168Kb / 26P
   128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
IS61LPS25618A-200B3I ISSI-IS61LPS25618A-200B3I Datasheet
168Kb / 26P
   128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
More results

Similar Description - IS61LPS25618EC-250B3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LF12836EC-6.5TQ ISSI-IS61LF12836EC-6.5TQ Datasheet
2Mb / 36P
   128K x36/32 and 256K x18 4Mb, ECC, SYNCHRONOUS FLOW-THROUGH SRAM
IS61LPS12832A ISSI-IS61LPS12832A Datasheet
168Kb / 26P
   128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
logo
Renesas Technology Corp
71V632 RENESAS-71V632 Datasheet
268Kb / 19P
   64K x 32 3.3V Synchronous SRAM Pipelined Outputs Burst Counter, Single Cycle Deselect
Mar.09.20
logo
Integrated Device Techn...
IDT71V632 IDT-IDT71V632 Datasheet
273Kb / 19P
   64K x 32 3.3V Synchronous SRAM Pipelined Outputs Burst Counter, Single Cycle Deselect
IDT71V632 IDT-IDT71V632_17 Datasheet
861Kb / 18P
   3.3V Synchronous SRAM Pipelined Outputs Burst Counter, Single Cycle Deselect
logo
NEC
UPD4482162 NEC-UPD4482162 Datasheet
445Kb / 28P
   8M-BIT CMOS SYNCHRONOUS FAST SRAM PIPELINED OPERATION SINGLE CYCLE DESELECT
logo
Austin Semiconductor
AS5SP128K32DQ AUSTIN-AS5SP128K32DQ Datasheet
362Kb / 10P
   Plastic Encapsulated Microcircuit 4.0Mb, 128K x 32, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
logo
Integrated Silicon Solu...
IS61LPS51218A ISSI-IS61LPS51218A_12 Datasheet
803Kb / 35P
   256K x 36, 256K x 32, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
logo
Cypress Semiconductor
CY7C1352 CYPRESS-CY7C1352 Datasheet
187Kb / 12P
   256K x18 Pipelined SRAM with NoBL Architecture
logo
Integrated Silicon Solu...
IS61VPS25672A ISSI-IS61VPS25672A_13 Datasheet
375Kb / 35P
   256Kx72,512Kx36,1024Kx18 18Mb SYNCHRONOUS PIPELINED,SINGLE CYCLE DESELECT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com