Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS450HE-3 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # DS450HE-3
Description  Embedded Power for Business-Critical Continuity
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS450HE-3 Datasheet(HTML) 1 Page - Artesyn Technologies

  DS450HE-3 Datasheet HTML 1Page - Artesyn Technologies DS450HE-3 Datasheet HTML 2Page - Artesyn Technologies DS450HE-3 Datasheet HTML 3Page - Artesyn Technologies DS450HE-3 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. 03.02.10_70
DS450HE-3/DS550HE-3
1 of 4
Embedded Power for
Business-Critical Continuity
DS450HE-3/
DS550HE-3
450 W - 550 W
Distributed Power System
Special Features
• Active Power Factor Correction
• EN61000-3-2 Harmonic
Compliance
• Active AC Inrush Control
• 1U X 2U Form Factor
• 10.3 W / in3 (DS550HE)
8.4 W / in3 (DS450HE)
• +12 Vdc Output
• +3.3 Vdc Stand-By
• No Minimum Load Required
• Hot Plug Operation
• N + 1 Redundant
• Internal OR’ing Fets
• Active Current Sharing
• Built-in Cooling Fans
(40 mm x 28 mm)
• I2C Communication Interface Bus
• EERPOM for FRU Data
• Amber LED Status, Fan_Fail
• Green LED Status, Power Good /
AC_OK Status
• Internal Fan Speed Control
• Fan Fail Tach Output Signal
• Two Year Warranty
Distributed Power Bulk Front-End
Total Output Power: 450 - 550 Watts
+12 Vdc Main Output
+3.3 Vdc Stand-by Output
Wide Range Input Voltage: 90 - 264 Vac
Electrical Specifications
Safety
Input
Input range:
90 - 264 Vac (wide range)
Frequency:
47 - 63 Hz, single phase AC
Inrush current:
15 A maximum
Efficiency:
See curve
Conducted EMI:
FCC Subpart J EN55022 Class A
Radiated EMI:
FCC Subpart J EN55022 Class A
Power factor:
0.99 typical
Leakage current:
1.30 mA @ 240 Vac
Hold up time:
20 ms minimum
Output
Main DC voltage:
+12 V
Stand-By:
+3.3 Vsb
Adjustment range:
Factory Set, no pot adjustments
Regulation:
+12 Vdc; +5%/-3%
+3.3 Vsb; +5%/-4%
Overcurrent:
See Table 1 next page
Overvoltage:
+12 Vdc; 13.5 - 15 Vdc
+3.3 Vsb; 3.76 - 4.30 Vdc
Undervoltage:
+12 Vdc; 11.0 - 11.5 Vdc
+3.3 Vsb; 2.77 - 3.00 Vdc
Turn-on delay:
1 Second max
+12 V Output Rise Time:
2 - 20 mS, Monotonic
• UL/cUL 60950 (UL Recognized)
• NEMKO+ CB Report EN60950
• EN60950
• CE Mark
• China CCC


Similar Part No. - DS450HE-3

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
DS450HE-3 ARTESYN-DS450HE-3 Datasheet
320Kb / 4P
   Distributed Power System
More results

Similar Description - DS450HE-3

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPQ142-CF EMERSON-NETWORKPOWER-LPQ142-CF Datasheet
694Kb / 3P
   Embedded Power for Business-Critical Continuity
logo
List of Unclassifed Man...
NPS24-M ETC2-NPS24-M Datasheet
393Kb / 3P
   Embedded Power for Business-Critical Continuity
logo
Artesyn Technologies
VRM10-80-12-PY ARTESYN-VRM10-80-12-PY_10 Datasheet
927Kb / 10P
   Embedded Power for Business-Critical Continuity
PTH12010 ARTESYN-PTH12010_09 Datasheet
1Mb / 6P
   Embedded Power for Business-Critical Continuity
PTH05050 ARTESYN-PTH05050_08 Datasheet
417Kb / 5P
   Embedded Power for Business-Critical Continuity
PTH05060 ARTESYN-PTH05060_09 Datasheet
582Kb / 5P
   Embedded Power for Business-Critical Continuity
BXA10-12S05J ARTESYN-BXA10-12S05J Datasheet
244Kb / 4P
   Embedded Power for Business-Critical Continuity
BXA30-12S05J ARTESYN-BXA30-12S05J Datasheet
348Kb / 5P
   Embedded Power for Business-Critical Continuity
PTH05010 ARTESYN-PTH05010_09 Datasheet
593Kb / 5P
   Embedded Power for Business-Critical Continuity
logo
Emerson Network Power
NPS42-M EMERSON-NETWORKPOWER-NPS42-M Datasheet
430Kb / 3P
   Embedded Power for Business-Critical Continuity
logo
Artesyn Technologies
DS1200HE ARTESYN-DS1200HE Datasheet
211Kb / 9P
   Embedded Power for Business-Critical Continuity
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com