Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICE3A0565Z Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # ICE3A0565Z
Description  Off-Line SMPS Cur rent Mode Controller with integrated 650V Startup Cell /Depletion CoolMOS?
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE3A0565Z Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button ICE3A0565Z Datasheet HTML 4Page - Infineon Technologies AG ICE3A0565Z Datasheet HTML 5Page - Infineon Technologies AG ICE3A0565Z Datasheet HTML 6Page - Infineon Technologies AG ICE3A0565Z Datasheet HTML 7Page - Infineon Technologies AG ICE3A0565Z Datasheet HTML 8Page - Infineon Technologies AG ICE3A0565Z Datasheet HTML 9Page - Infineon Technologies AG ICE3A0565Z Datasheet HTML 10Page - Infineon Technologies AG ICE3A0565Z Datasheet HTML 11Page - Infineon Technologies AG ICE3A0565Z Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Version 2.3
8
02 Apr 2013
CoolSET™-F3
Pin Configuration and Functionality
Figure 3 Pin Configuration PG-TO220-6-46 I2Pak
(front view)
1.4
Pin Configuration with PG-TO220-6-47
Figure 4 Pin Configuration PG-TO220-6-47
(front view)
1.3
Pin Configuration with PG-TO220-6-46
Pin
Symbol
Function
1
Drain
650V1) Depl. CoolMOS™ Drain
3
CS
Current Sense/
650V1) Depl. CoolMOS™ Source
4
GND
Controller Ground
5
VCC
Controller Supply Voltage
6
SoftS
Soft-Start
7
FB
Feedback
1)
at Tj = 110°C
Package PG-TO220-6-46 (I2Pak)
1
2
3
4
5
6
7
Pin
Symbol
Function
1
Drain
650V1) Depl. CoolMOS™ Drain
1)
at Tj = 110°C
3
CS
Current Sense/
650V1) Depl. CoolMOS™ Source
4
GND
Controller Ground
5
VCC
Controller Supply Voltage
6
SoftS
Soft-Start
7
FB
Feedback
Package PG-TO220-6-47
1
2
3
4
5
6
7


Similar Part No. - ICE3A0565Z

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3A0565Z INFINEON-ICE3A0565Z Datasheet
1Mb / 30P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS
V1.3, 15 Sep 2004
More results

Similar Description - ICE3A0565Z

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3B0365J INFINEON-ICE3B0365J Datasheet
487Kb / 26P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS?
Version 2.3, 8 May 2006
ICE3B0365JG INFINEON-ICE3B0365JG Datasheet
487Kb / 22P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS
Version 2.0, 14 Nov 2006
ICE3A1065 INFINEON-ICE3A1065 Datasheet
818Kb / 32P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/ Depletion CoolMOS?
Version 2.3, 02 Apr 2013
ICE3B0365J INFINEON-ICE3B0365J_13 Datasheet
938Kb / 28P
   Off-Line SMPS Cur rent Mode Controller with integrated 650V
Version 2.9, 25 Mar 2013
ICE3B0365L INFINEON-ICE3B0365L Datasheet
509Kb / 28P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS??and Latched off Mode
Version 2.0, 8 May 2006
ICE3A0365 INFINEON-ICE3A0365 Datasheet
1Mb / 30P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS
V1.3, 15 Sep 2004
ICE2QR0665 INFINEON-ICE2QR0665 Datasheet
918Kb / 21P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V Startup Cell/Depletion CoolMOS In DIP-8
Version 2.1, Oct 13, 2009
ICE2QR4765 INFINEON-ICE2QR4765 Datasheet
878Kb / 21P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V Startup Cell/Depletion CoolMOS In DIP-8
Version 2.0, Dec 1, 2009
ICE2QR4765 INFINEON-ICE2QR4765_12 Datasheet
286Kb / 22P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V Startup Cell/Depletion CoolMOS In DIP-8
Version 2.3, November 14, 2012
ICE3BR1065JF INFINEON-ICE3BR1065JF Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS and Startup cell (frequency jitter Mode) in FullPak
Version 2.0, 11 Sep 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com