Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICE3B0565J Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # ICE3B0565J
Description  Off-Line SMPS Cur rent Mode Controller with integrated 650V
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE3B0565J Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button ICE3B0565J Datasheet HTML 7Page - Infineon Technologies AG ICE3B0565J Datasheet HTML 8Page - Infineon Technologies AG ICE3B0565J Datasheet HTML 9Page - Infineon Technologies AG ICE3B0565J Datasheet HTML 10Page - Infineon Technologies AG ICE3B0565J Datasheet HTML 11Page - Infineon Technologies AG ICE3B0565J Datasheet HTML 12Page - Infineon Technologies AG ICE3B0565J Datasheet HTML 13Page - Infineon Technologies AG ICE3B0565J Datasheet HTML 14Page - Infineon Technologies AG ICE3B0565J Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
CoolSET®-F3
ICE3Bxx65J
Version 2.9
11
25 Mar 2013
Current Limiting is now possible in a very accurate way.
E.g. I
peak = 0.5A with RSense = 2. Without Propagation
Delay Compensation the current sense threshold is set
to a static voltage level V
csth=1V. A current ramp of
dI/dt = 0.4A/µs, that means dV
Sense/dt = 0.8V/µs, and a
propagation delay time of i.e. t
Propagation Delay =180ns
leads then to an I
peak overshoot of 14.4%. By means of
propagation delay compensation the overshoot is only
about 2% (see Figure 11).
Figure 11
Overcurrent Shutdown
The Propagation Delay Compensation is realized by
means of a dynamic threshold voltage V
csth (see Figure
12). In case of a steeper slope the switch off of the
driver is earlier to compensate the delay.
Figure 12
Dynamic Voltage Threshold V
csth
3.6
Control Unit
The Control Unit contains the functions for Active Burst
Mode and Auto Restart Mode. The Active Burst Mode
and the Auto Restart Mode are combined with an
Adjustable Blanking Window which is depending on the
external Soft Start capacitor. By means of this
Adjustable Blanking Window, the IC avoids entering
into these two modes accidentally. Furthermore it also
provides a certain time whereby the overload detection
is delayed. This delay is useful for applications which
normally works with a low current and occasionally
require a short duration of high current.
3.6.1
Adjustable Blanking Window
Figure 13
Adjustable Blanking Window
V
SoftS swings between 3.2V and 3.6V after the SMPS is
settled and S2 is on while S3 is off, this is due to the
frequency jittering function that is making use of the
Soft Start pin. If overload occurs V
FB is exceeding 4.5V.
Auto Restart Mode can’t be entered as the gate G5 is
still blocked by the comparator C3. But after V
FB has
0,9
0,95
1
1,05
1,1
1,15
1,2
1,25
1,3
0
0,2
0,4
0,6
0,8
1
1,2
1,4
1,6
1,8
2
with compensation
without compensation
dt
dV
Sense
s
V
V
t
V
csth
V
OSC
Signal1
Signal2
V
Sense
Propagation Delay
max. Duty Cycle
off time
t
C3
4.0V
C4
4.5V
C5
1.35V
&
G5
&
G6
3.0V
S1
Control Unit
Active
Burst
Mode
Auto
Restart
Mode
R
SoftS
5V
SoftS
FB
Frequency
Jitter
S2
S3


Similar Part No. - ICE3B0565J

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3B0565J INFINEON-ICE3B0565J Datasheet
487Kb / 26P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS?
Version 2.3, 8 May 2006
ICE3B0565J INFINEON-ICE3B0565J Datasheet
988Kb / 28P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS짰 and Startup cell (frequency jitter Mode) in DIP-8 Product Highlights
Version 2.6, 4 Jul 2011
ICE3B0565J INFINEON-ICE3B0565J Datasheet
1Mb / 34P
   Infineon Solution for LED TV SMPS
11.07.2008 version 1.0
ICE3B0565J INFINEON-ICE3B0565J Datasheet
938Kb / 28P
   CoolSET짰-F3 (Ji tter Version) Off-Line SMPS Cur rent Mode Controller with integrated 650V CoolMOS짰 and Startup cel l (frequency j itter Mode) in DIP-8
Version 2.9 2013-03-25
ICE3B0565JG INFINEON-ICE3B0565JG Datasheet
487Kb / 22P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS
Version 2.0, 14 Nov 2006
More results

Similar Description - ICE3B0565J

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3A0365 INFINEON-ICE3A0365_13 Datasheet
818Kb / 32P
   Off-Line SMPS Cur rent Mode Controller with integrated 650V Startup Cell /Depletion CoolMOS?
Version 2.3, 02 Apr 2013
ICE3BR0665J INFINEON-ICE3BR0665J Datasheet
916Kb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.3, 19 Nov 2012
ICE3A2065ELJ INFINEON-ICE3A2065ELJ_12 Datasheet
788Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.3, 19 Nov 2012
ICE3RBR0665JZ INFINEON-ICE3RBR0665JZ Datasheet
667Kb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.0, 7 Jun 2013
ICE3RBR4765JZ INFINEON-ICE3RBR4765JZ Datasheet
670Kb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.0, 7 Jun 2013
ICE3A1065ELJ INFINEON-ICE3A1065ELJ_12 Datasheet
786Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.3, 19 Nov 2012
ICE3BR0665JZ INFINEON-ICE3BR0665JZ Datasheet
569Kb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.0, 12 Nov 2009
ICE3BR1765JZ INFINEON-ICE3BR1765JZ Datasheet
565Kb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.0, 12 Nov 2009
ICE3BR0665JF INFINEON-ICE3BR0665JF Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.0, 11 Sep 2008
ICE3BR1765J INFINEON-ICE3BR1765J Datasheet
905Kb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.3, 19 Nov 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com