Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P-3000S-101D-04 Datasheet(PDF) 2 Page - Copal Electronics

Part # P-3000S-101D-04
Description  PRESSURE TRANSDUCERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

P-3000S-101D-04 Datasheet(HTML) 2 Page - Copal Electronics

  P-3000S-101D-04 Datasheet HTML 1Page - Copal Electronics P-3000S-101D-04 Datasheet HTML 2Page - Copal Electronics P-3000S-101D-04 Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
P-3000S
PRESSURE TRANSDUCERS
※P-3000S series can be operated at the vacuum pressure.
STANDARD SPECIFICATIONS
ENVIRONMENTAL CHARACTERISTICS
Item
Pressure reference
Rated pressure range
Maximum pressure
Break-down pressure
Operating temp. range
Compensated temp. range
Storage temp.
Operating humidity
Thermal error
(Reference temp.: 25 °C)
Excitation current
Offset voltage
Span voltage
Bridge resistance
Linearity/Hysteresis
Pressure medium
Insulation resistance
Dielectric strength
Pressure port
Response
Net weight
Model number
P-3000S
500G
101G
501G
102G
502G
702G
101D
501D
102D
351A
102A
Gauge
Differential
Absolute
4.9
9.81
49.0
98.1
490
686
± 9.81 ± 49.0 ± 98.1 34.3 (abs) 98.1 (abs)
{0.05}
{0.1}
{0.5}
{1.0}
{5.0}
{7.0}
{
± 0.1} {± 0.5} {± 1.0} {0.35}
{1.0}
9.8
19.6
98.1
196
981
1372
19.6
98.1
196
103 (abs) 196 (abs)
{0.1}
{0.2}
{1.0}
{2.0}
{10}
{14}
{0.2}
{1.0}
{2.0}
{1.05}
{2.0}
24.5
49.0
245
490
1471
2058
49.0
245
490
147 (abs) 490 (abs)
{0.25}
{0.5}
{2.5}
{5.0}
{15}
{21}
{0.5}
{2.5}
{5.0}
{1.5}
{5.0}
Non-corrosive gases
Approx. 5
Approx. 7
Approx. 5
± 3
± 5
70
± 30 50 ± 20
100
± 30
50
± 20
100
± 30
80
± 40
Approx. 1
4700
± 30 %
1.5Constant current
100 (50 V DC)
50 V AC, 60 sLeakage current 1 mA maximum
φ 3.5
0 ~ 50
35 ~ 85No condensation
− 40 ~ 120Atmospheric pressure, humidity 65 %RH maximum
− 20 ~ 100
± 0.5
± 0.3
± 0.25
± 0.5
± 0.3
± 0.5
± 0.04 ± 0.04/0.1 ± 0.02/0.04/0.1
± 0.04
± 0.04/0.1 ± 0.02/0.04/0.1
± 0.04/0.1
± 0.04 ± 0.04/0.1 ± 0.02/0.04/0.1
± 0.04
± 0.04/0.1 ± 0.02/0.04/0.1
± 0.04/0.1
kPa {kgf/cm2}
kPa {kgf/cm2}
kPa {kgf/cm2}
°C
°C
%RH
°C
ZERO
%F.S./°C
%F.S.
SPAN
%F.S./°C
mA DC
mV
mV
Ω
M
Ω
minimum
mm
ms
g
Test item
Test conditions (At 25
± 5 °C)
Permissible change
Vibration
10 ~ 500 Hz, 1.5 mm maximum/98.1 m/s2,
3 directions for 2 hours each
981 m/s2, 3 directions for 3 times each
0 ~ Rated pressure, 106 cycles
40 °C, 90 ~ 95 %RH, 240 hrs.
Offset voltage/Span voltage:
±1 %F.S. maximum each
Shock
Pressure cycling
Moisture resistance
Unless otherwise specified, the specs are defined at an ambient temperature of 25±5 °C and excitation current of 1.5 mA DC.


Similar Part No. - P-3000S-101D-04

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
P-30-A AMPHENOL-P-30-A Datasheet
73Kb / 4P
   Thermometrics
P-30-AA AMPHENOL-P-30-AA Datasheet
73Kb / 4P
   Thermometrics
P-30-B AMPHENOL-P-30-B Datasheet
73Kb / 4P
   Thermometrics
logo
List of Unclassifed Man...
P-302-DB ETC2-P-302-DB Datasheet
45Kb / 1P
   300 Series Deep Bracket (DB)
P-303-DB ETC2-P-303-DB Datasheet
45Kb / 1P
   300 Series Deep Bracket (DB)
More results

Similar Description - P-3000S-101D-04

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PA-838-D COPAL-PA-838-D Datasheet
1,007Kb / 4P
   Pressure Transducers
PA-858 COPAL-PA-858 Datasheet
628Kb / 3P
   PRESSURE TRANSDUCERS
logo
Sensortechnics GmbH
ASDXL05D44D SENSORTECHNICS-ASDXL05D44D Datasheet
50Kb / 4P
   Pressure transducers
logo
Copal Electronics
P-8305 COPAL-P-8305 Datasheet
78Kb / 3P
   PRESSURE TRANSDUCERS
P-8505 COPAL-P-8505 Datasheet
73Kb / 3P
   PRESSURE TRANSDUCERS
P-2000 COPAL-P-2000 Datasheet
75Kb / 3P
   PRESSURE TRANSDUCERS
P-8300 COPAL-P-8300 Datasheet
78Kb / 3P
   PRESSURE TRANSDUCERS
PA-708 COPAL-PA-708 Datasheet
561Kb / 3P
   PRESSURE TRANSDUCERS
logo
Sensortechnics GmbH
DSDX015A2R SENSORTECHNICS-DSDX015A2R Datasheet
83Kb / 8P
   Digital pressure transducers
KTEM8250G4CXSEV SENSORTECHNICS-KTEM8250G4CXSEV Datasheet
57Kb / 4P
   Submersible pressure transducers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com