Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4412 Datasheet(PDF) 4 Page - Linear Integrated Systems

Part # LTC4412
Description  18V Dual Input Micropower PowerPath Prioritizer with Backup Supply Monitoring
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC4412 Datasheet(HTML) 4 Page - Linear Integrated Systems

  LTC4412 Datasheet HTML 1Page - Linear Integrated Systems LTC4412 Datasheet HTML 2Page - Linear Integrated Systems LTC4412 Datasheet HTML 3Page - Linear Integrated Systems LTC4412 Datasheet HTML 4Page - Linear Integrated Systems LTC4412 Datasheet HTML 5Page - Linear Integrated Systems LTC4412 Datasheet HTML 6Page - Linear Integrated Systems LTC4412 Datasheet HTML 7Page - Linear Integrated Systems LTC4412 Datasheet HTML 8Page - Linear Integrated Systems LTC4412 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC4420
4
4420f
For more information www.linear.com/LTC4420
Typical perForMance characTerisTics
V1 Current, V1 Powers OUT
(IOUT = 0)
V2 Current, V2 Powers OUT
(IOUT = 0)
V2 Current, V1 Powers Out
(TA = 25°C, V1 = V2 = 3.6V unless otherwise indicated)
V1 Current, V2 Powers Out
Normalized Falling ADJ
Threshold vs Temperature
Normalized CMP1 and
V2UV Falling Thresholds vs
Temperature
ADJ Hysteresis vs Temperature
ADJ Leakage vs Temperature
Open-Drain (CMPOUT1, GNDSW,
V2OK) VOL vs Pull-Down Current
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
0.990
0.995
1.000
1.005
1.010
4420 G06
V1 = 1.8V
V1 = 3.6V
V1 ≥ 6V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
2.5
3.0
3.5
4.0
4.5
4420 G01
V1 = V2
–40°C
25°C
90°C
V2 VOLTAGE (V)
0
5
10
15
20
150
200
250
300
350
400
450
4420 G03
V1 = V2
–40°C
25°C
90°C
V2 VOLTAGE (V)
0
5
10
15
20
300
350
400
450
500
550
4420 G04
PULL-DOWN CURRENT (mA)
0
0.5
1
1.5
2
0
50
100
150
200
250
4420 G05
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
0.990
0.995
1.000
1.005
1.010
4420 G07
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
30
40
50
60
70
4420 G08
VADJ = 0V, 1.5V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
0.5
1.0
1.5
2.0
2.5
3.0
4420 G09
V2 = 1.8V
V2 = 3.6V
V2 ≥ 6V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
2.5
3.0
3.5
4.0
4420 G02


Similar Part No. - LTC4412

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4412 LINER-LTC4412 Datasheet
156Kb / 12P
   Low Loss PowerPathTM Controller in ThinSOT
logo
Linear Integrated Syste...
LTC4412 LINEAR-LTC4412 Datasheet
195Kb / 18P
   Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC4412 LINER-LTC4412 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4412 LINER-LTC4412 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4412 LINER-LTC4412 Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
More results

Similar Description - LTC4412

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4420 LINER-LTC4420 Datasheet
725Kb / 26P
   18V Dual Input Micropower PowerPath Prioritizer with Backup Supply Monitoring
logo
Linear Integrated Syste...
LTC4420IMSE LINEAR-LTC4420IMSE Datasheet
754Kb / 24P
   18V Dual Input Micropower PowerPath Prioritizer with Backup Supply Monitoring
LTC4419CMSE LINEAR-LTC4419CMSE Datasheet
739Kb / 20P
   18V Dual Input Micropower PowerPath Prioritizer
logo
Linear Technology
LTC4419 LINER-LTC4419 Datasheet
712Kb / 22P
   18V Dual Input Micropower PowerPath Prioritizer
logo
Linear Integrated Syste...
LTC4419IDD LINEAR-LTC4419IDD Datasheet
739Kb / 20P
   18V Dual Input Micropower PowerPath Prioritizer
LTC4419CDD LINEAR-LTC4419CDD Datasheet
739Kb / 20P
   18V Dual Input Micropower PowerPath Prioritizer
logo
Linear Technology
LTC3118 LINER-LTC3118_15 Datasheet
726Kb / 38P
   18V, 2A Buck-Boost DC/DC Converter with Low-Loss Dual Input PowerPath
LTC3118 LINER-LTC3118 Datasheet
1Mb / 40P
   18V, 2A Buck-Boost DC/DC Converter with Low Loss Dual Input PowerPath
logo
Linear Integrated Syste...
LTC3226 LINEAR-LTC3226 Datasheet
441Kb / 16P
   2-Cell Supercapacitor Charger with Backup PowerPath Controller
logo
Linear Technology
LTC3226 LINER-LTC3226_15 Datasheet
237Kb / 16P
   2-Cell Supercapacitor Charger with Backup PowerPath Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com