Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2952 Datasheet(PDF) 11 Page - Linear Integrated Systems

Part # LTC2952
Description  18V Dual Input Micropower PowerPath Prioritizer with Backup Supply Monitoring
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC2952 Datasheet(HTML) 11 Page - Linear Integrated Systems

Back Button LTC2952 Datasheet HTML 7Page - Linear Integrated Systems LTC2952 Datasheet HTML 8Page - Linear Integrated Systems LTC2952 Datasheet HTML 9Page - Linear Integrated Systems LTC2952 Datasheet HTML 10Page - Linear Integrated Systems LTC2952 Datasheet HTML 11Page - Linear Integrated Systems LTC2952 Datasheet HTML 12Page - Linear Integrated Systems LTC2952 Datasheet HTML 13Page - Linear Integrated Systems LTC2952 Datasheet HTML 14Page - Linear Integrated Systems LTC2952 Datasheet HTML 15Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTC4420
11
4420f
For more information www.linear.com/LTC4420
applicaTions inForMaTion
In order to limit output rising slew rate dVOUT/dt, size:
COUT
ILIM
dVOUT
dt
(9)
as the LTC4420 limits OUT charging current to ILIM until
OUT approaches the input supply to within ILIM • RON,
where RON is the channel switch resistance. Refer to the
Thermal Protection and Maximum COUT section to deter-
mine maximum allowed COUT.
Inductive Effects
Parasitic inductance and resistance can impact circuit
performancebycausingovershootandundershootofinput
and output voltages when the LTC4420 turns off. Parasitic
inductance in the power path causes positive-going
overshoot on the input and a negative-going undershoot
on the output. Another cause of positive input overshoot is
R-L-Ctankringingduringhotplugofaninputsupply.Input
overshoot is most pronounced when the total resistance
of the input tank is low. Care must be taken to ensure over
voltage transients do not exceed the Absolute Maximum
ratings of the LTC4420. Additionally, parasitic resistance
and inductance can cause input undershoot (droop)
during power path turn on. If severe enough, undershoot
can temporarily invalidate a supply and cause repeated
power up cycles (motorboating) or unwanted switchover
between sources.
The first step to avoid these issues is to minimize parasitic
inductance and resistance in the power path. Guidelines
are given in the layout section for minimizing parasitic
inductance on the printed circuit board (PCB). External
to the PCB, twist the power and ground wires together to
minimize inductance.
Second, use a bypass capacitor at the input to limit input
voltage overshoot during LTC4420 power path turn off. A
few micro farads is sufficient for most applications. When
hot plugging supplies with large parasitic inductances, it
is possible for the R-L-C tank to ring to more than twice
the nominal supply voltage. Wall adapters and batteries
typicallyhaveenoughloss(i.e.seriesresistance)toprevent
ringing of this magnitude. However, if this is a problem,
snub input capacitor CSN1 with resistor RSN1, typically
0.5Ω. Place this network close to the supply pin.
Third, if an input capacitor is not permissible, use a TVS
(such as SMAJ16CA) in applications when supply pin
transients can exceed 24V. Use a bidirectional TVS in
applications requiring reverse input protection. Note that
a TVS does not address droop and motorboating, which
are solved only by input bypassing.
During normal operation, the LTC4420 limits power path
current to < 1.6A and internal circuitry prevents OUT from
ringing below ground during power path turn off. This is
also true for output shorts when the short is close to the
LTC4420’s OUT pin. However, if the output is shorted
through a long wire, current in the wire inductance (LPAR2
in Figure 3) builds up due to the discharge of COUT1 and
can be much higher than 1.6A. This current causes the
OUT pin to ring below its −0.3V absolute maximum rating
once COUT1 has been fully discharged. For this special
case, split the output capacitor between COUT1 and COUT2
and make COUT1 small. Snub COUT1 with resister RSN2 to
damp R-L-C ringing if required. Size COUT2 to obtain the
requiredtotaloutputcapacitance.Alsoaddadiodebetween
OUT and ground close to the LTC4420 to clamp negative
ringing if the OUT pin rings below –0.3V.
Figure 3. Recommended Inductive Transient Suppression Circuitry
V1
OUT
4420 F03
COUT1
1µF
D1
1N5818
CSN1
5µF
RSN1
0.5
LPAR1
OPTIONAL
LPAR2
OUT
V1
LTC4420
RSN2
1
OPTIONAL
COUT2
10µF


Similar Part No. - LTC2952

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2952 LINER-LTC2952 Datasheet
333Kb / 28P
   Push Button PowerPathTM Controller with Supervisor
LTC2952 LINER-LTC2952 Datasheet
313Kb / 30P
   Pushbutton PowerPathTM Controller with Supervisor
logo
Linear Integrated Syste...
LTC2952 LINEAR-LTC2952 Datasheet
739Kb / 20P
   18V Dual Input Micropower PowerPath Prioritizer
LTC2952 LINEAR-LTC2952 Datasheet
739Kb / 20P
   18V Dual Input Micropower PowerPath Prioritizer
LTC2952 LINEAR-LTC2952 Datasheet
739Kb / 20P
   18V Dual Input Micropower PowerPath Prioritizer
More results

Similar Description - LTC2952

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4420 LINER-LTC4420 Datasheet
725Kb / 26P
   18V Dual Input Micropower PowerPath Prioritizer with Backup Supply Monitoring
logo
Linear Integrated Syste...
LTC4420CDD LINEAR-LTC4420CDD Datasheet
754Kb / 24P
   18V Dual Input Micropower PowerPath Prioritizer with Backup Supply Monitoring
LTC4419CMSE LINEAR-LTC4419CMSE Datasheet
739Kb / 20P
   18V Dual Input Micropower PowerPath Prioritizer
logo
Linear Technology
LTC4419 LINER-LTC4419 Datasheet
712Kb / 22P
   18V Dual Input Micropower PowerPath Prioritizer
logo
Linear Integrated Syste...
LTC4419IDD LINEAR-LTC4419IDD Datasheet
739Kb / 20P
   18V Dual Input Micropower PowerPath Prioritizer
LTC4419CDD LINEAR-LTC4419CDD Datasheet
739Kb / 20P
   18V Dual Input Micropower PowerPath Prioritizer
logo
Linear Technology
LTC3118 LINER-LTC3118_15 Datasheet
726Kb / 38P
   18V, 2A Buck-Boost DC/DC Converter with Low-Loss Dual Input PowerPath
LTC3118 LINER-LTC3118 Datasheet
1Mb / 40P
   18V, 2A Buck-Boost DC/DC Converter with Low Loss Dual Input PowerPath
logo
Linear Integrated Syste...
LTC3226 LINEAR-LTC3226 Datasheet
441Kb / 16P
   2-Cell Supercapacitor Charger with Backup PowerPath Controller
logo
Linear Technology
LTC3226 LINER-LTC3226_15 Datasheet
237Kb / 16P
   2-Cell Supercapacitor Charger with Backup PowerPath Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com