Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA-960 Datasheet(PDF) 4 Page - Copal Electronics

Part # PA-960
Description  PRESSURE TRANSDUCER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PA-960 Datasheet(HTML) 4 Page - Copal Electronics

  PA-960 Datasheet HTML 1Page - Copal Electronics PA-960 Datasheet HTML 2Page - Copal Electronics PA-960 Datasheet HTML 3Page - Copal Electronics PA-960 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Internal Circuit
Load Resistance
Power supply Vopr[VDC]
RL(MAX)
RL(MIN)
PA-968
PA-960
Please refer to the following table or expression to
choose load resistance.
Expression of the load resistance
750
500
250
0
0
10.8
30
24
RL(MAX) Vopr−10.8
0.026
RL(MIN) Vopr−10.8 −507.7
0.026
The warranty period for the product shall be one year. A failure due to causes attributed to design or manufacturing defects during the period one year from the date of delivery shall be
repaired or replaced free of charge. However, the term warranty herein referred to shall imply the warranty for the product unit only, and damages from failure of the product shall be
excluded. The following shall be excluded from the warranty:
⑴Failure or damage caused by improper use and careless operation in violation of the Operating Instructions.
⑵Failure or damage caused by inappropriate modification, adjustment, or repair.
⑶Failure or damage caused by acts of God, fire, or other unavoidable accidents.
⑷Replacement of accessories (cables, etc.) and supplies that come with the product.
[Note]
Copying or reprinting the entire or part of the Operating Instructions shall be prohibited except where exceptions to copyright laws apply. Furthermore, descriptions stated in the
Operating Instructions are subject to change without prior notice.
Warranty
4:CAL
3
2
1
Shield
Brown:Power(+)
Black:Analog Output
Pressure
Blue:CAL
Sensor
Main circuit
4:F.G.
3
2
1
Pressure
Blue:Common
Black:Analog Output
Brown:Power(+)
Sensor
Main circuit
Shield
4


Similar Part No. - PA-960

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PA-960-104P-G3-1 COPAL-PA-960-104P-G3-1 Datasheet
193Kb / 4P
   THIN-FILM HIGH PRESSURE TRANSDUCER
PA-960-104P-G3-2 COPAL-PA-960-104P-G3-2 Datasheet
193Kb / 4P
   THIN-FILM HIGH PRESSURE TRANSDUCER
PA-960-104P-R2-1 COPAL-PA-960-104P-R2-1 Datasheet
193Kb / 4P
   THIN-FILM HIGH PRESSURE TRANSDUCER
PA-960-104P-R2-2 COPAL-PA-960-104P-R2-2 Datasheet
193Kb / 4P
   THIN-FILM HIGH PRESSURE TRANSDUCER
PA-960-354P-G3-1 COPAL-PA-960-354P-G3-1 Datasheet
193Kb / 4P
   THIN-FILM HIGH PRESSURE TRANSDUCER
More results

Similar Description - PA-960

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
M3200 TEC-M3200 Datasheet
389Kb / 10P
   Pressure Transducer
logo
Sensata Technologies, I...
P4055 SENSATA-P4055 Datasheet
402Kb / 5P
   Pressure Transducer
2/7/18
logo
TE Connectivity Ltd
MSP340 TEC-MSP340 Datasheet
194Kb / 6P
   Pressure Transducer
M3200 TEC-M3200_V01 Datasheet
1Mb / 18P
   Pressure Transducer
M3200 TEC-M3200_V02 Datasheet
392Kb / 10P
   Pressure Transducer
logo
Honeywell Solid State E...
142PC05D97 HONEYWELL-142PC05D97 Datasheet
60Kb / 1P
   PRESSURE TRANSDUCER
logo
TE Connectivity Ltd
U5200 TEC-U5200 Datasheet
172Kb / 8P
   Industrial Pressure Transducer
logo
Honeywell Solid State E...
ML01KPS2PG HONEYWELL-ML01KPS2PG Datasheet
205Kb / 2P
   OEM PRESSURE TRANSDUCER
logo
List of Unclassifed Man...
8534A ETC2-8534A Datasheet
85Kb / 2P
   Piezoresistive Pressure Transducer
logo
Advanced XTAL Products
PDK-P-M AXTAL-PDK-P-M Datasheet
170Kb / 1P
   QUARTZ PRESSURE TRANSDUCER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com