Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3388-3 Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # LTC3388-3
Description  18V Dual Input Micropower PowerPath Prioritizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC3388-3 Datasheet(HTML) 1 Page - Linear Integrated Systems

  LTC3388-3 Datasheet HTML 1Page - Linear Integrated Systems LTC3388-3 Datasheet HTML 2Page - Linear Integrated Systems LTC3388-3 Datasheet HTML 3Page - Linear Integrated Systems LTC3388-3 Datasheet HTML 4Page - Linear Integrated Systems LTC3388-3 Datasheet HTML 5Page - Linear Integrated Systems LTC3388-3 Datasheet HTML 6Page - Linear Integrated Systems LTC3388-3 Datasheet HTML 7Page - Linear Integrated Systems LTC3388-3 Datasheet HTML 8Page - Linear Integrated Systems LTC3388-3 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC4419
1
4419f
For more information www.linear.com/LTC4419
Typical applicaTion
FeaTures
DescripTion
18V Dual Input Micropower
PowerPath Prioritizer
The LTC®4419 is a dual input monolithic PowerPath™
prioritizerwithlowoperatingcurrent,thatprovidesbackup
switchover for keeping critical circuitry alive during brown
out and power loss conditions. Unlike diode-OR products,
little current is drawn from the inactive supply even if its
voltage is greater than the active supply.
Internal2Ω,currentlimitedPMOSswitchesprovidepower
path selection from a primary input (V1) or a backup input
(V2) to the output. An adjustable voltage monitor set via
an external resistive divider provides flexibility in setting
the V1 to V2 switchover threshold. When primary input V1
drops, the ADJ monitor input causes OUT to be switched
to V2. Fast non-overlap switchover circuitry prevents both
reverse and cross conduction while minimizing output
droop.
The LTC4419 has two auxiliary comparators with open-
drain outputs that provide flexible voltage monitoring. The
V2ON output indicates if V2 is powering OUT. Freshness
seal mode prevents V2 battery discharge during storage
or shipment.
applicaTions
n
Selects Highest Priority Valid Supply from Two Inputs
n
Wide 1.8V to 18V Operating Range
n
Internal Dual 2Ω, 0.5A Switches
n
Low 3.6µA Operating Current
n
Low 320nA V2 Current When V1 Connected to OUT
n
Blocks Reverse and Cross Conduction Currents
n
Reverse Supply Protection to –15V
n
V2 Freshness Seal/Ship Mode
n
±1.5% Accurate Adjustable Switchover Threshold
n
Two Auxiliary ±2.3% Accurate Voltage Comparators
n
Overcurrent and Thermal Protection
n
Thermally Enhanced 10-Pin 3mm
× 3mm DFN
and 12-Lead Exposed Pad MSOP Packages
n
Low Power Battery Backup
n
Portable Equipment
n
Point-of-Sale (POS) Equipment
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
PowerPath and ThinSOT are trademarks of Linear Technology Corporation. All other trademarks
are the property of their respective owners.
+
1M
1M
V2ON
1M
5V
WALL
ADAPTER
237k
C1
10µF
121k
4.02M
7.4V
Li-Ion
280k
V1
OUT
OUT
V1UV
V2UV
CMPOUT1
CMPOUT2
V2ON
ADJ
CMP1
CMP2
4419 TA01a
SWITCHOVER
THRESHOLD: V1 < 4V (V1 FALLING)
GND
LTC4419
V2
V2UV THRESHOLD: V2 < 6V (V2 FALLING)
V1UV THRESHOLD: V1 < 4.4V (V1 FALLING)
Typical Switchover Waveforms
SWITCHOVER
THRESHOLD
COUT = 10µF
ILOAD = 100mA
OUT
50µs/DIV
V2
2V/DIV
V1
2V/DIV
4419 TA01b


Similar Part No. - LTC3388-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3388-3 LINER-LTC3388-3 Datasheet
1Mb / 18P
   400mA Step-Up DC/DC Converter with Maximum Power Point Control and 250mV Start-Up
LTC3388-3 LINER-LTC3388-3 Datasheet
405Kb / 18P
   Piezoelectric Energy Harvesting Power Supply with 14V Minimum VIN
LTC3388-3 LINER-LTC3388-3 Datasheet
179Kb / 20P
   Energy Harvesting DC/DC with Battery Backup Low Noise LDO Post Regulator
logo
Linear Integrated Syste...
LTC3388-3 LINEAR-LTC3388-3 Datasheet
739Kb / 20P
   18V Dual Input Micropower PowerPath Prioritizer
LTC3388-3 LINEAR-LTC3388-3 Datasheet
739Kb / 20P
   18V Dual Input Micropower PowerPath Prioritizer
More results

Similar Description - LTC3388-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4419 LINER-LTC4419 Datasheet
712Kb / 22P
   18V Dual Input Micropower PowerPath Prioritizer
logo
Linear Integrated Syste...
LTC4419IDD LINEAR-LTC4419IDD Datasheet
739Kb / 20P
   18V Dual Input Micropower PowerPath Prioritizer
LTC4419CDD LINEAR-LTC4419CDD Datasheet
739Kb / 20P
   18V Dual Input Micropower PowerPath Prioritizer
logo
Linear Technology
LTC4420 LINER-LTC4420 Datasheet
725Kb / 26P
   18V Dual Input Micropower PowerPath Prioritizer with Backup Supply Monitoring
logo
Linear Integrated Syste...
LTC4420CDD LINEAR-LTC4420CDD Datasheet
754Kb / 24P
   18V Dual Input Micropower PowerPath Prioritizer with Backup Supply Monitoring
LTC4420IMSE LINEAR-LTC4420IMSE Datasheet
754Kb / 24P
   18V Dual Input Micropower PowerPath Prioritizer with Backup Supply Monitoring
logo
Linear Technology
LTC3118 LINER-LTC3118_15 Datasheet
726Kb / 38P
   18V, 2A Buck-Boost DC/DC Converter with Low-Loss Dual Input PowerPath
LTC3118 LINER-LTC3118 Datasheet
1Mb / 40P
   18V, 2A Buck-Boost DC/DC Converter with Low Loss Dual Input PowerPath
logo
Union Semiconductor, In...
UM1430 UNIONSEMI-UM1430 Datasheet
660Kb / 19P
   18V Input, 100mA Current Limited, Micropower Linear Regulator
logo
Linear Technology
LTC1473 LINER-LTC1473_15 Datasheet
210Kb / 16P
   Dual PowerPath Switch Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com